Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C410C151J1G5TA Datasheet(PDF) 1 Page - Kemet Corporation

Part # C410C151J1G5TA
Description  Ceramic, AxiMax, 150 pF, 5%, 100 V, C0G, AxiMax, Commercial Standard
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C410C151J1G5TA Datasheet(HTML) 1 Page - Kemet Corporation

  C410C151J1G5TA Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/20/2017 - 9ecb27fc-b225-45e7-a41e-a47906add65e
KEMET Part Number: C410C151J1G5TA
(C410C151J1G5TABULK)
Ceramic, AxiMax, 150 pF, 5%, 100 V, C0G, AxiMax, Commercial Standard
Dimensions
D
2.31mm MAX
L
4.32mm MAX
LL
25.4mm +0.025/-0.076mm
F
0.51mm +0.025/-0.076mm
Packaging Specifications
Packaging: Bulk, Bag
Packaging Quantity: 300
General Information
Series: AxiMax
Description: AxiMax, Commercial Standard
RoHS: Yes
Termination: Tin
Failure Rate: N/A
Specifications
Capacitance: 150 pF
Capacitance Tolerance: 5%
Voltage DC: 100 VDC
Dielectric Withstanding
Voltage: 250 V
Temperature Range: -55/+125C
Temperature Coefficient: C0G
Dissipation Factor: 0.1%
Aging Rate: 0% Loss/Decade Hour
Insulation Resistance: 100 GOhms
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C410C151J1G5TA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C410C154K5N5TA9170 KEMET-C410C154K5N5TA9170 Datasheet
59Kb / 1P
   AxiMax 400 Auto X8L HT150C, Ceramic, 0.15 uF, 10%, 50 V, X8L, AxiMax, Automotive Grade
More results

Similar Description - C410C151J1G5TA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C410C102J1G5TA7200 KEMET-C410C102J1G5TA7200 Datasheet
66Kb / 1P
   Ceramic, AxiMax, 1000 pF, 5%, 100 V, C0G, AxiMax, Commercial Standard
C410C101J1G5TA KEMET-C410C101J1G5TA Datasheet
58Kb / 1P
   Ceramic, AxiMax, 100 pF, 5%, 100 V, C0G, AxiMax, Commercial Standard
C410C101J1G5TA7200 KEMET-C410C101J1G5TA7200 Datasheet
66Kb / 1P
   Ceramic, AxiMax, 100 pF, 5%, 100 V, C0G, AxiMax, Commercial Standard
C410C102J1G5TA KEMET-C410C102J1G5TA Datasheet
58Kb / 1P
   Ceramic, AxiMax, 1000 pF, 5%, 100 V, C0G, AxiMax, Commercial Standard
C410C220J1G5TA KEMET-C410C220J1G5TA Datasheet
58Kb / 1P
   Ceramic, AxiMax, 22 pF, 5%, 100 V, C0G, AxiMax, Commercial Standard
C410C300J1G5TA7200 KEMET-C410C300J1G5TA7200 Datasheet
66Kb / 1P
   Ceramic, AxiMax, 30 pF, 5%, 100 V, C0G, AxiMax, Commercial Standard
C410C102K1G5TA7200 KEMET-C410C102K1G5TA7200 Datasheet
66Kb / 1P
   Ceramic, AxiMax, 1000 pF, 10%, 100 V, C0G, AxiMax, Commercial Standard
C410C102J5G5TA7200 KEMET-C410C102J5G5TA7200 Datasheet
66Kb / 1P
   Ceramic, AxiMax, 1000 pF, 5%, 50 V, C0G, AxiMax, Commercial Standard
C420C222J5G5TA7200 KEMET-C420C222J5G5TA7200 Datasheet
66Kb / 1P
   Ceramic, AxiMax, 2200 pF, 5%, 50 V, C0G, AxiMax, Commercial Standard
C410C102K1R5TA7200 KEMET-C410C102K1R5TA7200 Datasheet
66Kb / 1P
   Ceramic, AxiMax, 1000 pF, 10%, 100 V, X7R, AxiMax, Commercial Standard
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com