Electronic Components Datasheet Search |
|
SMUA61-S08 Datasheet(PDF) 2 Page - Vitec Power |
|
SMUA61-S08 Datasheet(HTML) 2 Page - Vitec Power |
2 / 2 page Electrical Characteristics Parameter Test Conditions Min. Typ. Max. Unit Input Voltage Operating Voltage 90 264 VAC Input Frequency 47 63 Hz Output Power Range Vin=90 to 264 VAC 0 63 W Input Current (Low Line) Io=Full load, Vin=115VAC 1.6 A Input Current (High Line) Io=Full load, Vin=230VAC 0.8 A Low Line Inrush Current Io=Full load, 25°C,Cool start, Vin=115VAC 15 18 A High Line Inrush Current Io=Full load, 25°C,Cool start, Vin=230VAC 21 25 A Efficiency Io=Full load, Vin=230VAC 70 80 85 % Line Regulation Io=Full load 0.5 1 % Load Regulation Vin=230VAC 3 7 % Over Voltage Protection 112 132 % Over Current Protection 110 150 % Transient Response Io=Full load to Half Load, Vin=100VAC 4 mS Hold-Up Time Io=Full load, Vin=110VAC 16 mS Start Up Time Io=Full load, Vin=100VAC 0.3 1 2 S * Ripple & Noise (Peak to Peak) Full load, Vin=90VAC 0.5 1 % Safety Ground Leakage Current Io=Full load, Vin=240VAC 0.1 0.3 mA Temperature Coefficient All output -0.04 0.04 %/°C * Note: The Ripple & Noise which is under 3.3VDC at 2% max The range of OCP is set between 110-150% of total output power . Conditions Parameter Test Conditions Min. Typ. Max. Unit Operating Temperature 0 70 °C Storage Temperature -40 85 °C Relative Humidity 5 95 % Operating Temperature at 25°C, Calculated per MIL-HDBK-217F 0.1M Hrs De-rate linearly from 100% load at 50°C to 50% load at 70°C Approvals and Compliance Parameter Test Conditions Min. Unit Dielectric Withstanding Voltage for Primary to secondary Primary to secondary 5656 VDC Dielectric Withstanding Voltage for Primary to Ground Primary to ground 2828 VDC Isolation Resistance Test Voltage = 500VDC 50 MΩ EMI requirements for CISPR-11 Vin=220VAC B CLASS EMI requirements for FCC PART-18 Vin=110VAC B CLASS Mechanical and PIN out PIN CHART PIN MODEL 1 2 3 4 5 6 7 8 (Optional) SMUA61-SXX OUT OUT OUT RTN RTN RTN RTN PFD SMUA61-DXX Vo2 Vo1 Vo1 COM COM N/C N/C PFD SMUA61-D15 N/C Vo1 Vo1 COM COM Vo3 N/C PFD SMUA61-TXX Vo2 Vo1 Vo1 COM COM Vo3 N/C PFD SMUA61-QXX Vo2 Vo1 Vo1 COM COM Vo3 Vo4 PFD Note: Vo1: Output#1 Vo2:Output#2 Vo3:Output#3 Vo4:Output#4 Note: 1.Dimensions are shown in mm. 2.Weight: 425g approx. 3.Input connector mates with Molex housing 09-50-3051 and Molex 2478 series crimp terminal. 4.Output connector mates with Molex housing 09-50-3081 and Molex 2478 series crimp |
Similar Part No. - SMUA61-S08 |
|
Similar Description - SMUA61-S08 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |