Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC2500 Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # 2SC2500
Description  TO-92L Plastic-Encapsulate Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

2SC2500 Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  2SC2500 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC2500 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC2500 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC2500 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-92L Plastic-Encapsulate Transistors
2SC2500
TRANSISTOR (NPN)
FEATURES
Strobe Flash Applications
Medium Power Amplifier Applications
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
30
V
VCEO
Collector-Emitter Voltage
10
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current -Continuous
2
A
PC
Collector Power Dissipation
900
mW
TJ
Junction Temperature
150
Tstg
Storage Temperature
-55 to +150
TO-92L
1. EMITTER
2. COLLECTOR
3. BASE
JC T
www.cj-elec.com
1
www.cj-elec.com
0$5.,1*
Equivalent Circuit
C2500 'HYLFHFRGH
;;; &RGH
ORDERING INFORMATION
Part Number
Package
Packing Method
Pack Quantity
TO-92L
Bulk
TO-92L
Tape
2SC2500
2SC2500-TA
C2500
;;;
z
D,Aug,2017
500pcs/Bag
2000pcs/Box
Soliddot= Green molding compound device,
if none, the normal device


Similar Part No. - 2SC2500

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2500 TOSHIBA-2SC2500 Datasheet
153Kb / 2P
   TRANSISTOR (STROBE FLASH, MEDIUM POWER AMPLIFIER APPLICATIONS)
2SC2500 TOSHIBA-2SC2500 Datasheet
120Kb / 4P
   Silicon NPN Epitaxial Type (PCT Process)
logo
Foshan Blue Rocket Elec...
2SC2500 FOSHAN-2SC2500 Datasheet
1Mb / 6P
   Silicon NPN transistor in a TO-92LM Plastic Package
logo
Toshiba Semiconductor
2SC2500 TOSHIBA-2SC2500_06 Datasheet
120Kb / 4P
   Silicon NPN Epitaxial Type (PCT Process)
More results

Similar Description - 2SC2500

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
2SB649 JIANGSU-2SB649 Datasheet
4Mb / 3P
   TO-92L Plastic-Encapsulate Transistors
KTA1024 JIANGSU-KTA1024 Datasheet
5Mb / 3P
   TO-92L Plastic-Encapsulate Transistors
3DG8051 JIANGSU-3DG8051 Datasheet
3Mb / 3P
   TO-92L Plastic-Encapsulate Transistors
2SC2236 JIANGSU-2SC2236 Datasheet
2Mb / 4P
   TO-92L Plastic-Encapsulate Transistors
KTA1274 JIANGSU-KTA1274 Datasheet
8Mb / 5P
   TO-92L Plastic-Encapsulate Transistors
logo
Nanjing International G...
2SC2383L DGNJDZ-2SC2383L Datasheet
1Mb / 5P
   TO-92L Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
KTC3207 JIANGSU-KTC3207 Datasheet
4Mb / 3P
   TO-92L Plastic-Encapsulate Transistors
2SC1383 JIANGSU-2SC1383 Datasheet
4Mb / 4P
   TO-92L Plastic-Encapsulate Transistors
KTD863 JIANGSU-KTD863 Datasheet
4Mb / 3P
   TO-92L Plastic-Encapsulate Transistors
logo
Nanjing International G...
2SA684L DGNJDZ-2SA684L Datasheet
1Mb / 5P
   TO-92L Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com