Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPIC3302 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPIC3302
Description  3-CHANNEL COMMON-DRAIN POWER DMOS ARRAY
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC3302 Datasheet(HTML) 3 Page - Texas Instruments

  TPIC3302 Datasheet HTML 1Page - Texas Instruments TPIC3302 Datasheet HTML 2Page - Texas Instruments TPIC3302 Datasheet HTML 3Page - Texas Instruments TPIC3302 Datasheet HTML 4Page - Texas Instruments TPIC3302 Datasheet HTML 5Page - Texas Instruments TPIC3302 Datasheet HTML 6Page - Texas Instruments TPIC3302 Datasheet HTML 7Page - Texas Instruments TPIC3302 Datasheet HTML 8Page - Texas Instruments TPIC3302 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TPIC3302
3-CHANNEL COMMON-DRAIN POWER DMOS ARRAY
SLIS021B – APRIL 1994 – REVISED JULY 1995
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
2–3
resistive-load switching characteristics, TC = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
td(on)
Turn-on delay time
21
42
td(off)
Turn-off delay time
VDD = 25 V,
RL = 50 Ω,ten = 10 ns,
20
40
ns
tr
Rise time
DD
,
tdis = 10 ns,
L
,
See Figure 2
en
,
5
10
ns
tf
Fall time
13
26
Qg
Total gate charge
V48 V
I0 5 A
V10 V
3.1
3.8
Qgs(th) Threshold gate-to-source charge
VDS = 48 V,
See Figure 3
ID = 0.5 A,
VGS = 10 V,
0.4
0.5
nC
Qgd
Gate-to-drain charge
See Figure 3
1.3
1.6
LD
Internal drain inductance
5
nH
LS
Internal source inductance
5
nH
Rg
Internal gate resistance
0.25
thermal resistance
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
R
θJA
Junction-to-ambient thermal resistance
All outputs with equal power
See Note 4
130
°C/W
R
θJP
Junction-to-pin thermal resistance
All outputs with equal power,
See Note 4
44
°C/W
NOTE 4: Package mounted on an FR4 printed-circuit board with no heat sink
PARAMETER MEASUREMENT INFORMATION
25% of IRM†
TJ = 25°C
Reverse di/dt = 100 A/
µs
trr(SD)
IRM†
† IRM = maximum recovery current
Time – ns
0
25
50
75
100
125
150
1
0.5
0
– 0.5
– 1
– 1.5
– 2
– 2.5
– 3
175
200
225
250
Figure 1. Reverse-Recovery-Current Waveform of Source-to-Drain Diode


Similar Part No. - TPIC3302

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC3302 TI1-TPIC3302 Datasheet
219Kb / 12P
[Old version datasheet]   3-CHANNEL COMMON-DRAIN POWER DMOS ARRAY
TPIC3302D TI1-TPIC3302D Datasheet
219Kb / 12P
[Old version datasheet]   3-CHANNEL COMMON-DRAIN POWER DMOS ARRAY
TPIC3302 TI1-TPIC3302_11 Datasheet
219Kb / 12P
[Old version datasheet]   3-CHANNEL COMMON-DRAIN POWER DMOS ARRAY
More results

Similar Description - TPIC3302

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC3302 TI1-TPIC3302_11 Datasheet
219Kb / 12P
[Old version datasheet]   3-CHANNEL COMMON-DRAIN POWER DMOS ARRAY
TPIC3322L TI1-TPIC3322L Datasheet
217Kb / 12P
[Old version datasheet]   3-CHANNEL COMMON-DRAIN LOGIC-LEVEL POWER DMOS ARRAY
TPIC2301 TI1-TPIC2301 Datasheet
160Kb / 9P
[Old version datasheet]   3-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2322L TI-TPIC2322L Datasheet
264Kb / 13P
[Old version datasheet]   3-CHANNEL COMMON-SOURCE LOGIC-LEVEL POWER DMOS ARRAY
TPIC2701 TI1-TPIC2701_12 Datasheet
342Kb / 18P
[Old version datasheet]   7-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2401 TI1-TPIC2401 Datasheet
214Kb / 10P
[Old version datasheet]   4-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2601 TI-TPIC2601 Datasheet
186Kb / 10P
[Old version datasheet]   6-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2701 TI-TPIC2701 Datasheet
245Kb / 15P
[Old version datasheet]   7-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2202 TI1-TPIC2202 Datasheet
178Kb / 11P
[Old version datasheet]   2-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC5302 TI-TPIC5302 Datasheet
171Kb / 11P
[Old version datasheet]   3-CHANNEL INDEPENDENT POWER DMOS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com