Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN779FFH Datasheet(PDF) 1 Page - Rohm

Part # RN779FFH
Description  PIN Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RN779FFH Datasheet(HTML) 1 Page - Rohm

  RN779FFH Datasheet HTML 1Page - Rohm RN779FFH Datasheet HTML 2Page - Rohm RN779FFH Datasheet HTML 3Page - Rohm RN779FFH Datasheet HTML 4Page - Rohm RN779FFH Datasheet HTML 5Page - Rohm RN779FFH Datasheet HTML 6Page - Rohm RN779FFH Datasheet HTML 7Page - Rohm RN779FFH Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
RN779FFH
  PIN Diodes
(AEC-Q101 qualified)
Data sheet
 
   
   
   
   
   
   
   
   
 
Outline
VR
50
V
     
 
IF
50
mA
 
 
Ct
0.9
pF
 
 
rF
7.0
Ω
 
 
 
     
Feature
Inner Circuit
High reliability
Small mold type
Low rF
Application
Packaging Specification
Auto Gain control circuit
Packing
Embossed Tape
Reel Size(mm)
180
Taping Width(mm)
8
Structure
Basic Ordering Unit(pcs)
3000
SILICON DIFFUSED p-n JUNCTION SILICON
Taping Code
T106
Marking
5M
Absolute Maximum Rating (Ta = 25ºC)
               
Parameter
Symbol
Limits
Unit
Reverse voltage
VR
50
V
Forward current
IF
50
mA
Junction temperature
Tj
150
Storage temperature
Tstg
-55 150
Characteristic (Ta = 25ºC)
         
Value per element
Parameter
Symbol
Conditions
Min.
Typ. Max.
Unit
Forward voltage
VF
IF=10mA
-
-
1.0
V
Reverse current
IR
VR=50V
-
-
100
nA
Capacitance between terminals
Ct
VR=35V f=1.0MHz
-
-
0.9
pF
High frequency forward resistance
rF
IF=10mA f=100MHz
-
-
7.0
Ω
                                                                                         
www.rohm.com
© 2017 ROHMCo., Ltd. All rights reserved.
1/4
 
2017/01/23_Rev.002


Similar Part No. - RN779FFH

ManufacturerPart #DatasheetDescription
logo
Rohm
RN779FFHT ROHM-RN779FFHT Datasheet
1Mb / 7P
   PIN Diodes
More results

Similar Description - RN779FFH

ManufacturerPart #DatasheetDescription
logo
Rohm
RN771V ROHM-RN771V_17 Datasheet
1Mb / 8P
   PIN Diodes
RN779D ROHM-RN779D_15 Datasheet
1Mb / 8P
   PIN Diodes
RN141CM ROHM-RN141CM Datasheet
1Mb / 8P
   PIN Diodes
logo
Jiangsu Changjiang Elec...
BAP50-05W JIANGSU-BAP50-05W Datasheet
200Kb / 3P
   pin Diodes
logo
M/A-COM Technology Solu...
MADP-042XX8 MA-COM-MADP-042XX8_15 Datasheet
218Kb / 4P
   PIN Diodes
logo
Rohm
RN141S ROHM-RN141S_17 Datasheet
1Mb / 8P
   PIN Diodes
RN142ZS8A ROHM-RN142ZS8A_17 Datasheet
1Mb / 8P
   PIN Diodes
RN242CS ROHM-RN242CS_15 Datasheet
1Mb / 8P
   PIN Diodes
RN262CS ROHM-RN262CS_15 Datasheet
1Mb / 8P
   PIN Diodes
RN262G ROHM-RN262G_15 Datasheet
1Mb / 8P
   PIN Diodes
RN731V ROHM-RN731V_17 Datasheet
1Mb / 8P
   PIN Diodes
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com