Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL7733BCD Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TL7733BCD
Description  SUPPLY-VOLTAGE SUPERVISORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL7733BCD Datasheet(HTML) 4 Page - Texas Instruments

  TL7733BCD Datasheet HTML 1Page - Texas Instruments TL7733BCD Datasheet HTML 2Page - Texas Instruments TL7733BCD Datasheet HTML 3Page - Texas Instruments TL7733BCD Datasheet HTML 4Page - Texas Instruments TL7733BCD Datasheet HTML 5Page - Texas Instruments TL7733BCD Datasheet HTML 6Page - Texas Instruments TL7733BCD Datasheet HTML 7Page - Texas Instruments TL7733BCD Datasheet HTML 8Page - Texas Instruments TL7733BCD Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TL7702B, TL7705B, TL7733B
SUPPLY-VOLTAGE SUPERVISORS
SLVS037M – SEPTEMBER 1989 – REVISED MAY 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC (see Note 1)
20 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI: RESIN
–0.3 V to 20 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SENSE
–0.3 V to 20 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
High-level output current, IOH (RESET)
–30 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Low-level output current, IOL (RESET)
30 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Notes 2 and 3):D package
97
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
P package
85
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature, TJ
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Case temperature for 60 seconds, TC: FK package
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 60 seconds: JG or U packages
300
°C
. . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds: D or P packages
260
°C
. . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values are with respect to the network ground terminal.
2. Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable
ambient temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
3. The package thermal impedance is calculated in accordance with JESD 51-7.
recommended operating conditions
MIN
MAX
UNIT
VCC
Supply voltage
3.6
18
V
VIH
High-level input voltage
RESIN
2
18
V
VIL
Low-level input voltage
RESIN
0
0.8
V
VI
Input voltage
SENSE
0
18
V
IOH
High-level output current
RESET
–20
mA
IOL
Low-level output current
RESET
20
mA
TL77xxBC
0
70
TA
Operating free-air temperature range
TL77xxBI
–40
85
°C
TA
O erating free-air tem erature range
TL7705BQ
–40
125
°C
TL7705BM
–55
125
The TL7705BM is obsolete
and no longer is supplied.


Similar Part No. - TL7733BCD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL7733BCD TI-TL7733BCD Datasheet
388Kb / 18P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7733BCD TI-TL7733BCD Datasheet
577Kb / 20P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7733BCDE4 TI-TL7733BCDE4 Datasheet
388Kb / 18P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7733BCDE4 TI-TL7733BCDE4 Datasheet
577Kb / 20P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7733BCDG4 TI-TL7733BCDG4 Datasheet
577Kb / 20P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
More results

Similar Description - TL7733BCD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL7702B TI-TL7702B_06 Datasheet
388Kb / 18P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7759 TI-TL7759_06 Datasheet
257Kb / 12P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702A TI-TL7702A Datasheet
140Kb / 10P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702B TI-TL7702B Datasheet
159Kb / 11P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702A TI-TL7702A_10 Datasheet
552Kb / 21P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702B TI-TL7702B_08 Datasheet
577Kb / 20P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702A TI-TL7702A_03 Datasheet
346Kb / 17P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
logo
STMicroelectronics
TL7700A STMICROELECTRONICS-TL7700A Datasheet
50Kb / 7P
   SUPPLY VOLTAGE SUPERVISORS
logo
Texas Instruments
TL7759 TI-TL7759 Datasheet
87Kb / 6P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
logo
STMicroelectronics
TL7700 STMICROELECTRONICS-TL7700 Datasheet
67Kb / 7P
   SUPPLY VOLTAGE SUPERVISORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com