Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA-205-S Datasheet(PDF) 1 Page - LEM

Part # LA-205-S
Description  Current Transducer LA 205-S
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LA-205-S Datasheet(HTML) 1 Page - LEM

  LA-205-S Datasheet HTML 1Page - LEM LA-205-S Datasheet HTML 2Page - LEM LA-205-S Datasheet HTML 3Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
110126/9
www.lem.com
Page 1/3
Current Transducer LA 205-S
For the electronic measurement of currents: DC, AC, pulsed...,
with galvanic isolation between the primary circuit (high power)
and the secondary circuit (electronic circuit).
Electrical data
I
PN
Primary nominal current rms
200
A
I
PM
Primary current, measuring range
0 .. ± 300
A
î
P max
Measuring overload 1)
600
A
T
A = 70°C
T
A = 85°C
R
M
Measuring resistance
R
M min RM max RM min RM max
with ± 12 V
@ ± 200 A
max
0
68
0
66 Ω
@ ± 300 A
max
0
33
0
30 Ω
with ± 15 V
@ ± 200 A
max
5
95
5
93 Ω
@ ± 300 A
max
5
50
5
49 Ω
I
SN
Secondary nominal current rms
100
mA
K
N
Conversion ratio
1 : 2000
V
C
Supply voltage (± 5 %)
± 12 .. 15
V
I
C
Current consumption
20 (@ ± 15 V) +
I
S mA
X
G
Overall accuracy @
I
PN , TA = 25°C
± 0.8
%
Accuracy - Dynamic performance data
ε
L
Linearity error
< 0.1
%
Typ
Max
I
O
Offset current @
I
P = 0, TA = 25°C
± 0.15
mA
I
OM
Magnetic offset current 2) @
I
P = 0 and specified RM,
mA
after an overload of 3 x
I
PN
± 0.50
mA
I
OT
Temperature variation of
I
O
- 10°C .. + 85°C
± 0.15 ± 0.30
mA
t
ra
Reaction time @ 10 % of
I
PN
< 500
ns
t
r
Response time 3) @ 90 % of
I
PN step
< 1
µs
di/dt
di/dt accurately followed
> 100
A/µs
BW
Frequency bandwidth (- 3 dB)
DC .. 100
kHz
T
A
Ambient operating temperature
- 10 .. + 85
°C
General data
T
S
Ambient storage temperature
- 40 .. + 90
°C
R
S
Secondary coil resistance
@
T
A = 70°C
35
@
T
A = 85°C
37
m
Mass
110
g
Standards
EN 50178: 1997
Notes: 1) 3 mn/hour @
V
C = ± 15 V, RM = 5 Ω
2)
The result of the coercive force (Hc) of the magnetic circuit
3)
With a di/dt of 100 A/µs.
I
PN = 200 A
Features
● Closed loop (compensated)
current transducer using the Hall
effect
● Isolated plastic case recognized
according to UL 94-V0
● Patent pending.
Advantages
● Excellent accuracy
● Very good linearity
● Low temperature drift
● Optimized response time
● Wide frequency bandwidth
● No insertion losses
● High immunity to external
interference
● Current overload capability.
Applications
● AC variable speed drives and
servo motor drives
● Static converters for DC motor
drives
● Battery supplied applications
● Uninterruptible Power Supplies
(UPS)
● Switched Mode Power Supplies
(SMPS)
● Power supplies for welding
applications.
Application domain
● Industrial.
16137


Similar Part No. - LA-205-S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LA-20-100 ETC2-LA-20-100 Datasheet
117Kb / 1P
   TYPE LA 5 through 150 Amperes
LA-20-100 ETC2-LA-20-100 Datasheet
117Kb / 1P
   DC Ammeter Shunts
LA-20-50 ETC2-LA-20-50 Datasheet
117Kb / 1P
   TYPE LA 5 through 150 Amperes
LA-20-50 ETC2-LA-20-50 Datasheet
117Kb / 1P
   DC Ammeter Shunts
More results

Similar Description - LA-205-S

ManufacturerPart #DatasheetDescription
logo
LEM
LA205-S LEM-LA205-S Datasheet
73Kb / 2P
   Current Transducer LA 205-S
LF205-S LEM-LF205-S Datasheet
61Kb / 2P
   CURRENT TRANSDUCER LF 205-S
LA305-S LEM-LA305-S Datasheet
65Kb / 2P
   Current Transducer LA 305-S
LA255-S LEM-LA255-S Datasheet
66Kb / 2P
   Current Transducer LA 255-S
LA100-S LEM-LA100-S Datasheet
27Kb / 2P
   Current Transducer LA 100-S/SP1
LA50-S LEM-LA50-S Datasheet
128Kb / 2P
   Current Transducer LA 50-S/SP1
LF205-P LEM-LF205-P Datasheet
48Kb / 2P
   Current Transducer LF 205-P
LF205P LEM-LF205P Datasheet
73Kb / 2P
   Current Transducer LF 205-P/SP1
LA-100-P LEM-LA-100-P Datasheet
639Kb / 3P
   Current Transducer LA 100-P
LA100P LEM-LA100P Datasheet
69Kb / 2P
   CURRENT TRANSDUCER LA 100-P
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com