Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNY17-1X006 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # CNY17-1X006
Description  Optocoupler, Phototransistor Output, with Base Connection
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CNY17-1X006 Datasheet(HTML) 5 Page - Vishay Siliconix

  CNY17-1X006 Datasheet HTML 1Page - Vishay Siliconix CNY17-1X006 Datasheet HTML 2Page - Vishay Siliconix CNY17-1X006 Datasheet HTML 3Page - Vishay Siliconix CNY17-1X006 Datasheet HTML 4Page - Vishay Siliconix CNY17-1X006 Datasheet HTML 5Page - Vishay Siliconix CNY17-1X006 Datasheet HTML 6Page - Vishay Siliconix CNY17-1X006 Datasheet HTML 7Page - Vishay Siliconix CNY17-1X006 Datasheet HTML 8Page - Vishay Siliconix CNY17-1X006 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
CNY17
www.vishay.com
Vishay Semiconductors
Rev. 2.1, 08-Jan-14
5
Document Number: 83606
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 5 - Forward Voltage vs. Forward Current
Fig. 6 - Collector Current vs. Collector Emitter Voltage (NS)
Fig. 7 - Collector Current vs. Collector Emitter Voltage (sat)
Fig. 8 - Leakage Current vs. Ambient Temperature
Fig. 9 - Normalized CTR (NS) vs. Ambient Temperature
Fig. 10 - Normalized CTR (sat) vs. Ambient Temperature
0.6
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.8
0.1
1
10
100
I
F - Forward Current (mA)
T
amb = - 55 °C
1.5
0.7
T
amb = - 25 °C
T
amb = 110 °C
1.6
1.7
T
amb = 0 °C
T
amb = 25 °C
T
amb = 50 °C
T
amb = 75 °C
T
amb = 100 °C
0
20
30
40
50
60
01
78
V
CE - Collector Emitter Voltage (NS) (V)
10
6
5
4
3
2
I
F = 20 mA
I
F = 15 mA
I
F = 10 mA
I
F = 30 mA
I
F = 5 mA
0
10
15
20
25
00.4
V
CE - Collector Emitter Voltage (sat) (V)
5
0.3
0.2
0.1
I
F = 10 mA
I
F = 25 mA
I
F = 5 mA
I
F = 2 mA
I
F = 1 mA
0.001
0.01
0.1
10
1
100
1000
10 000
- 60
120
T
amb - Ambient Temperature (°C)
V
CE = 40 V
- 40
80
60
40
20
0
- 20
I
F = 0 mA
V
CE = 12 V
V
CE = 24 V
100
0
0.2
0.6
0.4
0.8
1.0
1.2
-60
120
T
amb - Ambient Temperature (°C)
-40
80
60
40
20
0
-20
I
F = 10 mA
V
CE = 5 V
100
0
0.2
0.6
0.4
0.8
1.0
1.2
-60
120
T
amb - Ambient Temperature (°C)
-40
80
60
40
20
0
-20
I
F = 10 mA
V
CE = 0.4 V
100


Similar Part No. - CNY17-1X006

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY17-1X006 VISHAY-CNY17-1X006 Datasheet
192Kb / 10P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.5, 26-Oct-04
CNY17-1X006 VISHAY-CNY17-1X006 Datasheet
129Kb / 9P
   Optocoupler, Phototransistor Output,
Rev. 1.5, 09-Nov-05
CNY17-1X006 VISHAY-CNY17-1X006 Datasheet
190Kb / 8P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.9, 25-Oct-12
CNY17-1X006 VISHAY-CNY17-1X006 Datasheet
209Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
01-Jan-2022
More results

Similar Description - CNY17-1X006

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
4N25 VISHAY-4N25 Datasheet
147Kb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.4, 26-Jan-05
IL1 VISHAY-IL1 Datasheet
136Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.5, 08-May-08
SFH601 VISHAY-SFH601_15 Datasheet
171Kb / 10P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.6, 23-Jul-15
IL2 VISHAY-IL2_V02 Datasheet
136Kb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
01-Jan-2023
H11A1 VISHAY-H11A1 Datasheet
144Kb / 8P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.7, 23-Jul-15
CNY17G VISHAY-CNY17G Datasheet
132Kb / 9P
   Optocoupler, Phototransistor Output,with Base Connection
Rev. 1.4, 08-May-08
CNY17 VISHAY-CNY17_V02 Datasheet
209Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
01-Jan-2023
CNY17 VISHAY-CNY17_V01 Datasheet
209Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
01-Jan-2022
SFH601 VISHAY-SFH601 Datasheet
2Mb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.4, 26-Oct-04
SFH600 VISHAY-SFH600 Datasheet
137Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.5, 10-Jan-08
CNY17 VISHAY-CNY17 Datasheet
192Kb / 10P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.5, 26-Oct-04
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com