Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNY651AGR Datasheet(PDF) 8 Page - Vishay Siliconix

Part # CNY651AGR
Description  Optocoupler, Phototransistor Output, Very High Isolation Voltage
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CNY651AGR Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button CNY651AGR Datasheet HTML 2Page - Vishay Siliconix CNY651AGR Datasheet HTML 3Page - Vishay Siliconix CNY651AGR Datasheet HTML 4Page - Vishay Siliconix CNY651AGR Datasheet HTML 5Page - Vishay Siliconix CNY651AGR Datasheet HTML 6Page - Vishay Siliconix CNY651AGR Datasheet HTML 7Page - Vishay Siliconix CNY651AGR Datasheet HTML 8Page - Vishay Siliconix CNY651AGR Datasheet HTML 9Page - Vishay Siliconix CNY651AGR Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
CNY651 Series
www.vishay.com
Vishay Semiconductors
Rev. 1.0, 12-Feb-14
8
Document Number: 82566
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGE DIMENSIONS in millimeters FOR CNY651A...
PACKAGE MARKING (Example of CNY651AYST)
Note
• The “T” at the end of the product designation is not marked on the package
TUBE AND TAPE INFORMATION
Fig. 18 - CNY651
TAPE DIMENSIONS in millimeters FOR CNY651A...ST
TUBE INFORMATION
TYPE
UNITS/TUBE
TUBES/BOX
UNITS/BOX
CNY651
30
35
1050
technical drawings
according to DIN
specifications
Cathode
Anode
Collector
Emitter
9.6 ± 0.1
7.62 ± 0.2
15.24 ± 0.2
17.8 ± 0.1
CNY651AYS
V YWWJ 69
15914
Leader (start) min. 400 mm without devices
Trailer (end) min. 200 mm without devices
0.4 ± 0.05
5.65
8
25.5
Direction of feed
9.9
Ø 1.55 ± 0.05
2 ± 0.15
4 ± 0.1
Ø 2 min.
16 ± 0.1
32 ± 0.3
14.2 ± 0.10
18.1
1.75 ± 0.1
Top cover
tape


Similar Part No. - CNY651AGR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY651AGR VISHAY-CNY651AGR Datasheet
179Kb / 11P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
01-Jan-2022
CNY651AGRST VISHAY-CNY651AGRST Datasheet
179Kb / 11P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
01-Jan-2022
More results

Similar Description - CNY651AGR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY64AYST VISHAY-CNY64AYST Datasheet
166Kb / 11P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
Rev. 1.0, 20-Sep-11
CNY64AYST VISHAY-CNY64AYST_V01 Datasheet
189Kb / 12P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
01-Jan-2022
CNY66 VISHAY-CNY66_V01 Datasheet
164Kb / 10P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
01-Jan-2022
CNY64AYST VISHAY-CNY64AYST_14 Datasheet
166Kb / 11P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
Rev. 1.1, 26-Jun-14
CNY64 VISHAY-CNY64_05 Datasheet
198Kb / 11P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
Rev. 1.6, 26-Oct-04
CNY651 VISHAY-CNY651_V01 Datasheet
179Kb / 11P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
01-Jan-2022
CNY64 VISHAY-CNY64_08 Datasheet
132Kb / 9P
   Optocoupler, Phototransistor Output,Very High Isolation Voltage
Rev. 1.7, 20-Oct-08
CNY64ST VISHAY-CNY64ST Datasheet
164Kb / 11P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
Rev. 1.0, 20-Sep-11
CNY64AYST VISHAY-CNY64AYST_V02 Datasheet
189Kb / 12P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
01-Jan-2023
CNY651 VISHAY-CNY651_V02 Datasheet
180Kb / 11P
   Optocoupler, Phototransistor Output, Very High Isolation Voltage
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com