Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNY17F-3X019 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # CNY17F-3X019
Description  Optocoupler, Phototransistor Output, no Base Connection
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CNY17F-3X019 Datasheet(HTML) 3 Page - Vishay Siliconix

  CNY17F-3X019 Datasheet HTML 1Page - Vishay Siliconix CNY17F-3X019 Datasheet HTML 2Page - Vishay Siliconix CNY17F-3X019 Datasheet HTML 3Page - Vishay Siliconix CNY17F-3X019 Datasheet HTML 4Page - Vishay Siliconix CNY17F-3X019 Datasheet HTML 5Page - Vishay Siliconix CNY17F-3X019 Datasheet HTML 6Page - Vishay Siliconix CNY17F-3X019 Datasheet HTML 7Page - Vishay Siliconix CNY17F-3X019 Datasheet HTML 8Page - Vishay Siliconix CNY17F-3X019 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CNY17F
www.vishay.com
Vishay Semiconductors
Rev. 2.2, 08-Jan-14
3
Document Number: 83607
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Minimum and maximum values were tested requierements. Typical values are characteristics of the device and are the result of engineering
evaluations. Typical values are for information only and are not part of the testing requirements.
Note
• Current transfer ratio IC/IF at VCE = 5 V, 25 °C and collector emitter leakage current by dash number.
COUPLER
Collector emitter, saturation voltage
IF = 10 mA, IC = 2.5 mA
VCEsat
0.25
0.4
V
Coupling capacitance
CC
0.6
pF
Collector emitter, leakage current
VCE = 10 V
CNY17F-1
ICEO
250
nA
CNY17F-2
ICEO
250
nA
CNY17F-3
ICEO
5
100
nA
CNY17F-4
ICEO
5
100
nA
CURRENT TRANSFER RATIO (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
IC/IF
IF = 10 mA
CNY17F-1
CTR
40
80
%
CNY17F-2
CTR
63
125
%
CNY17F-3
CTR
100
200
%
CNY17F-4
CTR
160
320
%
IF = 1 mA
CNY17F-1
CTR
13
30
%
CNY17F-2
CTR
22
45
%
CNY17F-3
CTR
34
70
%
CNY17F-4
CTR
56
90
%
SWITCHING CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
LINEAR OPERATION (without saturation)
Turn-on time
IF = 10 mA, VCC = 5 V,
RL = 75
Ω
ton
3μs
Rise time
IF = 10 mA, VCC = 5 V,
RL = 75
Ω
tr
2μs
Turn-off time
IF = 10 mA, VCC = 5 V,
RL = 75
Ω
toff
2.3
μs
Fall time
IF = 10 mA, VCC = 5 V,
RL = 75
Ω
tf
2μs
Cut-off frequency
IF = 10 mA, VCC = 5 V,
RL = 75
Ω
fCO
110
kHz
SWITCHING OPERATION (with saturation)
Turn-on time
IF = 20 mA
CNY17F-1
ton
3μs
IF = 10 mA
CNY17F-2
ton
4.2
μs
CNY17F-3
ton
4.2
μs
IF = 5 mA
CNY17F-4
ton
6μs
Rise time
IF = 20 mA
CNY17F-1
tr
2μs
IF = 10 mA
CNY17F-2
tr
3μs
CNY17F-3
tr
3μs
IF = 5 mA
CNY17F-4
tr
4.6
μs
Turn-off time
IF = 20 mA
CNY17F-1
toff
18
μs
IF = 10 mA
CNY17F-2
toff
23
μs
CNY17F-3
toff
23
μs
IF = 5 mA
CNY17F-4
toff
25
μs
Fall time
IF = 20 mA
CNY17F-1
tf
11
μs
IF = 10 mA
CNY17F-2
tf
14
μs
CNY17F-3
tf
14
μs
IF = 5 mA
CNY17F-4
tf
15
μs
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT


Similar Part No. - CNY17F-3X019

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY17F-3X019 VISHAY-CNY17F-3X019 Datasheet
197Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
Rev. 2.1, 02-Jul-13
CNY17F-3X019 VISHAY-CNY17F-3X019 Datasheet
210Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
01-Jan-2022
More results

Similar Description - CNY17F-3X019

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY17F VISHAY-CNY17F_08 Datasheet
135Kb / 10P
   Optocoupler, Phototransistor Output,no Base Connection
Rev. 1.5, 07-May-08
MOC8101 VISHAY-MOC8101_V02 Datasheet
162Kb / 6P
   Optocoupler, Phototransistor Output, no Base Connection
01-Jan-2023
CNY17F-2X016 VISHAY-CNY17F-2X016 Datasheet
193Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
Rev. 2.0, 25-Oct-12
MOC8101 VISHAY-MOC8101_11 Datasheet
168Kb / 7P
   Optocoupler, Phototransistor Output, no Base Connection
Rev. 1.6, 13-Sep-11
CNY17F-3X007 VISHAY-CNY17F-3X007 Datasheet
1Mb / 9P
   Optocoupler, Phototransistor Output, No Base Connection
Rev. 1.5, 26-Oct-04
CNY17F-3X001 VISHAY-CNY17F-3X001 Datasheet
197Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
Rev. 2.1, 02-Jul-13
MOC8111 VISHAY-MOC8111 Datasheet
107Kb / 5P
   Optocoupler, Phototransistor Output, No Base Connection
Rev. 1.5, 11-Jan-08
CNY17F VISHAY-CNY17F_V02 Datasheet
210Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
01-Jan-2023
MOC8101 VISHAY-MOC8101 Datasheet
129Kb / 7P
   Optocoupler, Phototransistor Output, No Base Connection
Rev. 1.5, 11-Jan-08
MOC8104 VISHAY-MOC8104_V01 Datasheet
161Kb / 6P
   Optocoupler, Phototransistor Output, no Base Connection
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com