Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNY17-4X017T Datasheet(PDF) 6 Page - Vishay Siliconix

Part # CNY17-4X017T
Description  Optocoupler, Phototransistor Output, with Base Connection
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CNY17-4X017T Datasheet(HTML) 6 Page - Vishay Siliconix

  CNY17-4X017T Datasheet HTML 1Page - Vishay Siliconix CNY17-4X017T Datasheet HTML 2Page - Vishay Siliconix CNY17-4X017T Datasheet HTML 3Page - Vishay Siliconix CNY17-4X017T Datasheet HTML 4Page - Vishay Siliconix CNY17-4X017T Datasheet HTML 5Page - Vishay Siliconix CNY17-4X017T Datasheet HTML 6Page - Vishay Siliconix CNY17-4X017T Datasheet HTML 7Page - Vishay Siliconix CNY17-4X017T Datasheet HTML 8Page - Vishay Siliconix CNY17-4X017T Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
CNY17
www.vishay.com
Vishay Semiconductors
Rev. 2.1, 08-Jan-14
6
Document Number: 83606
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 11 - Normalized CTR (NS) vs. Forward Current
Fig. 12 - Normalized CTR (sat) vs. Forward Current
Fig. 13 - CTR Frequency vs. Phase Angle
Fig. 14 - CTR -3 dB Frequency vs. Collector Current
Fig. 15 - Switching Time vs. Load Resistance
0
0.2
0.6
0.4
0.8
1.0
1.2
0.1
100
I
F - Forward Current (mA)
110
T
amb = - 55 °C
T
amb = - 40 °C
T
amb = 0 °C
T
amb = 25 °C
T
amb = 50 °C
T
amb = 75 °C
T
amb = 110 °C
V
CE = 5 V
T
amb = 100 °C
I
F = 10 mA
0
0.2
0.6
0.4
0.8
1.0
1.2
0.1
100
I
F - Forward Current (mA)
110
T
amb = - 55 °C
T
amb = - 40 °C
T
amb = 0 °C
T
amb = 25 °C
T
amb = 50 °C
T
amb = 75 °C
T
amb = 110 °C
V
CE = 0.4 V
T
amb = 100 °C
I
F = 10 mA
- 160
- 140
- 60
- 40
0
1
1000
f - Frequency (kHz)
- 20
10
100
V
CE = 5 V
- 80
- 100
- 120
1
10
1000
0.1
100
I
C - Collector Current (mA)
100
110
V
CC = 5 V
0.1
1
10
1000
0.1
100
R
L - Load Resistance (kΩ)
100
110
V
CE = 5 V, IF = 10 mA
t
on
t
off


Similar Part No. - CNY17-4X017T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY17-4X017T VISHAY-CNY17-4X017T Datasheet
209Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
01-Jan-2022
More results

Similar Description - CNY17-4X017T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
4N25 VISHAY-4N25 Datasheet
147Kb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.4, 26-Jan-05
IL1 VISHAY-IL1 Datasheet
136Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.5, 08-May-08
SFH601 VISHAY-SFH601_15 Datasheet
171Kb / 10P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.6, 23-Jul-15
IL2 VISHAY-IL2_V02 Datasheet
136Kb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
01-Jan-2023
H11A1 VISHAY-H11A1 Datasheet
144Kb / 8P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.7, 23-Jul-15
CNY17G VISHAY-CNY17G Datasheet
132Kb / 9P
   Optocoupler, Phototransistor Output,with Base Connection
Rev. 1.4, 08-May-08
CNY17 VISHAY-CNY17_V02 Datasheet
209Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
01-Jan-2023
CNY17 VISHAY-CNY17_V01 Datasheet
209Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
01-Jan-2022
SFH601 VISHAY-SFH601 Datasheet
2Mb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.4, 26-Oct-04
SFH600 VISHAY-SFH600 Datasheet
137Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.5, 10-Jan-08
CNY17 VISHAY-CNY17 Datasheet
192Kb / 10P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.5, 26-Oct-04
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com