Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP5.241-C1 Datasheet(PDF) 8 Page - PULS GmbH

Part # CP5.241-C1
Description  24V, 5A, 120W, SINGLE PHASE INPUT
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CP5.241-C1 Datasheet(HTML) 8 Page - PULS GmbH

Back Button CP5.241-C1 Datasheet HTML 4Page - PULS GmbH CP5.241-C1 Datasheet HTML 5Page - PULS GmbH CP5.241-C1 Datasheet HTML 6Page - PULS GmbH CP5.241-C1 Datasheet HTML 7Page - PULS GmbH CP5.241-C1 Datasheet HTML 8Page - PULS GmbH CP5.241-C1 Datasheet HTML 9Page - PULS GmbH CP5.241-C1 Datasheet HTML 10Page - PULS GmbH CP5.241-C1 Datasheet HTML 11Page - PULS GmbH CP5.241-C1 Datasheet HTML 12Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
CP5.241, CP5.241-C1,
CP5.241-S1, CP5.241-S2
CP-Series
24V, 5A, 120W, SINGLE PHASE INPUT
Aug. 2017 / Rev. 0.1 DS-CP5.241-EN
All parameters are typical values specified at 24V, 5A output, 230Vac input, 25°C ambient and
after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
P R E L I M I N A R Y
7. HOLD-UP TIME
AC 100V
AC 120V
AC 230V
Hold-up Time
Typ.
50ms
50ms
50ms
At 24V, 2.5A, see Fig. 7-1
Min.
40ms
40ms
40ms
At 24V, 2.5A, see Fig. 7-1
Typ.
25ms
25ms
25ms
At 24V, 5A, see Fig. 7-1
Min.
20ms
20ms
20ms
At 24V, 5A, see Fig. 7-1
Fig. 7-1 Hold-up time vs. input voltage
Fig. 7-2 Shut-down behavior, definitions
8/26
0
10
20
30
40
60ms
90
120
155
190
230Vac
Input Voltage
50
Hold-up Time
a
b
c
d
a) 24V 2.5A typ.
b) 24V 2.5A min.
c) 24V 5A typ.
d) 24V 5A min.
- 5%
Hold-up Time
Zero Transition
Output
Voltage
Input
Voltage
8. DC-OK RELAY CONTACT
The DC-OK relay contact reports an output terminal voltage above 90% of the adjusted output voltage.
Contact closes
As soon as the output voltage reaches typ. 90% of the adjusted output voltage level.
Contact opens
As soon as the output voltage dips more than 10% below the adjusted output voltage.
Short dips will be extended to a signal length of 100ms. Dips shorter than 1ms will be ignored.
Switching hysteresis
Typically 0.7V
Contact ratings
Maximal 60Vdc 0.3A, 30Vdc 1A, 30Vac 0.5A, resistive load
Minimal permissible load: 1mA at 5Vdc
Isolation voltage
See dielectric strength table in section 18.
Fig. 8-1 DC-ok relay contact behavior
V
OUT = VADJ
100ms
0.9* V
ADJ
<
1ms
10%
>
1ms
open
open
closed
closed


Similar Part No. - CP5.241-C1

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
CP5.241-C1 PULS-CP5.241-C1 Datasheet
905Kb / 28P
   24V, 5A, 120W, SINGLE PHASE INPUT
More results

Similar Description - CP5.241-C1

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
CP5.241 PULS-CP5.241_18 Datasheet
905Kb / 28P
   24V, 5A, 120W, SINGLE PHASE INPUT
PIC120.241D PULS-PIC120.241D Datasheet
515Kb / 22P
   24V, 5A, SINGLE PHASE INPUT
QS5.241 PULS-QS5.241 Datasheet
838Kb / 26P
   24V, 5A, SINGLE PHASE INPUT
PIC120.241C PULS-PIC120.241C Datasheet
544Kb / 22P
   24V, 5A, SINGLE PHASE INPUT
logo
Weidmuller
2838440000 WEIDMULLER-2838440000 Datasheet
737Kb / 5P
   PRO BAS 120W 24V 5A
logo
PULS GmbH
CT5.241 PULS-CT5.241 Datasheet
595Kb / 21P
   24V, 5A, TWO-PHASE INPUT
logo
Weidmuller
8951340000 WEIDMULLER-8951340000 Datasheet
99Kb / 4P
   CP M SNT 120W 24V 5A
logo
PULS GmbH
QS3.241 PULS-QS3.241 Datasheet
793Kb / 25P
   24V, 3.4A, SINGLE PHASE INPUT
CP10.241-M1 PULS-CP10.241-M1 Datasheet
704Kb / 27P
   24V, 10A, SINGLE PHASE INPUT
CP20.241-R1 PULS-CP20.241-R1 Datasheet
827Kb / 30P
   24V, 20A, SINGLE PHASE INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com