Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

XR76203-Q Datasheet(PDF) 13 Page - Exar Corporation

Part No. XR76203-Q
Description  AEC-Q100 Qualified 40V PowerBlox 3A/5A/8A Synchronous Step Down COT Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR76203-Q Datasheet(HTML) 13 Page - Exar Corporation

Back Button XR76203-Q Datasheet HTML 9Page - Exar Corporation XR76203-Q Datasheet HTML 10Page - Exar Corporation XR76203-Q Datasheet HTML 11Page - Exar Corporation XR76203-Q Datasheet HTML 12Page - Exar Corporation XR76203-Q Datasheet HTML 13Page - Exar Corporation XR76203-Q Datasheet HTML 14Page - Exar Corporation XR76203-Q Datasheet HTML 15Page - Exar Corporation XR76203-Q Datasheet HTML 16Page - Exar Corporation XR76203-Q Datasheet HTML 17Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
XR76203-Q/XR76205-Q/XR76208-Q
13 / 20
exar.com/XR76203-Q/XR705-Q/XR76208-Q
Rev 1C
©2016-2017 Exar Corporation
Functional Description
XR76203-Q, XR76205-Q and XR76208-Q are synchro-
nous step-down proprietary emulated current-mode Con-
stant On-Time (COT) regulators. The on-time, which is
programmed via RON, is inversely proportional to VIN and
maintains a nearly constant frequency. The emulated cur-
rent-mode control is stable with ceramic output capacitors.
Each switching cycle begins with GH signal turning on the
high-side (control) FET for a preprogrammed time. At the
end of the on-time, the high-side FET is turned off and the
low-side (synchronous) FET is turned on for a preset mini-
mum time (250ns nominal). This parameter is termed Mini-
mum Off-Time. After the minimum off-time, the voltage at
the feedback pin FB is compared to an internal voltage
ramp at the feedback comparator. When VFB drops below
the ramp voltage, the high-side FET is turned on and the
cycle repeats. This voltage ramp constitutes an emulated
current ramp and makes possible the use of ceramic
capacitors, in addition to other capacitor types, for output
filtering.
Enable/Mode Input (EN/MODE)
EN/MODE pin accepts a tri-level signal that is used to con-
trol turn on/off. It also selects between two modes of opera-
tion: ‘Forced CCM’ and ‘DCM/CCM’. If EN is pulled below
1.8V, the Regulator shuts down. A voltage between 2.0V
and 2.8V selects the Forced CCM mode which will run the
Regulator in continuous conduction at all times. A voltage
higher than 3.1V selects the DCM/CCM mode which will
run the Regulator in discontinuous conduction at light
loads.
Selecting the Forced CCM Mode
In order to set the Regulator to operate in Forced CCM, a
voltage between 2.0V and 2.8V must be applied to EN/
MODE. This can be achieved with an external control sig-
nal that meets the above voltage requirement. Where an
external control is not available, the EN/MODE can be
derived from VIN. If VIN is well regulated, use a resistor
divider and set the voltage to 2.5V. If VIN varies over a wide
range, the circuit shown in figure 31 can be used to gener-
ate the required voltage. Note that at VIN of 5.5V and 40V
the nominal Zever voltage is 4.0V and 5.0V respectively.
Therefore for VIN in the range of 5.5V to 40V, the circuit
shown in figure 31 will generate VEN required for Forced
CCM.
Selecting the DCM/CCM Mode
In order to set the Regulator operation to DCM/CCM, a volt-
age between 3.1V and 5.5V must be applied to EN/MODE
pin. If an external control signal is available, it can be
directly connected to EN/MODE. In applications where an
external control is not available, EN/MODE input can be
derived from VIN. If VIN is well regulated, use a resistor
divider and set the voltage to 4V. If VIN varies over a wide
range, the circuit shown in figure 32 can be used to gener-
ate the required voltage.
Figure 31: Selecting Forced CCM by deriving EN/MODE from VIN
Figure 32: Selecting DCM/CCM by deriving EN/MODE from VIN
 
R1
30.1k, 1%
RZ
10k
EN/MODE
R2
35.7k, 1%
Zener
MMSZ4685T1G or Equivalent
IN
V
 
Zener
MMSZ4685T1G or Equivalent
RZ
10k
EN/MODE
V
IN
V
EN


Similar Part No. - XR76203-Q

ManufacturerPart No.DatasheetDescription
Exar Corporation
Exar Corporation
XR76203 EXAR-XR76203 Datasheet
1Mb / 20P
   3A/5A/8A Synchronous Step Down COT Regulator
XR76203EL-F EXAR-XR76203EL-F Datasheet
1Mb / 20P
   3A/5A/8A Synchronous Step Down COT Regulator
XR76203ELMTR-F EXAR-XR76203ELMTR-F Datasheet
1Mb / 20P
   3A/5A/8A Synchronous Step Down COT Regulator
XR76203ELTR-F EXAR-XR76203ELTR-F Datasheet
1Mb / 20P
   3A/5A/8A Synchronous Step Down COT Regulator
XR76203EVB EXAR-XR76203EVB Datasheet
1Mb / 20P
   3A/5A/8A Synchronous Step Down COT Regulator
More results

Similar Description - XR76203-Q

ManufacturerPart No.DatasheetDescription
Exar Corporation
Exar Corporation
XR76208EL-Q EXAR-XR76208EL-Q Datasheet
689Kb / 21P
   AEC-Q100 Qualified 40V PowerBloxTM 3A/5A/8A Synchronous Step Down COT Regulator
XR76203 EXAR-XR76203 Datasheet
1Mb / 20P
   3A/5A/8A Synchronous Step Down COT Regulator
Monolithic Power Systems
Monolithic Power System...
MPQ2143-AEC1 MPS-MPQ2143-AEC1 Datasheet
802Kb / 15P
   3A, 5.5V, 1.2MHz, 40uA IQ, COT Synchronous Step-Down Switcher AEC-Q100 Qualified
MPQ4423 MPS-MPQ4423 Datasheet
618Kb / 18P
   High Efficiency 3A, 36V, Synchronous Step Down Converter AEC-Q100 Qualified
MPQ4423H MPS-MPQ4423H Datasheet
649Kb / 18P
   High Efficiency 3A, 36V, Synchronous Step Down Converter AEC-Q100 Qualified
Exar Corporation
Exar Corporation
XR76121ELMTR-F EXAR-XR76121ELMTR-F Datasheet
1Mb / 19P
   PowerBlox 20A Synchronous Step-Down COT Regulators
Monolithic Power Systems
Monolithic Power System...
MPQ4423A MPS-MPQ4423A Datasheet
2Mb / 20P
   3A, 36V, High-Efficiency, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ2918 MPS-MPQ2918 Datasheet
1Mb / 32P
   4V - 40V Input, Current Mode, Synchronous, Step-Down Controller AEC-Q100 Qualified
MPQ4433 MPS-MPQ4433 Datasheet
1Mb / 31P
   36V, 3A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4569-AEC1 MPS-MPQ4569-AEC1 Datasheet
1Mb / 17P
   75V, 0.3A Synchronous Step-Down Converter AEC-Q100 Qualified
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com