Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

XR76205EL-Q Datasheet(PDF) 15 Page - Exar Corporation

Part No. XR76205EL-Q
Description  AEC-Q100 Qualified 40V PowerBlox 3A/5A/8A Synchronous Step Down COT Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR76205EL-Q Datasheet(HTML) 15 Page - Exar Corporation

Back Button XR76205EL-Q Datasheet HTML 11Page - Exar Corporation XR76205EL-Q Datasheet HTML 12Page - Exar Corporation XR76205EL-Q Datasheet HTML 13Page - Exar Corporation XR76205EL-Q Datasheet HTML 14Page - Exar Corporation XR76205EL-Q Datasheet HTML 15Page - Exar Corporation XR76205EL-Q Datasheet HTML 16Page - Exar Corporation XR76205EL-Q Datasheet HTML 17Page - Exar Corporation XR76205EL-Q Datasheet HTML 18Page - Exar Corporation XR76205EL-Q Datasheet HTML 19Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
XR76203-Q/XR76205-Q/XR76208-Q
15 / 20
exar.com/XR76203-Q/XR705-Q/XR76208-Q
Rev 1C
©2016-2017 Exar Corporation
Feed-Forward Capacitor (CFF)
A feed-forward capacitor (CFF) may be necessary depend-
ing on the Equivalent Series Resistance (ESR) of COUT. If
only ceramic output capacitors are used for COUT then a
CFF is necessary. Calculate CFF from:
where:
R1 is the resistor that CFF is placed in parallel with
fLC is the frequency of output filter double-pole
fLC frequency must be less than 11kHz when using ceramic
COUT. If necessary, increase L and/or COUT in order to
meet this constraint.
When using capacitors with higher ESR, such as PANA-
SONIC TPE series, a CFF is not required provided following
conditions are met:
1. The frequency of output filter LC double-pole fLC should
be less than 11kHz.
2. The frequency of ESR Zero fZero,ESR should be at least
five times larger than fLC.
Note that if fZero,ESR is less than 5xfLC, then it is recom-
mended to set the fLC at less than 2kHz. CFF is still not
required.
Maximum Allowable Voltage Ripple at FB pin
Note that the steady-state voltage ripple at feedback pin FB
(VFB,RIPPLE) must not exceed 50mV in order for the Regu-
lator to function correctly. If VFB,RIPPLE is larger than 50mV
then COUT should be increased as necessary in order to
keep the VFB,RIPPLE below 50mV.
Feed-Forward Resistor (RFF)
Poor PCB layout can cause FET switching noise at the out-
put and may couple to the FB pin via CFF. Excessive noise
at FB will cause poor load regulation. To solve this problem
place a resistor RFF in series with CFF. RFF value up to 2%
of R1 is acceptable.
CFF
1
2
 R17 fLC
------------------------------------------------
=


Similar Part No. - XR76205EL-Q

ManufacturerPart No.DatasheetDescription
Exar Corporation
Exar Corporation
XR76205EL-Q EXAR-XR76205EL-Q Datasheet
1Mb / 25P
   Power Management
More results

Similar Description - XR76205EL-Q

ManufacturerPart No.DatasheetDescription
Exar Corporation
Exar Corporation
XR76208EL-Q EXAR-XR76208EL-Q Datasheet
689Kb / 21P
   AEC-Q100 Qualified 40V PowerBloxTM 3A/5A/8A Synchronous Step Down COT Regulator
XR76203 EXAR-XR76203 Datasheet
1Mb / 20P
   3A/5A/8A Synchronous Step Down COT Regulator
Monolithic Power Systems
Monolithic Power System...
MPQ2143-AEC1 MPS-MPQ2143-AEC1 Datasheet
802Kb / 15P
   3A, 5.5V, 1.2MHz, 40uA IQ, COT Synchronous Step-Down Switcher AEC-Q100 Qualified
MPQ4423 MPS-MPQ4423 Datasheet
618Kb / 18P
   High Efficiency 3A, 36V, Synchronous Step Down Converter AEC-Q100 Qualified
MPQ4423H MPS-MPQ4423H Datasheet
649Kb / 18P
   High Efficiency 3A, 36V, Synchronous Step Down Converter AEC-Q100 Qualified
Exar Corporation
Exar Corporation
XR76121ELMTR-F EXAR-XR76121ELMTR-F Datasheet
1Mb / 19P
   PowerBlox 20A Synchronous Step-Down COT Regulators
Monolithic Power Systems
Monolithic Power System...
MPQ4423A MPS-MPQ4423A Datasheet
2Mb / 20P
   3A, 36V, High-Efficiency, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ2918 MPS-MPQ2918 Datasheet
1Mb / 32P
   4V - 40V Input, Current Mode, Synchronous, Step-Down Controller AEC-Q100 Qualified
MPQ4433 MPS-MPQ4433 Datasheet
1Mb / 31P
   36V, 3A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4569-AEC1 MPS-MPQ4569-AEC1 Datasheet
1Mb / 17P
   75V, 0.3A Synchronous Step-Down Converter AEC-Q100 Qualified
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz