Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

XR76205EL-Q Datasheet(PDF) 3 Page - Exar Corporation

Part No. XR76205EL-Q
Description  AEC-Q100 Qualified 40V PowerBlox 3A/5A/8A Synchronous Step Down COT Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR76205EL-Q Datasheet(HTML) 3 Page - Exar Corporation

  XR76205EL-Q Datasheet HTML 1Page - Exar Corporation XR76205EL-Q Datasheet HTML 2Page - Exar Corporation XR76205EL-Q Datasheet HTML 3Page - Exar Corporation XR76205EL-Q Datasheet HTML 4Page - Exar Corporation XR76205EL-Q Datasheet HTML 5Page - Exar Corporation XR76205EL-Q Datasheet HTML 6Page - Exar Corporation XR76205EL-Q Datasheet HTML 7Page - Exar Corporation XR76205EL-Q Datasheet HTML 8Page - Exar Corporation XR76205EL-Q Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
XR76203-Q/XR76205-Q/XR76208-Q
3 / 20
exar.com/XR76203-Q/XR76205-Q/XR76208-Q
Rev 1C
©2016-2017 Exar Corporation
VCC UVLO Start Threshold, Rising Edge
4.00
4.25
4.40
V
VCC UVLO Hysteresis
230
mV
Reference Voltage
VREF
Reference Voltage
VIN = 5.5V to 40V, VCC regulating
0.596
0.600
0.604
V
VIN = 5.5V to 40V, VCC regulating
0.594
0.600
0.606
V
DC Line Regulation
CCM, closed loop, VIN=5.5V-40V, applies
to any COUT
±0.33
%
DC Load Regulation
CCM, closed loop, applies to any COUT
±0.39
%
Programmable Constant On-Time
TON1
On-Time 1
RON = 237k, VIN = 40V
1570
1840
2120
ns
f Corresponding to On-Time 1
VOUT= 24V, VIN = 40V, RON = 237k
283
326
382
kHz
TON(MIN)
Minimum Programmable On-Time
RON = 14k, VIN = 40V
120
ns
TON2
On-Time 2
RON = 14k, VIN = 24V
174
205
236
ns
TON3
On-Time 3
RON = 35.7k, VIN = 24V
407
479
550
ns
f Corresponding to On-Time 3
VOUT = 3.3V, VIN = 24V, RON = 35.7k
250
287
338
kHz
f Corresponding to On-Time 3
VOUT = 5.0V, VIN = 24V, RON = 35.7k
379
435
512
kHz
Minimum Off-Time
250
350
ns
Diode Emulation Mode
Zero Crossing Threshold
DC value measured during test
-2
mV
Soft-start
SS Charge Current
-14
-10
-6
μA
SS Discharge Current
Fault present
1mA
VCC Linear Regulator
VCC Output Voltage
VIN = 6V to 40V, ILOAD = 0 to 30mA
4.8
5.0
5.2
V
VIN = 5V, ILOAD = 0 to 20mA
4.51
4.7
V
Power Good Output
Power Good Threshold
-10
-6.9
-5
%
Power Good Hysteresis
1.6
4
%
Power Good Sink Current
1mA
Protection: OCP, OTP, Short-Circuit
Hiccup Timeout
110
ms
ILIM Pin Source Current
45
50
55
μA
ILIM Current Temperature Coefficient
0.4
%/°C
OCP Comparator Offset
-8
0
+8
mV
Current Limit Blanking
GL rising>1V
100
ns
Symbol
Parameter
Conditions
Min
Typ
Max
Units


Similar Part No. - XR76205EL-Q

ManufacturerPart No.DatasheetDescription
Exar Corporation
Exar Corporation
XR76205EL-Q EXAR-XR76205EL-Q Datasheet
1Mb / 25P
   Power Management
More results

Similar Description - XR76205EL-Q

ManufacturerPart No.DatasheetDescription
Exar Corporation
Exar Corporation
XR76208EL-Q EXAR-XR76208EL-Q Datasheet
689Kb / 21P
   AEC-Q100 Qualified 40V PowerBloxTM 3A/5A/8A Synchronous Step Down COT Regulator
XR76203 EXAR-XR76203 Datasheet
1Mb / 20P
   3A/5A/8A Synchronous Step Down COT Regulator
Monolithic Power Systems
Monolithic Power System...
MPQ2143-AEC1 MPS-MPQ2143-AEC1 Datasheet
802Kb / 15P
   3A, 5.5V, 1.2MHz, 40uA IQ, COT Synchronous Step-Down Switcher AEC-Q100 Qualified
MPQ4423 MPS-MPQ4423 Datasheet
618Kb / 18P
   High Efficiency 3A, 36V, Synchronous Step Down Converter AEC-Q100 Qualified
MPQ4423H MPS-MPQ4423H Datasheet
649Kb / 18P
   High Efficiency 3A, 36V, Synchronous Step Down Converter AEC-Q100 Qualified
Exar Corporation
Exar Corporation
XR76121ELMTR-F EXAR-XR76121ELMTR-F Datasheet
1Mb / 19P
   PowerBlox 20A Synchronous Step-Down COT Regulators
Monolithic Power Systems
Monolithic Power System...
MPQ4423A MPS-MPQ4423A Datasheet
2Mb / 20P
   3A, 36V, High-Efficiency, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ2918 MPS-MPQ2918 Datasheet
1Mb / 32P
   4V - 40V Input, Current Mode, Synchronous, Step-Down Controller AEC-Q100 Qualified
MPQ4433 MPS-MPQ4433 Datasheet
1Mb / 31P
   36V, 3A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4569-AEC1 MPS-MPQ4569-AEC1 Datasheet
1Mb / 17P
   75V, 0.3A Synchronous Step-Down Converter AEC-Q100 Qualified
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz