Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1468S Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # 2SD1468S
Description  TO-92S Plastic-Encapsulate Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

2SD1468S Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  2SD1468S Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SD1468S Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SD1468S Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-92S Plastic-Encapsulate Transistors
2SD1468S
TRANSISTOR (NPN)
FEATURES
Low
Saturation Voltage
Ideal for
Voltage, High Current Drives,
High DC
Current Gain and High Current
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
30
V
VCEO
Collector-Emitter Voltage
15
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current -Continuous
1
A
PC
Collector Power Dissipation
300
mW
TJ
Junction Temperature
150
Tstg
Storage Temperature
-55-150
TO-92S
1. EMITTER
2. COLLECTOR
3. BASE
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=50μA, IE=0
30
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=1mA, IB=0
15
V
Emitter-base breakdown voltage
V(BR)EBO
IE=50μA, IC=0
5
V
Collector cut-off current
ICBO
VCB=20V, IE=0
0.5
μA
Emitter cut-off current
IEBO
VEB=4V, IC=0
0.5
μA
DC current gain
hFE
VCE=3V, IC=100mA
120
560
Collector-emitter saturation voltage
VCE(sat)
IC=500mA, IB=50mA
B
0.4
V
Transition frequency
fT
VCE=5V, IC=50mA, f=100MHz
50
MHz
Collector output capacitance
Cob
VCB=10V, IE=0, f=1MHz
30
pF
CLASSIFICATION OF
hFE
Rank
Q
R
S
Range
120-270
180-390
270-560
JC T
www.cj-elec.com
1
A,Jun,2014
www.cj-elec.com
D,Jul,2016
1
3
2


Similar Part No. - 2SD1468S

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD1468S ROHM-2SD1468S Datasheet
73Kb / 4P
   Muting Transistor (15V, 1A)
2SD1468S ROHM-2SD1468S Datasheet
164Kb / 4P
   Muting Transistor (15V, 1A)
logo
SeCoS Halbleitertechnol...
2SD1468S SECOS-2SD1468S Datasheet
52Kb / 1P
   NPN Plastic-Encapsulated Transistor
2SD1468S-Q SECOS-2SD1468S-Q Datasheet
52Kb / 1P
   NPN Plastic-Encapsulated Transistor
2SD1468S-R SECOS-2SD1468S-R Datasheet
52Kb / 1P
   NPN Plastic-Encapsulated Transistor
More results

Similar Description - 2SD1468S

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
KSD1021 JIANGSU-KSD1021 Datasheet
507Kb / 3P
   TO-92S Plastic-Encapsulate Transistors
KTC3195 JIANGSU-KTC3195 Datasheet
269Kb / 3P
   TO-92S Plastic-Encapsulate Transistors
2SA821S JIANGSU-2SA821S Datasheet
500Kb / 3P
   TO-92S Plastic-Encapsulate Transistors
2SC3311A JIANGSU-2SC3311A Datasheet
586Kb / 3P
   TO-92S Plastic-Encapsulate Transistors
2SC4115S JIANGSU-2SC4115S Datasheet
2Mb / 5P
   TO-92S Plastic-Encapsulate Transistors
2SD2470 JIANGSU-2SD2470 Datasheet
369Kb / 3P
   TO-92S Plastic-Encapsulate Transistors
2SA933AS JIANGSU-2SA933AS Datasheet
6Mb / 5P
   TO-92S Plastic-Encapsulate Transistors
2SC2839 JIANGSU-2SC2839 Datasheet
805Kb / 3P
   TO-92S Plastic-Encapsulate Transistors
KSD1020 JIANGSU-KSD1020 Datasheet
486Kb / 3P
   TO-92S Plastic-Encapsulate Transistors
KTC3199 JIANGSU-KTC3199 Datasheet
2Mb / 5P
   TO-92S Plastic-Encapsulate Transistors
2SA1267 JIANGSU-2SA1267 Datasheet
3Mb / 5P
   TO-92S Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com