Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS8673ED18BGK-675 Datasheet(PDF) 1 Page - GSI Technology

Part # GS8673ED18BGK-675
Description  72Mb SigmaQuad-IIIe, Burst of 4 ECCRAM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8673ED18BGK-675 Datasheet(HTML) 1 Page - GSI Technology

  GS8673ED18BGK-675 Datasheet HTML 1Page - GSI Technology GS8673ED18BGK-675 Datasheet HTML 2Page - GSI Technology GS8673ED18BGK-675 Datasheet HTML 3Page - GSI Technology GS8673ED18BGK-675 Datasheet HTML 4Page - GSI Technology GS8673ED18BGK-675 Datasheet HTML 5Page - GSI Technology GS8673ED18BGK-675 Datasheet HTML 6Page - GSI Technology GS8673ED18BGK-675 Datasheet HTML 7Page - GSI Technology GS8673ED18BGK-675 Datasheet HTML 8Page - GSI Technology GS8673ED18BGK-675 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
GS8673ED18/36BK-675/625/550/500
72Mb SigmaQuad-IIIe™
Burst of 4 ECCRAM™
675 MHz–500 MHz
1.35V VDD
1.2V to 1.5V VDDQ
Rev: 1.06 5/2012
1/31
© 2011, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
260-Ball BGA
Commercial Temp
Industrial Temp
Features
• On-Chip ECC with virtually zero SER
• Configurable Read Latency (3.0 or 2.0 cycles)
• Simultaneous Read and Write SigmaQuad-IIIe™ Interface
• Separate I/O Bus
• Double Data Rate interface
• Burst of 4 Read and Write
• Pipelined read operation
• Fully coherent Read and Write pipelines
• 1.35V nominal VDD
• 1.2V JESD8-16A BIC-3 Compliant Interface
• 1.5V HSTL Interface
• ZQ pin for programmable output drive impedance
• ZT pin for programmable input termination impedance
• Configurable Input Termination
• IEEE 1149.1 JTAG-compliant Boundary Scan
• 260-ball, 14 mm x 22 mm, 1 mm ball pitch BGA package
–K: 5/6 RoHS-compliant package
–GK: 6/6 RoHS-compliant package
SigmaQuad-IIIe™ Family Overview
SigmaQuad-IIIe ECCRAMs are the Separate I/O half of the
SigmaQuad-IIIe/SigmaDDR-IIIe family of high performance
ECCRAMs. Although very similar to GSI's second generation
of networking SRAMs (the SigmaQuad-II/SigmaDDR-II
family), these third generation devices offer several new
features that help enable significantly higher performance.
Clocking and Addressing Schemes
The GS8673ED18/36BK SigmaQuad-IIIe ECCRAMs are
synchronous devices. They employ dual, single-ended master
clocks, CK and CK. These clocks are single-ended clock
inputs, not differential inputs to a single differential clock input
buffer. CK and CK are used to control the address and control
input registers, as well as all output timing.
The KD and KD clocks are dual mesochronous (with respect to
CK and CK) input clocks that are used to control the data input
registers. Consequently, data input setup and hold windows
can be optimized independently of address and control input
setup and hold windows.
Each internal read and write operation in a SigmaQuad-IIIe B4
ECCRAM is four times wider than the device I/O bus. An
input data bus de-multiplexer is used to accumulate incoming
data before it is simultaneously written to the memory array.
An output data multiplexer is used to capture the data produced
from a single memory array read and then route it to the
appropriate output drivers as needed. Therefore, the address
field of a SigmaQuad-IIIe B4 ECCRAM is always two address
pins less than the advertised index depth (e.g. the 4M x 18 has
1M addressable index).
On-Chip Error Correction Code
GSI's ECCRAMs implement an ECC algorithm that detects
and corrects all single-bit memory errors, including those
induced by Soft Error Rate (SER) events such as cosmic rays,
alpha particles, etc. The resulting SER of these devices is
anticipated to be <0.002 FITs/Mb — a 5-order-of-magnitude
improvement over comparable SRAMs with no On-Chip ECC,
which typically have an SER of 200 FITs/Mb or more. SER
quoted above is based on reading taken at sea level.
Note: Please contact GSI for availability of 714 MHz devices.
Parameter Synopsis
Speed Bin
Operating Frequency
Data Rate (per pin)
Read Latency
VDD
-675
675 / 450 MHz
1350 / 900 Mbps
3.0 / 2.0
1.3V to 1.4V
-625
625 / 400 MHz
1250 / 800 Mbps
3.0 / 2.0
1.3V to 1.4V
-550
550 / 375 MHz
1100 / 750 Mbps
3.0 / 2.0
1.25V to 1.4V
-500
500 / 333 MHz
1000 / 666 Mbps
3.0 / 2.0
1.25V to 1.4V


Similar Part No. - GS8673ED18BGK-675

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8673ED18BGK-675 GSI-GS8673ED18BGK-675 Datasheet
263Kb / 32P
   72Mb SigmaQuad-IIIe??Burst of 4 ECCRAM?
GS8673ED18BGK-675I GSI-GS8673ED18BGK-675I Datasheet
263Kb / 32P
   72Mb SigmaQuad-IIIe??Burst of 4 ECCRAM?
More results

Similar Description - GS8673ED18BGK-675

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8673ED36BK-625 GSI-GS8673ED36BK-625 Datasheet
457Kb / 31P
   72Mb SigmaQuad-IIIe, Burst of 4 ECCRAM
GS8673ED18BGK-725S GSI-GS8673ED18BGK-725S Datasheet
359Kb / 25P
   72Mb SigmaQuad-IIIe Burst of 4 ECCRAM
GS8673ED36BK-725IS GSI-GS8673ED36BK-725IS Datasheet
359Kb / 25P
   72Mb SigmaQuad-IIIe Burst of 4 ECCRAM
GS8673ED18 GSI-GS8673ED18 Datasheet
457Kb / 31P
   72Mb SigmaQuad-IIIe??Burst of 4 ECCRAM?
GS8673EQ18 GSI-GS8673EQ18 Datasheet
451Kb / 31P
   72Mb SigmaQuad-IIIe??Burst of 4 ECCRAM?
GS8673ED36BGK-675I GSI-GS8673ED36BGK-675I Datasheet
457Kb / 31P
   72Mb SigmaQuad-IIIe, Burst of 4 ECCRAM
GS8673ED18BGK-625S GSI-GS8673ED18BGK-625S Datasheet
359Kb / 25P
   72Mb SigmaQuad-IIIe Burst of 4 ECCRAM
GS8673ED36BGK-500I GSI-GS8673ED36BGK-500I Datasheet
457Kb / 31P
   72Mb SigmaQuad-IIIe, Burst of 4 ECCRAM
GS8673ED36BGK-625I GSI-GS8673ED36BGK-625I Datasheet
457Kb / 31P
   72Mb SigmaQuad-IIIe, Burst of 4 ECCRAM
GS8673ED36BK-675 GSI-GS8673ED36BK-675 Datasheet
457Kb / 31P
   72Mb SigmaQuad-IIIe Burst of 4 ECCRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com