Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS8673EQ18BK-550 Datasheet(PDF) 10 Page - GSI Technology

Part # GS8673EQ18BK-550
Description  72Mb SigmaQuad-IIIe Burst of 2 ECCRAM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8673EQ18BK-550 Datasheet(HTML) 10 Page - GSI Technology

Back Button GS8673EQ18BK-550 Datasheet HTML 6Page - GSI Technology GS8673EQ18BK-550 Datasheet HTML 7Page - GSI Technology GS8673EQ18BK-550 Datasheet HTML 8Page - GSI Technology GS8673EQ18BK-550 Datasheet HTML 9Page - GSI Technology GS8673EQ18BK-550 Datasheet HTML 10Page - GSI Technology GS8673EQ18BK-550 Datasheet HTML 11Page - GSI Technology GS8673EQ18BK-550 Datasheet HTML 12Page - GSI Technology GS8673EQ18BK-550 Datasheet HTML 13Page - GSI Technology GS8673EQ18BK-550 Datasheet HTML 14Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
GS8673EQ18/36BK-675/625/550/500
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.06 5/2012
10/31
© 2011, GSI Technology
Low Power NOP Mode
When input termination is enabled on the Address (SA) and Write Data (D) inputs, those inputs can be placed in Low Power NOP
(LP NOP) mode via the synchronous ADZT1 input. When NOP operations are initiated with ADZT1 High, the termination
pull-ups on the SA and D inputs are disabled, thereby reducing the DC power associated with those inputs.
LP NOP Truth Table
R
W
ADZT1
Current Operation
SA, D Pull-Up
↑CK
(tn)
↑CK
(tn)
↑CK
(tn)
(tn)
↑CK
(tn+2)
X
X
0
Any
Enabled
X
X
1
Any
Disabled
Notes:
1. 1 = input High; 0 = input Low; X = input don’t care.
2. ADZT1 should only be driven High during NOP operations; SA, D input timing is not guaranteed in LP NOP Mode.
3. SA, D should be driven Low (or tri-stated) during LP NOP Mode, to take advantage of the power-saving feature.
LP NOP Timing Specifications
Parameter
Symbol
Min
Max
Units
CK Clock High to SA Pull-up Enable / Disable
tKHAZTV
0
2.0
ns
CK Clock High to D Pull-Up Enable / Disable
tKHDZTV
–0.4
0.4
ns


Similar Part No. - GS8673EQ18BK-550

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8673EQ18BK-550I GSI-GS8673EQ18BK-550I Datasheet
451Kb / 31P
   On-Chip ECC with virtually zero SER
GS8673EQ18BK-550IS GSI-GS8673EQ18BK-550IS Datasheet
368Kb / 25P
   For use with GSI SRAM Port IP
GS8673EQ18BK-550S GSI-GS8673EQ18BK-550S Datasheet
368Kb / 25P
   For use with GSI SRAM Port IP
More results

Similar Description - GS8673EQ18BK-550

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8673EQ18BK-500 GSI-GS8673EQ18BK-500 Datasheet
451Kb / 31P
   72Mb SigmaQuad-IIIe Burst of 2 ECCRAM
GS8673EQ18BGK-550I GSI-GS8673EQ18BGK-550I Datasheet
451Kb / 31P
   72Mb SigmaQuad-IIIe Burst of 2 ECCRAM
GS8673ED36BK-625 GSI-GS8673ED36BK-625 Datasheet
457Kb / 31P
   72Mb SigmaQuad-IIIe, Burst of 4 ECCRAM
GS8673ED18BGK-725S GSI-GS8673ED18BGK-725S Datasheet
359Kb / 25P
   72Mb SigmaQuad-IIIe Burst of 4 ECCRAM
GS8673ED36BK-725IS GSI-GS8673ED36BK-725IS Datasheet
359Kb / 25P
   72Mb SigmaQuad-IIIe Burst of 4 ECCRAM
GS8673ED18 GSI-GS8673ED18 Datasheet
457Kb / 31P
   72Mb SigmaQuad-IIIe??Burst of 4 ECCRAM?
GS8673EQ18 GSI-GS8673EQ18 Datasheet
451Kb / 31P
   72Mb SigmaQuad-IIIe??Burst of 4 ECCRAM?
GS8673ED36BGK-675I GSI-GS8673ED36BGK-675I Datasheet
457Kb / 31P
   72Mb SigmaQuad-IIIe, Burst of 4 ECCRAM
GS8673ED18BGK-625S GSI-GS8673ED18BGK-625S Datasheet
359Kb / 25P
   72Mb SigmaQuad-IIIe Burst of 4 ECCRAM
GS8673ED36BGK-500I GSI-GS8673ED36BGK-500I Datasheet
457Kb / 31P
   72Mb SigmaQuad-IIIe, Burst of 4 ECCRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com