Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS8673EQ18BK-625I Datasheet(PDF) 9 Page - GSI Technology

Part # GS8673EQ18BK-625I
Description  On-Chip ECC with virtually zero SER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8673EQ18BK-625I Datasheet(HTML) 9 Page - GSI Technology

Back Button GS8673EQ18BK-625I Datasheet HTML 5Page - GSI Technology GS8673EQ18BK-625I Datasheet HTML 6Page - GSI Technology GS8673EQ18BK-625I Datasheet HTML 7Page - GSI Technology GS8673EQ18BK-625I Datasheet HTML 8Page - GSI Technology GS8673EQ18BK-625I Datasheet HTML 9Page - GSI Technology GS8673EQ18BK-625I Datasheet HTML 10Page - GSI Technology GS8673EQ18BK-625I Datasheet HTML 11Page - GSI Technology GS8673EQ18BK-625I Datasheet HTML 12Page - GSI Technology GS8673EQ18BK-625I Datasheet HTML 13Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
GS8673EQ18/36BK-675/625/550/500
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.06 5/2012
9/31
© 2011, GSI Technology
Functional Description
Separate I/O ECCRAMs, from a system architecture point of view, are attractive in applications that execute continuous
back-to-back alternating Reads and Writes. Therefore, the SigmaQuad-IIIe ECCRAM interface and truth table are optimized for
continuously alternating Reads and Writes. Separate I/O ECCRAMs are unpopular in applications where block transfers of Reads
or Writes are needed because half of the data pins will go unused during the block transfer, potentially cutting Separate I/O
ECCRAM data bandwidth in half. Applications of this sort are better served by Common I/O ECCRAMs such as the
SigmaDDR-IIIe series.
Truth Table
SA
R
W
Current Operation
D
Q
↑CK
(tn)
↑CK
(tn+½)
↑CK
(tn)
↑CK
(tn)
(tn)
↑KD
(tn)
↑KD
(tn+½)
↑CK
(tm)
↑CK
(tm+½)
X
X
1
1
NOP
X
X
Hi-Z / 0
Hi-Z / 0
X
V
1
0
Write Only
D1
D2
Hi-Z / 0
Hi-Z / 0
V
X
0
1
Read Only
X
X
Q1
Q2
V
V
0
0
Read + Write
D1
D2
Q1
Q2
Notes:
1. 1 = input High; 0 = input Low; V equals input valid; X = input don’t care.
2. tm = tn + RL, where RL = Read Latency of the device.
3. D1 and D2 indicate the first and second pieces of Write Data transferred during Write operations.
4. Q1 and Q2 indicate the first and second pieces of Read Data transferred during Read operations.
5. When D input termination is disabled (MZT[1:0] = 00), Q drivers are disabled (i.e. Q pins are tri-stated) for one cycle in response to NOP and
Write commands, RL cycles after the command is sampled.
6. When D input termination is enabled (MZT[1:0] = 01 or 10), Q drivers are enabled Low (i.e. Q pins are driven Low) for one cycle in response
to NOP and Write Only commands, RL cycles after the command is sampled. This is done so the Memory Controller can enable On-Die
Termination on its data inputs without having to cope with the termination pulling tri-stated data inputs to VDDQ/2 (i.e. to the switch point of
the data input receivers).


Similar Part No. - GS8673EQ18BK-625I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8673EQ18BK-625IS GSI-GS8673EQ18BK-625IS Datasheet
368Kb / 25P
   For use with GSI SRAM Port IP
More results

Similar Description - GS8673EQ18BK-625I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8673ED36BK-625I GSI-GS8673ED36BK-625I Datasheet
457Kb / 31P
   On-Chip ECC with virtually zero SER
GS8673EQ18BK-625 GSI-GS8673EQ18BK-625 Datasheet
451Kb / 31P
   On-Chip ECC with virtually zero SER
GS8672Q38BE-450I GSI-GS8672Q38BE-450I Datasheet
457Kb / 28P
   On-Chip ECC with virtually zero SER
GS8673ED18BGK-625 GSI-GS8673ED18BGK-625 Datasheet
457Kb / 31P
   On-Chip ECC with virtually zero SER
GS8673ED36BK-550 GSI-GS8673ED36BK-550 Datasheet
457Kb / 31P
   On-Chip ECC with virtually zero SER
GS8672D37BGE-375 GSI-GS8672D37BGE-375 Datasheet
483Kb / 28P
   On-Chip ECC with virtually zero SER
GS8672D20BGE-633 GSI-GS8672D20BGE-633 Datasheet
483Kb / 30P
   On-Chip ECC with virtually zero SER
GS8672Q19BGE-300 GSI-GS8672Q19BGE-300 Datasheet
475Kb / 27P
   On-Chip ECC with virtually zero SER
GS8673ED36BK-675I GSI-GS8673ED36BK-675I Datasheet
457Kb / 31P
   On-Chip ECC with virtually zero SER
GS8673EQ36BGK-675 GSI-GS8673EQ36BGK-675 Datasheet
451Kb / 31P
   On-Chip ECC with virtually zero SER
GS8672D20BE-450I GSI-GS8672D20BE-450I Datasheet
483Kb / 30P
   On-Chip ECC with virtually zero SER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com