Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS81313LD36GK-833I Datasheet(PDF) 7 Page - GSI Technology

Part # GS81313LD36GK-833I
Description  4Mb x 36 and 8Mb x 18 organizations available
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS81313LD36GK-833I Datasheet(HTML) 7 Page - GSI Technology

Back Button GS81313LD36GK-833I Datasheet HTML 3Page - GSI Technology GS81313LD36GK-833I Datasheet HTML 4Page - GSI Technology GS81313LD36GK-833I Datasheet HTML 5Page - GSI Technology GS81313LD36GK-833I Datasheet HTML 6Page - GSI Technology GS81313LD36GK-833I Datasheet HTML 7Page - GSI Technology GS81313LD36GK-833I Datasheet HTML 8Page - GSI Technology GS81313LD36GK-833I Datasheet HTML 9Page - GSI Technology GS81313LD36GK-833I Datasheet HTML 10Page - GSI Technology GS81313LD36GK-833I Datasheet HTML 11Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
GS81313LD18/36GK-833/714/625
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.13 7/2016
7/26
© 2014, GSI Technology
PLL Operation
A PLL is implemented in these devices to control all output timing. It uses the CK input clock as a source, and is enabled when all
of the following conditions are met:
1. RST is de-asserted Low, and
2. The PLL pin is asserted High, and
3. CK cycle time
 t
KHKH (max), as specified in the AC Timing Specifications section.
Once enabled, the PLL requires 64K stable clock cycles in order to lock/synchronize properly.
When the PLL is enabled, it aligns output clocks and read data to input clocks (with some fixed delay), and it generates all
mid-cycle output timing. See the Output Timing section for more information.
The PLL can tolerate changes in input clock frequency due to clock jitter (i.e. such jitter will not cause the PLL to lose lock/
synchronization), provided the cycle-to-cycle jitter does not exceed 200ps (see “tKJITcc” in the AC Timing Specifications section
for more information). However, the PLL must be resynchronized (i.e. disabled and then re-enabled) whenever the nominal input
clock frequency is changed.
The PLL is disabled when any of the following conditions are met:
1. RST is asserted High, or
2. The PLL pin is de-asserted Low, or
3. CK is stopped for at least 30ns, or CK cycle time
 30ns.
On-Chip Error Correction
These devices implement a single-error correct, single-error detect (SEC-SED) ECC algorithm (specifically, a Hamming Code) on
each 18-bit data word transmitted in DDR fashion on each 9-bit data bus (i.e., transmitted on D/Q[8:0], D/Q[17:9], D/Q[26:18],
and D/Q[35:27]). To accomplish this, 5 ECC parity bits (invisible to the user) are utilized per every 18 data bits (visible to the
user). As such, these devices actually comprise 184Mb of memory, of which 144Mb are visible to the user.
The ECC algorithm cannot detect multi-bit errors. However, these devices are architected in such a way that a single SER event
very rarely causes a multi-bit error across any given “transmitted data unit”, where a “transmitted data unit” represents the data
transmitted as the result of a single read or write operation to a particular address. The extreme rarity of multi-bit errors results in
the SER mentioned previously (i.e., <0.002 FITs/Mb, measured at sea level).
Not only does the on-chip ECC significantly improve SER performance, but it can also free up the entire memory array for data
storage. Very often SRAM applications allocate 1/9th of the memory array (i.e., one “error bit” per eight “data bits”, in any 9-bit
“data byte”) for error detection (either simple parity error detection, or system-level ECC error detection and correction).
Depending on the application, such error-bit allocation may be unnecessary in these devices, in which case the entire memory array
can be utilized for data storage, effectively providing 12.5% greater storage capacity compared to SRAMs of the same density not
equipped with on-chip ECC.


Similar Part No. - GS81313LD36GK-833I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS81313LD36GK-625 GSI-GS81313LD36GK-625 Datasheet
369Kb / 26P
   4Mb x 36 and 8Mb x 18 organizations available
GS81313LD36GK-625I GSI-GS81313LD36GK-625I Datasheet
357Kb / 25P
   4Mb x 36 and 8Mb x 18 organizations available
GS81313LD36GK-714I GSI-GS81313LD36GK-714I Datasheet
357Kb / 26P
   4Mb x 36 and 8Mb x 18 organizations available
More results

Similar Description - GS81313LD36GK-833I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS81313LQ18GK-600 GSI-GS81313LQ18GK-600 Datasheet
352Kb / 26P
   4Mb x 36 and 8Mb x 18 organizations available
GS81313LD36GK-714I GSI-GS81313LD36GK-714I Datasheet
357Kb / 26P
   4Mb x 36 and 8Mb x 18 organizations available
GS81313LQ18GK-800I GSI-GS81313LQ18GK-800I Datasheet
352Kb / 26P
   4Mb x 36 and 8Mb x 18 organizations available
GS81313LD36GK-625 GSI-GS81313LD36GK-625 Datasheet
369Kb / 26P
   4Mb x 36 and 8Mb x 18 organizations available
GS81313LD36GK-625I GSI-GS81313LD36GK-625I Datasheet
357Kb / 25P
   4Mb x 36 and 8Mb x 18 organizations available
GS81313LQ18GK-714 GSI-GS81313LQ18GK-714 Datasheet
352Kb / 26P
   4Mb x 36 and 8Mb x 18 organizations available
GS82583ED18GK-500 GSI-GS82583ED18GK-500 Datasheet
470Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
GS82583EQ18GK-500I GSI-GS82583EQ18GK-500I Datasheet
463Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
GS82583EQ36GK-500 GSI-GS82583EQ36GK-500 Datasheet
463Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
GS82583EQ18GK-400I GSI-GS82583EQ18GK-400I Datasheet
463Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com