Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS81313LQ18GK-714 Datasheet(PDF) 5 Page - GSI Technology

Part # GS81313LQ18GK-714
Description  4Mb x 36 and 8Mb x 18 organizations available
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS81313LQ18GK-714 Datasheet(HTML) 5 Page - GSI Technology

  GS81313LQ18GK-714 Datasheet HTML 1Page - GSI Technology GS81313LQ18GK-714 Datasheet HTML 2Page - GSI Technology GS81313LQ18GK-714 Datasheet HTML 3Page - GSI Technology GS81313LQ18GK-714 Datasheet HTML 4Page - GSI Technology GS81313LQ18GK-714 Datasheet HTML 5Page - GSI Technology GS81313LQ18GK-714 Datasheet HTML 6Page - GSI Technology GS81313LQ18GK-714 Datasheet HTML 7Page - GSI Technology GS81313LQ18GK-714 Datasheet HTML 8Page - GSI Technology GS81313LQ18GK-714 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
GS81313LQ18/36GK-800/714/600
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.13 7/2016
5/26
© 2014, GSI Technology
PZT[1:0]
ODT Configuration Select — Set the ODT state for various combinations of input groups when MZT[1:0] =
01 or 10. Must be tied High or Low.
PZT[1:0] = 00: enables ODT on write data only.
PZT[1:0] = 01: enables ODT on write data and input clocks.
PZT[1:0] = 10: enables ODT on write data, address, and control.
PZT[1:0] = 11: enables ODT on write data, input clocks, address, and control.
Input
VDD
Core Power Supply
VDDQ
I/O Power Supply
VREF
Input Reference Voltage — Input buffer reference voltage.
VSS
Ground
TCK
JTAG Clock — Weakly pulled Low internally.
Input
TMS
JTAG Mode Select — Weakly pulled High internally.
Input
TDI
JTAG Data Input — Weakly pulled High internally.
Input
TDO
JTAG Data Output
Output
MCH
Must Connect High — May be tied to VDDQ directly or via a 1k resistor.
Input
MCL
Must Connect Low — May be tied to VSS directly or via a 1k resistor.
Input
NC
No Connect — There is no internal chip connection to these pins. They may be left unconnected, or tied/
driven High or Low.
NUI
Not Used Input — There is an internal chip connection to these input pins, but they are unused by the
device. They are pulled Low internally. They may be left unconnected or tied/driven Low. They should not be
tied/driven High.
Input
NUO
Not Used Output — There is an internal chip connection to these output pins, but they are unused by the
device. The drivers are tri-stated internally. They should be left unconnected.
Output
Symbol
Description
Type


Similar Part No. - GS81313LQ18GK-714

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS81313LQ18GK-600 GSI-GS81313LQ18GK-600 Datasheet
352Kb / 26P
   4Mb x 36 and 8Mb x 18 organizations available
GS81313LQ18GK-800 GSI-GS81313LQ18GK-800 Datasheet
352Kb / 26P
   144Mb SigmaQuad-IIIe Burst of 2 ECCRAM
GS81313LQ18GK-800I GSI-GS81313LQ18GK-800I Datasheet
352Kb / 26P
   4Mb x 36 and 8Mb x 18 organizations available
More results

Similar Description - GS81313LQ18GK-714

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS81313LQ18GK-600 GSI-GS81313LQ18GK-600 Datasheet
352Kb / 26P
   4Mb x 36 and 8Mb x 18 organizations available
GS81313LD36GK-714I GSI-GS81313LD36GK-714I Datasheet
357Kb / 26P
   4Mb x 36 and 8Mb x 18 organizations available
GS81313LQ18GK-800I GSI-GS81313LQ18GK-800I Datasheet
352Kb / 26P
   4Mb x 36 and 8Mb x 18 organizations available
GS81313LD36GK-625 GSI-GS81313LD36GK-625 Datasheet
369Kb / 26P
   4Mb x 36 and 8Mb x 18 organizations available
GS81313LD36GK-625I GSI-GS81313LD36GK-625I Datasheet
357Kb / 25P
   4Mb x 36 and 8Mb x 18 organizations available
GS81313LD36GK-833I GSI-GS81313LD36GK-833I Datasheet
357Kb / 26P
   4Mb x 36 and 8Mb x 18 organizations available
GS82583ED18GK-500 GSI-GS82583ED18GK-500 Datasheet
470Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
GS82583EQ18GK-500I GSI-GS82583EQ18GK-500I Datasheet
463Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
GS82583EQ36GK-500 GSI-GS82583EQ36GK-500 Datasheet
463Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
GS82583EQ18GK-400I GSI-GS82583EQ18GK-400I Datasheet
463Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com