Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS82583ED18GK-675 Datasheet(PDF) 10 Page - GSI Technology

Part # GS82583ED18GK-675
Description  8Mb x 36 and 16Mb x 18 organizations available
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS82583ED18GK-675 Datasheet(HTML) 10 Page - GSI Technology

Back Button GS82583ED18GK-675 Datasheet HTML 6Page - GSI Technology GS82583ED18GK-675 Datasheet HTML 7Page - GSI Technology GS82583ED18GK-675 Datasheet HTML 8Page - GSI Technology GS82583ED18GK-675 Datasheet HTML 9Page - GSI Technology GS82583ED18GK-675 Datasheet HTML 10Page - GSI Technology GS82583ED18GK-675 Datasheet HTML 11Page - GSI Technology GS82583ED18GK-675 Datasheet HTML 12Page - GSI Technology GS82583ED18GK-675 Datasheet HTML 13Page - GSI Technology GS82583ED18GK-675 Datasheet HTML 14Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
GS82583ED18/36GK-675/625/550/500
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.06 8/2017
10/26
© 2014, GSI Technology
Absolute Maximum Ratings
Parameter
Symbol
Rating
Units
Notes
Core Supply Voltage
VDD
-0.3 to +1.4
V
I/O Supply Voltage when MVQ = 0
VDDQ
-0.3 to VDD
V
I/O Supply Voltage when MVQ = 1
VDDQ
-0.3 to +1.8
Input Voltage
VIN
-0.3 to VDDQ + 0.3
V
Junction Temperature
TJ
0 to 125
C
Storage Temperature
TSTG
-55 to 125
C
Note: Permanent damage to the device may occur if the Absolute Maximum Ratings are exceeded. Operation should be restricted to Recom-
mended Operating Conditions. Exposure to conditions exceeding the Recommended Operating Conditions for an extended period of time may
affect reliability of this component.
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Units
Notes
Core Supply Voltage
VDD
1.25
1.3
1.35
V
I/O Supply Voltage when MVQ = 0
VDDQ
1.15
1.2 or 1.3
VDD
V
I/O Supply Voltage when MVQ = 1
VDDQ
1.45
1.5
1.55
V
Commercial Junction Temperature
TJC
0
85
C
Industrial Junction Temperature
TJI
-40
100
C
Note: For reliability purposes, power supplies must power up simultaneously, or in the following sequence:
VSS, VDD, VDDQ, VREF, and Inputs.
Power supplies must power down simultaneously, or in the reverse sequence.
Thermal Impedances
Package
JA (C°/W)
Airflow = 0 m/s
 JA (C°/W)
Airflow = 1 m/s
 JA (C°/W)
Airflow = 2 m/s
JB (C°/W)
 JC (C°/W)
FBGA
12.94
10.47
9.51
2.93
0.33


Similar Part No. - GS82583ED18GK-675

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS82583ED18GK-675I GSI-GS82583ED18GK-675I Datasheet
470Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
More results

Similar Description - GS82583ED18GK-675

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS82583ED18GK-500 GSI-GS82583ED18GK-500 Datasheet
470Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
GS82583ED18GK-550I GSI-GS82583ED18GK-550I Datasheet
470Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
GS82583EQ18GK-400 GSI-GS82583EQ18GK-400 Datasheet
463Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
GS82583EQ18GK-500I GSI-GS82583EQ18GK-500I Datasheet
463Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
GS82583EQ36GK-500 GSI-GS82583EQ36GK-500 Datasheet
463Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
GS82583EQ18GK-400I GSI-GS82583EQ18GK-400I Datasheet
463Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
GS82583ED18GK-550 GSI-GS82583ED18GK-550 Datasheet
470Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
GS82583ED18GK-625 GSI-GS82583ED18GK-625 Datasheet
470Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
GS82583ED18GK-675I GSI-GS82583ED18GK-675I Datasheet
470Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
GS82583EQ18GK-450 GSI-GS82583EQ18GK-450 Datasheet
463Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com