Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1758 Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # 2SD1758
Description  TO-251-3L Plastic-Encapsulate Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

2SD1758 Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  2SD1758 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SD1758 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-251-3L Plastic-Encapsulate Transistors
2SD1758 TRANSISTOR (NPN)
FEATURES
Low VCE(sat)
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
40
V
VCEO
Collector-Emitter Voltage
32
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current -Continuous
2
A
PC
Collector dissipation
1.2
W
TJ
Junction Temperature
150
Tstg
Storage Temperature
-55-150
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless other wise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=50μA, IE=0
40
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=1mA, IB=0
32
V
Emitter-base breakdown voltage
V(BR)EBO
IE=50μA, IC=0
5
V
Collector cut-off current
ICBO
VCB=20V, IE=0
1
μA
Emitter cut-off current
IEBO
VEB=4V, IC=0
1
μA
DC current gain
hFE
VCE=3V, IC=500mA
82
390
Collector-emitter saturation voltage
VCE(sat)
IC=2A, IB=0.2A
0.8
V
Transition frequency
fT
VCE=5V, IC=50mA, f=100MHz
100
MHz
Collector output capacitance
Cob
VCB=10V, IE=0, f=1MHz
30
pF
CLASSIFICATION OF h FE
Rank
P
Q
R
Range
82-180
120-270
180-390
TO-251-3L
1.BASE
2.COLLECTOR
3.EMITTER
www.cj-elec.com
1
C,Nov,2014


Similar Part No. - 2SD1758

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD1758 ROHM-2SD1758 Datasheet
107Kb / 4P
   Medium Power Transistor (32V, 2A)
2SD1758 ROHM-2SD1758 Datasheet
124Kb / 4P
   Medium Power Transistor (32V, 2A)
logo
TRANSYS Electronics Lim...
2SD1758 TEL-2SD1758 Datasheet
55Kb / 1P
   Plastic-Encapsulated Transistors
logo
Rohm
2SD1758 ROHM-2SD1758 Datasheet
157Kb / 3P
   Medium power transistor (32V, 2A)
logo
Guangdong Kexin Industr...
2SD1758 KEXIN-2SD1758 Datasheet
40Kb / 1P
   Medium Power Transistor
More results

Similar Description - 2SD1758

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
3DA752 JIANGSU-3DA752 Datasheet
348Kb / 2P
   TO-251-3L Plastic-Encapsulate Transistors
2SA1700 JIANGSU-2SA1700 Datasheet
766Kb / 3P
   TO-251-3L Plastic-Encapsulate Transistors
2SD1802 JIANGSU-2SD1802 Datasheet
1Mb / 3P
   TO-251-3L Plastic-Encapsulate Transistors
D882M JIANGSU-D882M Datasheet
1Mb / 3P
   TO-251-3L Plastic-Encapsulate Transistors
MJD31C JIANGSU-MJD31C Datasheet
913Kb / 3P
   TO-251-3L Plastic-Encapsulate Transistors
2SB1202 JIANGSU-2SB1202 Datasheet
432Kb / 2P
   TO-251-3L Plastic-Encapsulate Transistors
2SB1412 JIANGSU-2SB1412 Datasheet
458Kb / 2P
   TO-251-3L Plastic-Encapsulate Transistors
2SC3303 JIANGSU-2SC3303 Datasheet
289Kb / 3P
   TO-251-3L Plastic-Encapsulate Transistors
2SD2118 JIANGSU-2SD2118 Datasheet
558Kb / 2P
   TO-251-3L Plastic-Encapsulate Transistors
2SA1615 JIANGSU-2SA1615 Datasheet
220Kb / 2P
   TO-251-3L Plastic-Encapsulate Transistors
2SC4003 JIANGSU-2SC4003 Datasheet
373Kb / 2P
   TO-251-3L Plastic-Encapsulate Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com