Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1761 Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # 2SD1761
Description  TO-220F Plastic-Encapsulate Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

2SD1761 Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  2SD1761 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SD1761 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SD1761 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-220F Plastic-Encapsulate Transistors
2SD1761
TRANSISTOR (NPN)
FEATURES
Low Collector Saturation Voltage:
Vce(sat)=0.3V(Typ.),IC/IB=2A/0.2A
Excellent Current Characteristics of DC Current Gain.
Large Collector Power Dissipation: PC=30W(TC=25℃)
Complementary Pair with 2SB1187
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
80
V
VCEO
Collector-Emitter Voltage
60
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current -Continuous
3
A
PC
Collector Power dissipation
2
W
TJ
Junction Temperature
150
Tstg
Storage Temperature
-55-150
ELECTRICAL
CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=50uA, IE=0
80
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=1mA,IB=0
60
V
Emitter-base breakdown voltage
V(BR)EBO
IE=50uA,IC=0
5
V
Collector cut-off current
ICBO
VCB=60V,IE=0
10
uA
Emitter cut-off current
IEBO
VEB=4V,IC=0
10
uA
DC current gain
hFE(1)
VCE=5V,IC=0.5A
60
320
Collector-emitter saturation voltage
VCE(sat)
IC=2A,IB=0.2A
1
V
Base-emitter saturation voltage
VBE(sat)
IC=2A,IB=0.2A
1.5
V
Transition frequency
fT
VCE=5V,IC=0.5A
8
MHz
Collector output capacitance
Cob
VCB=10V,IE=0,f=1MHz
90
pF
CLASSIFICATION OF
hFE(1)
Rank
D
E
F
Range
60-120
100-200
160-320
TO-220F
1. BASE
2. COLLECTOR
3. EMITTER
www.cj-elec.com
1
D,May,2016
1
3
2


Similar Part No. - 2SD1761

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD1761 ROHM-2SD1761 Datasheet
63Kb / 1P
   TRIPLE DIFFUSED PLANAR NPN SILICON TRANSISTOR
logo
Inchange Semiconductor ...
2SD1761 ISC-2SD1761 Datasheet
80Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SD1761 SAVANTIC-2SD1761 Datasheet
111Kb / 3P
   Silicon NPN Power Transistors
2SD1761 SAVANTIC-2SD1761 Datasheet
112Kb / 3P
   Silicon NPN Power Transistors
logo
SHENZHEN KOO CHIN ELECT...
2SD1761 KOOCHIN-2SD1761 Datasheet
261Kb / 2P
   TRANSISTOR (NPN)
More results

Similar Description - 2SD1761

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
KSA614F JIANGSU-KSA614F Datasheet
1Mb / 2P
   TO-220F Plastic-Encapsulate Transistors
KSD1408 JIANGSU-KSD1408 Datasheet
1Mb / 3P
   TO-220F Plastic-Encapsulate Transistors
TIP42CF JIANGSU-TIP42CF Datasheet
803Kb / 3P
   TO-220F Plastic-Encapsulate Transistors
2SB946 JIANGSU-2SB946 Datasheet
684Kb / 2P
   TO-220F Plastic-Encapsulate Transistors
2SD2012 JIANGSU-2SD2012 Datasheet
1Mb / 3P
   TO-220F Plastic-Encapsulate Transistors
2SD2061 JIANGSU-2SD2061 Datasheet
82Kb / 2P
   TO-220F Plastic-Encapsulate Transistors
KSC5021F JIANGSU-KSC5021F Datasheet
1Mb / 2P
   TO-220F Plastic-Encapsulate Transistors
KTD2061 JIANGSU-KTD2061 Datasheet
1Mb / 2P
   TO-220F Plastic-Encapsulate Transistors
2SA2050 JIANGSU-2SA2050 Datasheet
1Mb / 2P
   TO-220F Plastic-Encapsulate Transistors
2SB1370 JIANGSU-2SB1370 Datasheet
1Mb / 2P
   TO-220F Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com