Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S8353 Datasheet(PDF) 2 Page - Seiko Instruments Inc

Part # S8353
Description  STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8353 Datasheet(HTML) 2 Page - Seiko Instruments Inc

  S8353 Datasheet HTML 1Page - Seiko Instruments Inc S8353 Datasheet HTML 2Page - Seiko Instruments Inc S8353 Datasheet HTML 3Page - Seiko Instruments Inc S8353 Datasheet HTML 4Page - Seiko Instruments Inc S8353 Datasheet HTML 5Page - Seiko Instruments Inc S8353 Datasheet HTML 6Page - Seiko Instruments Inc S8353 Datasheet HTML 7Page - Seiko Instruments Inc S8353 Datasheet HTML 8Page - Seiko Instruments Inc S8353 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 49 page
background image
STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
S-8353/8354 Series
Rev.3.0_01
2
Block Diagrams
(1) A, C and H Types (Without Shutdown Function)
CONT
VOUT
Oscillation circuit
PWMcontrol circuit
or PWM / PFM
swiching control
circuit
VSS
Phase
compensation
circuit
Soft start built-in
reference power
supply
IC internal
power supply
+
Figure 1
(2) A and H Types (With Shutdown Function)
CONT
VOUT
Oscillation circuit
PWMcontrol circuit
or PWM / PFM
swiching control
circuit
VSS
OFF
/
ON
Soft start built-in
reference power
supply
Phase
compensation
circuit
IC internal
power supply
+
Figure 2
(3) D and J Types (VDD / VOUT Separate Type)
CONT
VOUT
VDD
Oscillation circuit
PWMcontrol circuit
or PWM / PFM
swiching control
circuit
VSS
IC internal
power supply
Soft start built-in
reference power
supply
Phase
compensation
circuit
+
Figure 3


Similar Part No. - S8353

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
S8350 SATCO-S8350 Datasheet
123Kb / 1P
   32 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; GX24q-3 (4-Pin) base
logo
Roithner LaserTechnik G...
S83500MG ROITHNER-S83500MG Datasheet
599Kb / 5P
   multi mode
S8350MG ROITHNER-S8350MG Datasheet
589Kb / 5P
   multi mode
logo
Seiko Instruments Inc
S8351 SII-S8351 Datasheet
2Mb / 51P
   STEP-UP, BUILT-IN / EXTERNAL FET PFM CONTROL SWITCHING REGULATOR / SWITCHING REGULATOR CONTROLLER
logo
Satco Products, Inc.
S8351 SATCO-S8351 Datasheet
123Kb / 1P
   32 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; GX24q-3 (4-Pin) base
More results

Similar Description - S8353

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8353 ABLIC-S-8353 Datasheet
567Kb / 49P
   STEP-UP, PWM CONTROL or PWM / PFM SWITCHABLE BUILT-IN TRANSISTOR SWITCHING REGULATOR
Rev.3.0_02
logo
Seiko Instruments Inc
S8340 SII-S8340 Datasheet
3Mb / 55P
   STEP-UP, 600 kHz, PWM CONTROL OR PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8520 SII-S8520 Datasheet
2Mb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8520 ABLIC-S-8520 Datasheet
612Kb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.9.0_02
logo
Seiko Instruments Inc
S8540 SII-S8540 Datasheet
2Mb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8540 SII-S-8540 Datasheet
445Kb / 36P
   STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S8355 SII-S8355 Datasheet
3Mb / 72P
   STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8365 ABLIC-S-8365 Datasheet
1Mb / 63P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.2.1_02
logo
Seiko Instruments Inc
S8365 SII-S8365 Datasheet
3Mb / 63P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8365 SII-S-8365 Datasheet
1Mb / 63P
   STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com