Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8500AEFVAD27 Datasheet(PDF) 7 Page - Analog Microelectronics

Part # AME8500AEFVAD27
Description  UProcessor Supervisory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8500AEFVAD27 Datasheet(HTML) 7 Page - Analog Microelectronics

Back Button AME8500AEFVAD27 Datasheet HTML 3Page - Analog Microelectronics AME8500AEFVAD27 Datasheet HTML 4Page - Analog Microelectronics AME8500AEFVAD27 Datasheet HTML 5Page - Analog Microelectronics AME8500AEFVAD27 Datasheet HTML 6Page - Analog Microelectronics AME8500AEFVAD27 Datasheet HTML 7Page - Analog Microelectronics AME8500AEFVAD27 Datasheet HTML 8Page - Analog Microelectronics AME8500AEFVAD27 Datasheet HTML 9Page - Analog Microelectronics AME8500AEFVAD27 Datasheet HTML 10Page - Analog Microelectronics AME8500AEFVAD27 Datasheet HTML 11Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
AME, Inc.
7
AME8500 / 8501
µµµµµProcessor Supervisory
n Ordering Information (contd.)
Part Number
Marking
VTH Voltage
Package
Operating Temp. Range
AME8500BEETBA42
ASIww
4.20V
SOT-23
- 40
oC to + 85oC
AME8500BEETCA21
ASXww
2.10V
SOT-23
- 40
oC to + 85oC
AME8500BEEVAK27
AUFww
2.70V
SOT-25
- 40
oC to + 85oC
AME8500BEFTAA21
A8500B
AA21ww
2.10V
SOT-89
- 40
oC to + 85oC
AME8500BEFTAA27
A8500B
AA27ww
2.70V
SOT-89
- 40
oC to + 85oC
AME8500BEFTAF27
A8500B
AF27ww
2.70V
SOT-89
- 40
oC to + 85oC
AME8500BEFTAF40
A8500B
AF40ww
4.00V
SOT-89
- 40
oC to + 85oC
AME8500BEFTBA23
A8500B
BA23ww
2.32V
SOT-89
- 40
oC to + 85oC
AME8500CEETAA21
ASYww
2.10V
SOT-23
- 40
oC to + 85oC
AME8500CEETAE26
ASHww
2.63V
SOT-23
- 40
oC to + 85oC
AME8500CEETAE42
AUZww
4.20V
SOT-23
- 40
oC to + 85oC
AME8500CEETAF29
ASLww
2.93V
SOT-23
- 40
oC to + 85oC
AME8500CEETBE42
AVAww
4.20V
SOT-23
- 40
oC to + 85oC
AME8500CEETBF31
AVYww
3.08V
SOT-23
- 40
oC to + 85oC
AME8500CEETBF46
ARWww
4.63V
SOT-23
- 40
oC to + 85oC
AME8500CEETCA21
ASZww
2.10V
SOT-23
- 40
oC to + 85oC
AME8500CEFTBA27
A8500C
BA27ww
2.70V
SOT-89
- 40
oC to + 85oC
AME8500CEFTBA29
A8500C
BA29ww
2.93V
SOT-89
- 40
oC to + 85oC
AME8500CEFTBA42
A8500C
BA42ww
4.20V
SOT-89
- 40
oC to + 85oC
AME8500CEFTCD28
A8500C
CD28ww
2.80V
SOT-89
- 40
oC to + 85oC
AME8500CEFTCD46
A8500C
CD46ww
4.63V
SOT-89
- 40
oC to + 85oC
Please consult AME sales office or authorized Rep./Distributor for other voltage options.


Similar Part No. - AME8500AEFVAD27

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8500AEFT AME-AME8500AEFT Datasheet
70Kb / 11P
   Micropower uP Reset Family
More results

Similar Description - AME8500AEFVAD27

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GN809 GTM-GN809 Datasheet
370Kb / 4P
   UPROCESSOR SUPERVISORY
logo
ON Semiconductor
CAT1163WI28 ONSEMI-CAT1163WI28 Datasheet
143Kb / 12P
   Supervisory Circuits with Supervisory Circuits with
November, 2011 ??Rev. 10
ASM161 ONSEMI-ASM161 Datasheet
140Kb / 7P
   Supervisory Circuit
August, 2011 ??Rev. 3
logo
Pericom Semiconductor C...
PT7M7436 PERICOM-PT7M7436 Datasheet
358Kb / 6P
   Supervisory Circuit
PT7M6315US PERICOM-PT7M6315US Datasheet
430Kb / 6P
   Supervisory Circuit
logo
Micrel Semiconductor
MIC705 MICREL-MIC705 Datasheet
177Kb / 8P
   Supervisory Circuits
logo
Analog Microelectronics
AME8570 AME-AME8570 Datasheet
196Kb / 17P
   mProcessor Supervisory
logo
ON Semiconductor
N84C163 ONSEMI-N84C163_18 Datasheet
212Kb / 13P
   Supervisory Circuits
May, 2018 ??Rev. 1
logo
Diodes Incorporated
PT7M6314US DIODES-PT7M6314US Datasheet
471Kb / 8P
   Supervisory Circuit
01/15/16
PT7M6315US DIODES-PT7M6315US Datasheet
991Kb / 8P
   Supervisory Circuit
March 2021 Rev 2-2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com