Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S8533 Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # S8533
Description  STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8533 Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button S8533 Datasheet HTML 2Page - Seiko Instruments Inc S8533 Datasheet HTML 3Page - Seiko Instruments Inc S8533 Datasheet HTML 4Page - Seiko Instruments Inc S8533 Datasheet HTML 5Page - Seiko Instruments Inc S8533 Datasheet HTML 6Page - Seiko Instruments Inc S8533 Datasheet HTML 7Page - Seiko Instruments Inc S8533 Datasheet HTML 8Page - Seiko Instruments Inc S8533 Datasheet HTML 9Page - Seiko Instruments Inc S8533 Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
S-8533 Series
Rev.3.0_01
6
Absolute Maximum Ratings
Table 2
(Ta = 25
°C unless otherwise specified)
Parameter
Symbol
Absolute Maximum Rating
Unit
VIN pin voltage
VIN
VSS
− 0.3 to VSS + 18
V
VOUT pin voltage
VOUT
VSS
− 0.3 to VSS + 18
V
ON/OFF pin voltage
VON/OFF
VSS
− 0.3 to VSS + 18
V
CSS pin voltage
VCSS
VSS
− 0.3 to VIN + 0.3
V
NDRV pin voltage
VNDRV
VSS
− 0.3 to VIN + 0.3
V
PDRV pin voltage
VPDRV
VSS
− 0.3 to VIN + 0.3
V
NDRV pin current
INDRV
±100
mA
PDRV pin current
IPDRV
±100
mA
Power dissipation
PD
300 (When not mounted on board)
mW
700*1
mW
Operating ambient temperature
Topr
−40 to +85
°C
Storage temperature
Tstg
−40 to +125
°C
*1. When mounted on board
[Mounted board]
(1) Board size :
114.3 mm
× 76.2 mm × t1.6 mm
(2) Board name : JEDEC STANDARD51-7
Caution The absolute maximum ratings are rated values exceeding which the product could suffer physical
damage. These values must therefore not be exceeded under any conditions.
(1) When mounted on board
(2) When not mounted on board
0
50
100
150
600
400
200
0
Ambient temperature (Ta) [
°C]
500
300
100
700
800
0
50
100
150
300
200
100
0
Ambient temperature (Ta) [
°C]
400
Figure 3 Power Dissipation of Package


Similar Part No. - S8533

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
S85300MG ROITHNER-S85300MG Datasheet
597Kb / 5P
   multi mode
More results

Similar Description - S8533

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8533 SII-S-8533 Datasheet
410Kb / 31P
   STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8533 ABLIC-S-8533 Datasheet
488Kb / 33P
   STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.3.0_02
logo
Linear Technology
LTC3851-1 LINER-LTC3851-1_15 Datasheet
362Kb / 28P
   Synchronous Step-Down Switching Regulator Controller
logo
Seiko Instruments Inc
S8520 SII-S8520 Datasheet
2Mb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8520 ABLIC-S-8520 Datasheet
612Kb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.9.0_02
logo
Linear Technology
LTC3851 LINER-LTC3851 Datasheet
320Kb / 28P
   Synchronous Step-Down Switching Regulator Controller
LTC3851A-1 LINER-LTC3851A-1_15 Datasheet
436Kb / 30P
   Synchronous Step-Down Switching Regulator Controller
LTC3851A LINER-LTC3851A_15 Datasheet
440Kb / 30P
   Synchronous Step-Down Switching Regulator Controller
LTC3851 LINER-LTC3851_15 Datasheet
335Kb / 28P
   Synchronous Step-Down Switching Regulator Controller
LTC3851-1 LINER-LTC3851-1 Datasheet
342Kb / 28P
   Synchronous Step-Down Switching Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com