Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UA741Y Datasheet(PDF) 11 Page - Texas Instruments

Part # UA741Y
Description  GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UA741Y Datasheet(HTML) 11 Page - Texas Instruments

Back Button UA741Y Datasheet HTML 7Page - Texas Instruments UA741Y Datasheet HTML 8Page - Texas Instruments UA741Y Datasheet HTML 9Page - Texas Instruments UA741Y Datasheet HTML 10Page - Texas Instruments UA741Y Datasheet HTML 11Page - Texas Instruments UA741Y Datasheet HTML 12Page - Texas Instruments UA741Y Datasheet HTML 13Page - Texas Instruments UA741Y Datasheet HTML 14Page - Texas Instruments UA741Y Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
UA741CD
ACTIVE
SOIC
D
8
75
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
UA741CDE4
ACTIVE
SOIC
D
8
75
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
UA741CDG4
ACTIVE
SOIC
D
8
75
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
UA741CDR
ACTIVE
SOIC
D
8
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
UA741CDRE4
ACTIVE
SOIC
D
8
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
UA741CDRG4
ACTIVE
SOIC
D
8
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
UA741CJG
OBSOLETE
CDIP
JG
8
TBD
Call TI
Call TI
UA741CJG4
OBSOLETE
CDIP
JG
8
TBD
Call TI
Call TI
UA741CP
ACTIVE
PDIP
P
8
50
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
UA741CPE4
ACTIVE
PDIP
P
8
50
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
UA741CPSR
ACTIVE
SO
PS
8
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
UA741CPSRE4
ACTIVE
SO
PS
8
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
UA741MFKB
OBSOLETE
LCCC
FK
20
TBD
Call TI
Call TI
UA741MJ
OBSOLETE
CDIP
J
14
TBD
Call TI
Call TI
UA741MJB
OBSOLETE
CDIP
J
14
TBD
Call TI
Call TI
UA741MJG
OBSOLETE
CDIP
JG
8
TBD
Call TI
Call TI
UA741MJGB
OBSOLETE
CDIP
JG
8
TBD
Call TI
Call TI
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
PACKAGE OPTION ADDENDUM
www.ti.com
18-Nov-2006
Addendum-Page 1


Similar Part No. - UA741Y

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UA741Y TI-UA741Y Datasheet
477Kb / 19P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
More results

Similar Description - UA741Y

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UA709C TI-UA709C Datasheet
93Kb / 6P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
Rohm
BD1321G ROHM-BD1321G_16 Datasheet
728Kb / 23P
   General Purpose Operational Amplifiers
logo
Texas Instruments
UA741CPSRG4 TI-UA741CPSRG4 Datasheet
1Mb / 23P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741MU TI-UA741MU Datasheet
1Mb / 23P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA748C TI-UA748C Datasheet
118Kb / 8P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741 TI-UA741_07 Datasheet
477Kb / 19P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741 TI1-UA741 Datasheet
1Mb / 28P
[Old version datasheet]   General-Purpose Operational Amplifiers
RC4136 TI-RC4136 Datasheet
83Kb / 5P
[Old version datasheet]   QUAD GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
RC4558 TI-RC4558 Datasheet
57Kb / 11P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
MC1458 TI-MC1458 Datasheet
81Kb / 5P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com