Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD2098 Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # 2SD2098
Description  SOT-89-3L Plastic-Encapsulate Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

2SD2098 Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  2SD2098 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SD2098 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SD2098 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
SOT-89-3L Plastic-Encapsulate Transistors
2SD2098 FEATURES
Excellent DC current gain characteristics
Complements the 2SB1386
MAXIMUM RATINGS (Ta=25
unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
50
V
VCEO
Collector-Emitter Voltage
20
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current -Continuous
5
A
PC
Collector Power Dissipation
500
mW
TJ
Junction Temperature
150
Tstg
Storage Temperature
-55
~150
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=50μA,IE=0
50
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=1mA,IB=0
20
V
Emitter-base breakdown voltage
V(BR)EBO
IE=50μA, =0
6
V
Collector cut-off current
ICBO
VCB=40V,IE=0
0.5
μA
Emitter cut-off current
IEBO
VEB=5V,IC=0
0.5
μA
DC current gain
hFE
VCE=2V,IC=0.5A
120
390
Collector-emitter saturation voltage
VCE(sat)
IC=4A,IB=100mA
1
V
Transition frequency
fT
VCE=6V,IC=50mA,f=100MHz
150
MHz
Collector output capacitance
Cob
VCB=20V,IE=0,f=1MHz
30
pF
CLASSIFICATION OF hFE
Rank
Q
R
Range
120-270
180-390
Marking
AHQ
AHR
SOT-89-3L
1. BASE
2. COLLECTOR
3. EMITTER
1
2
3
www.cj-elec.com
1
C,Nov,2015


Similar Part No. - 2SD2098

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD2098 ROHM-2SD2098 Datasheet
159Kb / 4P
   Low VCE(sat) Transistor(Strobe flash)
logo
Weitron Technology
2SD2098 WEITRON-2SD2098 Datasheet
111Kb / 5P
   NPN Plastic-Encapsulate Transistor
logo
Rohm
2SD2098 ROHM-2SD2098 Datasheet
109Kb / 5P
   Low VCE(sat) transistor (strobe flash)
logo
Guangdong Kexin Industr...
2SD2098 KEXIN-2SD2098 Datasheet
37Kb / 1P
   Low VCE(sat) Transistor
logo
SeCoS Halbleitertechnol...
2SD2098 SECOS-2SD2098 Datasheet
868Kb / 3P
   NPN Silicon Epitaxial Planar Tra nsistor
More results

Similar Description - 2SD2098

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
2SB1386 JIANGSU-2SB1386 Datasheet
1Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
2SB1424 JIANGSU-2SB1424 Datasheet
1Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
2SC2881 JIANGSU-2SC2881 Datasheet
1Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
2SC5785 JIANGSU-2SC5785 Datasheet
1Mb / 3P
   SOT-89-3L Plastic-Encapsulate Transistors
2SD1766 JIANGSU-2SD1766 Datasheet
1Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
2SA1013 JIANGSU-2SA1013 Datasheet
11Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
BCX54 JIANGSU-BCX54 Datasheet
2Mb / 5P
   SOT-89-3L Plastic-Encapsulate Transistors
BCX69 JIANGSU-BCX69 Datasheet
1Mb / 3P
   SOT-89-3L Plastic-Encapsulate Transistors
D882H JIANGSU-D882H Datasheet
1Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
BCX55 JIANGSU-BCX55 Datasheet
2Mb / 5P
   SOT-89-3L Plastic-Encapsulate Transistors
BSR33 JIANGSU-BSR33 Datasheet
1Mb / 3P
   SOT-89-3L Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com