Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD2114 Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # 2SD2114
Description  SOT-23 Plastic-Encapsulate Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

2SD2114 Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  2SD2114 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SD2114 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SD2114 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SD2114 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO.,LTD
SOT-23 Plastic-Encapsulate Transistors
2SD2114
TRANSISTOR (NPN)
FEATURES
High DC current gain.
High emitter-base voltage.
Low VCE (sat).
MARKING: BBV,BBW
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
25
V
VCEO
Collector-Emitter Voltage
20
V
VEBO
Emitter-Base Voltage
12
V
IC
Collector Current -Continuous
0.5
A
PC
Collector Power Dissipation
0.25
W
Tj
Junction Temperature
150
Tstg
Storage Temperature
-55-150
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=10μA,IE=0
25
V
Collector-emitter breakdown voltage
V(BR)CEO
IC =1mA, IB=0
20
V
Emitter-base breakdown voltage
V(BR)EBO
IE=10μA, IC=0
12
V
Collector cut-off current
ICBO
VCB=20 V, IE=0
0.5
μA
Emitter cut-off current
IEBO
VEB=10V,IC=0
0.5
μA
DC current gain
hFE
VCE=3V, IC=10mA
820
2700
Collector-emitter saturation voltage
VCE(sat)
IC= 500mA, IB=20 mA
0.4
V
Transition frequency
fT
VCE=10V, IC=50mA
f=100MHz
350
MHz
output capacitance
Cob
VCB=10V,IE=0,f=1MHz
8
pF
On resistance
R(on)
Vin=0.1V(rms),IB=1mA,
f=1KHZ
0.8
Ω
CLASSIFICATION OF hFE
Rank
V
W
Range
820-1800
1200-2700
SOT-23
1. BASE
2.EMITTER
3.COLLECTOR
www.cj-elec.com
1
A,Jun,2014
www.cj-elec.com
C,Oct,2015
JC T


Similar Part No. - 2SD2114

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SD2114 SECOS-2SD2114 Datasheet
415Kb / 3P
   NPN Plastic Encapsulated Transistor
2SD2114 SECOS-2SD2114 Datasheet
256Kb / 3P
   NPN Plastic-Encapsulate Transistor
logo
Shenzhen Jin Yu Semicon...
2SD2114 HTSEMI-2SD2114 Datasheet
889Kb / 3P
   TRANSISTOR (NPN)
logo
Rohm
2SD2114K ROHM-2SD2114K Datasheet
132Kb / 4P
   High-current Gain MediumPower Transistor (20V, 0.5A)
2SD2114K ROHM-2SD2114K Datasheet
99Kb / 5P
   High-current Gain Medium Power Transistor (20V, 0.5A)
More results

Similar Description - 2SD2114

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9014LT1 ETC-S9014LT1 Datasheet
1Mb / 2P
   SOT-23 Plastic-Encapsulate Transistors
logo
Avic Technology
AV9015LT1 AVICTEK-AV9015LT1 Datasheet
37Kb / 1P
   SOT-23 Plastic-Encapsulate Transistors
logo
Jiangsu High diode Semi...
2SC2412 HDSEMI-2SC2412 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
BC848 HDSEMI-BC848 Datasheet
2Mb / 5P
   SOT-23 Plastic-Encapsulate Transistors
S8550-SOT-23 HDSEMI-S8550-SOT-23 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
BC817B HDSEMI-BC817B Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
BC847 HDSEMI-BC847 Datasheet
2Mb / 5P
   SOT-23 Plastic-Encapsulate Transistors
MMBTA06 HDSEMI-MMBTA06 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
S8050 HDSEMI-S8050 Datasheet
1Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
SS8050-SOT-23 HDSEMI-SS8050-SOT-23 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SB709A JIANGSU-2SB709A Datasheet
662Kb / 4P
   SOT-23 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com