Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD2114 Datasheet(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # 2SD2114
Description  SOT-23 Plastic-Encapsulate Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

2SD2114 Datasheet(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  2SD2114 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SD2114 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SD2114 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SD2114 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
200
400
600
800
1000
0
100
200
300
400
500
0.1
1
10
1
10
100
1000
20
40
60
0
100
200
300
400
500
0.1
1
10
100
100
1000
0
25
50
75
100
125
150
0.0
0.1
0.2
0.3
0.4
1
10
100
200
400
600
800
1000
110
100
0
100
200
300
02
46
8
10
0
5
10
15
20
25
V
CE=3V
T
a=25
T
a=100
oC
BASE-EMITTER VOLTAGE
V
BE(mV)
I
C
——
V
BE
500
500
5000
500
5
70
20
f=1MHz
I
E=0 / IC=0
T
a=25
oC
REVERSE VOLTAGE V (V)
V
CB
/ V
EB
C
ob
/ C
ib
——
C
ib
C
ob
COLLECTOR CURRENT I
C
(mA)
V
CE=10V
T
a=25
oC
I
C
f
T
——
V
CE= 3V
T
a=100
oC
T
a=25
oC
COLLECTOR CURRENT I
C
(mA)
I
C
h
FE
——
AMBIENT TEMPERATURE T
a
( )
P
c
——
T
a
COLLECTOR CURRENT I
C
(mA)
T
a=25
T
a=100
β=25
I
C
V
BEsat
——
T
a=25
T
a=100
β=25
V
CEsat
——
I
C
COLLECTOR CURRENT I
C
(mA)
COMMON
EMITTER
T
a=25
20uA
18uA
16uA
14uA
12uA
10uA
8uA
6uA
4uA
I
B=2uA
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
Static Characteristic
www.cj-elec.com
2
A,Jun,2014
www.cj-elec.com
C,Oct,2015
Typical Characteristics


Similar Part No. - 2SD2114

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SD2114 SECOS-2SD2114 Datasheet
415Kb / 3P
   NPN Plastic Encapsulated Transistor
2SD2114 SECOS-2SD2114 Datasheet
256Kb / 3P
   NPN Plastic-Encapsulate Transistor
logo
Shenzhen Jin Yu Semicon...
2SD2114 HTSEMI-2SD2114 Datasheet
889Kb / 3P
   TRANSISTOR (NPN)
logo
Rohm
2SD2114K ROHM-2SD2114K Datasheet
132Kb / 4P
   High-current Gain MediumPower Transistor (20V, 0.5A)
2SD2114K ROHM-2SD2114K Datasheet
99Kb / 5P
   High-current Gain Medium Power Transistor (20V, 0.5A)
More results

Similar Description - 2SD2114

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9014LT1 ETC-S9014LT1 Datasheet
1Mb / 2P
   SOT-23 Plastic-Encapsulate Transistors
logo
Avic Technology
AV9015LT1 AVICTEK-AV9015LT1 Datasheet
37Kb / 1P
   SOT-23 Plastic-Encapsulate Transistors
logo
Jiangsu High diode Semi...
2SC2412 HDSEMI-2SC2412 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
BC848 HDSEMI-BC848 Datasheet
2Mb / 5P
   SOT-23 Plastic-Encapsulate Transistors
S8550-SOT-23 HDSEMI-S8550-SOT-23 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
BC817B HDSEMI-BC817B Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
BC847 HDSEMI-BC847 Datasheet
2Mb / 5P
   SOT-23 Plastic-Encapsulate Transistors
MMBTA06 HDSEMI-MMBTA06 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
S8050 HDSEMI-S8050 Datasheet
1Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
SS8050-SOT-23 HDSEMI-SS8050-SOT-23 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SB709A JIANGSU-2SB709A Datasheet
662Kb / 4P
   SOT-23 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com