Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD2136 Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # 2SD2136
Description  TO-126 Plastic-Encapsulate Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

2SD2136 Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  2SD2136 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SD2136 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SD2136 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SD2136 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TO – 126
1. EMITTER
2. COLLECTOR
3. BASE
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-126 Plastic-Encapsulate Transistors
2SD2136
TRANSISTOR (NPN)
FEATURES
High Forward Current Transfer Ratio hFE Which has
Satisfactory Linearity.
Low Collector-Emitter Saturation Voltage VCE(sat)
Allowing Supply with the Radial Taping
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
60
V
VCEO
Collector-Emitter Voltage
60
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current
3
A
PC
Collector Power Dissipation
1.25
W
RθJA
Thermal Resistance From Junction To Ambient
100
℃/W
Tj
Junction Temperature
150
Tstg
Storage Temperature
-55~+150
D2136
z
XXX
0$5.,1*
Equivalent Circuit
D2136 'HYLFHFoGH
Solid dot= Green molding compound
device, if none, the normal device
;;; &ode
ORDERING INFORMATION
Part Number
Package
Packing Method
Pack Quantity
2SD2136
TO-126
Bulk
2SD2136-TU
TO-126
Tube
www.cj-elec.com
1
D,Aug,2017
60pcs/Tube
200pcs/Bag


Similar Part No. - 2SD2136

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD2136 PANASONIC-2SD2136 Datasheet
86Kb / 3P
   Silicon NPN triple diffusion planar type
2SD2136 PANASONIC-2SD2136 Datasheet
82Kb / 3P
   Silicon PNP epitaxial planar type
logo
Unisonic Technologies
2SD2136 UTC-2SD2136 Datasheet
114Kb / 3P
   POWER TRANSISTOR
2SD2136 UTC-2SD2136 Datasheet
168Kb / 4P
   POWER TRANSISTOR
2SD2136 UTC-2SD2136 Datasheet
169Kb / 4P
   POWER TRANSISTOR
More results

Similar Description - 2SD2136

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
MJE170 JIANGSU-MJE170 Datasheet
919Kb / 4P
   TO-126 Plastic-Encapsulate Transistors
2SB1167 JIANGSU-2SB1167 Datasheet
1Mb / 4P
   TO-126 Plastic-Encapsulate Transistors
2SC2314 JIANGSU-2SC2314 Datasheet
971Kb / 3P
   TO-126 Plastic-Encapsulate Transistors
BD138 JIANGSU-BD138 Datasheet
1Mb / 4P
   TO-126 Plastic-Encapsulate Transistors
BD233 JIANGSU-BD233 Datasheet
285Kb / 3P
   TO-126 Plastic-Encapsulate Transistors
BD433 JIANGSU-BD433 Datasheet
939Kb / 3P
   TO-126 Plastic-Encapsulate Transistors
2SD669AL JIANGSU-2SD669AL Datasheet
1Mb / 4P
   TO-126 Plastic-Encapsulate Transistors
3DA882 JIANGSU-3DA882 Datasheet
954Kb / 3P
   TO-126 Plastic-Encapsulate Transistors
logo
Nanjing International G...
MJE13003 DGNJDZ-MJE13003 Datasheet
171Kb / 1P
   TO-126 Plastic-Encapsulate Transistors
D882 DGNJDZ-D882 Datasheet
397Kb / 2P
   TO-126 Plastic-Encapsulate Transistors
BD439 DGNJDZ-BD439 Datasheet
2Mb / 5P
   TO-126 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com