Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCLT1600 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # TCLT1600
Description  Optocoupler, Phototransistor Output, AC Input, SOP-4L, Long Mini-Flat Package
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCLT1600 Datasheet(HTML) 6 Page - Vishay Siliconix

  TCLT1600_15 Datasheet HTML 1Page - Vishay Siliconix TCLT1600_15 Datasheet HTML 2Page - Vishay Siliconix TCLT1600_15 Datasheet HTML 3Page - Vishay Siliconix TCLT1600_15 Datasheet HTML 4Page - Vishay Siliconix TCLT1600_15 Datasheet HTML 5Page - Vishay Siliconix TCLT1600_15 Datasheet HTML 6Page - Vishay Siliconix TCLT1600_15 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TCLT1600
www.vishay.com
Vishay Semiconductors
Rev. 2.5, 13-Oct-15
6
Document Number: 83517
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SOLDER PROFILE
Fig. 8 - Lead (Pb)-free Reflow Solder Profile
according to J-STD-020
HANDLING AND STORAGE CONDITIONS
ESD level: HBM class 2
Floor life: unlimited
Conditions: Tamb < 30 °C, RH < 85 %
Moisture sensitivity level 1, according to J-STD-020
0
50
100
150
200
250
300
0
50
100
150
200
250
300
Time (s)
240 °C
245 °C
max. 260 °C
max. 120 s
max. 100 s
217 °C
max. 30 s
max. ramp up 3 °C/s
max. ramp down 6 °C/s
19841
255 °C


Similar Part No. - TCLT1600_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCLT1600 VISHAY-TCLT1600_V01 Datasheet
148Kb / 7P
   Optocoupler, Phototransistor Output, AC Input, SOP-4L, Long Mini-Flat Package
01-Jan-2022
TCLT1600 VISHAY-TCLT1600_V02 Datasheet
148Kb / 7P
   Optocoupler, Phototransistor Output, AC Input, SOP-4L, Long Mini-Flat Package
01-Jan-2023
More results

Similar Description - TCLT1600_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCLT1600 VISHAY-TCLT1600_V01 Datasheet
148Kb / 7P
   Optocoupler, Phototransistor Output, AC Input, SOP-4L, Long Mini-Flat Package
01-Jan-2022
TCLT1600 VISHAY-TCLT1600_V02 Datasheet
148Kb / 7P
   Optocoupler, Phototransistor Output, AC Input, SOP-4L, Long Mini-Flat Package
01-Jan-2023
TCLT100 VISHAY-TCLT100 Datasheet
130Kb / 6P
   Optocoupler, Phototransistor Output, SOP-4L, Long Mini-Flat Package
Rev. 2.4, 29-Apr-11
TCLT1000 VISHAY-TCLT1000_07 Datasheet
129Kb / 9P
   Optocoupler,Phototransistor Output, SOP-4L,Long Mini-Flat Package
Rev. 2.2, 21-Nov-07
TCLT100 VISHAY-TCLT100_V02 Datasheet
169Kb / 9P
   Optocoupler, Phototransistor Output, SOP-4L, Long Mini-Flat Package
01-Jan-2023
TCLT100 VISHAY-TCLT100_V01 Datasheet
169Kb / 9P
   Optocoupler, Phototransistor Output, SOP-4L, Long Mini-Flat Packages
01-Jan-2022
TCLD1000 VISHAY-TCLD1000_V02 Datasheet
126Kb / 6P
   Optocoupler, Photodarlington Output, SOP-4L, Long Mini-Flat Package
01-Jan-2023
TCLD1000 VISHAY-TCLD1000_V01 Datasheet
126Kb / 6P
   Optocoupler, Photodarlington Output, SOP-4L, Long Mini-Flat Package
01-Jan-2022
TCLD1000 VISHAY-TCLD1000_08 Datasheet
139Kb / 7P
   Optocoupler, Photodarlington Output, SOP-4L, Long Mini-Flat Package
Rev. 1.8, 09-Jan-08
SFH691AT VISHAY-SFH691AT_08 Datasheet
97Kb / 5P
   Optocoupler, Phototransistor Output, SOP-4, AC Input, Mini-Flat Package
Rev. 1.7, 16-May-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com