Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCMT1600T3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TCMT1600T3
Description  Optocoupler, Phototransistor Output, AC Input
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCMT1600T3 Datasheet(HTML) 1 Page - Vishay Siliconix

  TCMT1600T3 Datasheet HTML 1Page - Vishay Siliconix TCMT1600T3 Datasheet HTML 2Page - Vishay Siliconix TCMT1600T3 Datasheet HTML 3Page - Vishay Siliconix TCMT1600T3 Datasheet HTML 4Page - Vishay Siliconix TCMT1600T3 Datasheet HTML 5Page - Vishay Siliconix TCMT1600T3 Datasheet HTML 6Page - Vishay Siliconix TCMT1600T3 Datasheet HTML 7Page - Vishay Siliconix TCMT1600T3 Datasheet HTML 8Page - Vishay Siliconix TCMT1600T3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TCMT1600, TCMT4600, TCMT4606
www.vishay.com
Vishay Semiconductors
Rev. 2.6, 21-Jul-15
1
Document Number: 83512
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Optocoupler, Phototransistor Output, AC Input,
Single / Quad Channel, Half Pitch Mini-Flat Package
DESCRIPTION
The low profile miniflat package includes an optocoupler
with AC Input and transistor output. It is available in single
channel (4 pin) TCMT1600 or quad channel (16 pin)
TCMT4600.
FEATURES
• Low profile package (half pitch)
• AC isolation test voltage 3750 VRMS
• Low coupling capacitance of typical 0.3 pF
• Low temperature coefficient of CTR
• Wide ambient temperature range
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Programmable logic controllers
AGENCY APPROVALS
• UL1577, file no. E76222, double protection
• cUL component acceptance service no 5A, double
protection
• DIN EN 60747-5-5 (VDA 0884-5)
• FIMKO: FI EN 60950-1:2006
• BSI: BS EN 60065:2002; BS EN60950-1:2006
• CQC GB 8898-2011, GB 4943.1-2011 (suitable for
installation altitude below 2000 m)
Notes
• Available only on tape and reel.
(1) Product is rotated 180° in tape and reel cavity.
22775
22628-1
CE
AC
4 PIN
16 PIN
12
8
9
ORDERING INFORMATION
T
C
M
T
#
60#
PART NUMBER
AGENCY CERTIFIED/PACKAGE
CTR (%)
SINGLE CHANNEL
QUAD CHANNEL
UL, cUL, FIMKO, BSI, VDE
80 to 300
80 to 300
100 to 300
SOP-4
TCMT1600
-
-
SOP-4
TCMT1600T3 (1)
--
SOP-16
-
TCMT4600
TCMT4606
SOP-16
-
TCMT4600T0 (1)
-
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
INPUT
Forward current
IF
± 60
mA
Forward surge current
tp
≤ 10 μs
IFSM
± 1.5
A
Power dissipation
Pdiss
100
mW
Junction temperature
Tj
125
°C
7 mm
SOP-#


Similar Part No. - TCMT1600T3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCMT1600T3 VISHAY-TCMT1600T3 Datasheet
271Kb / 8P
   Optocoupler, Phototransistor Output, AC Input, Single/Quad Channel, Half Pitch Mini-Flat
Rev. 1.8, 16-May-08
TCMT1600T3 VISHAY-TCMT1600T3 Datasheet
402Kb / 10P
   Optocoupler, Phototransistor Output, AC Input, Single / Quad Channel, Half Pitch Mini-Flat Package
01-Jan-2022
More results

Similar Description - TCMT1600T3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6206-3T VISHAY-SFH6206-3T Datasheet
160Kb / 7P
   Optocoupler, Phototransistor Output, AC Input
Rev. 1.9, 23-Feb-11
SFH620A VISHAY-SFH620A_V02 Datasheet
168Kb / 9P
   Optocoupler, Phototransistor Output, AC Input
01-Jan-2023
TCET1600 VISHAY-TCET1600_V02 Datasheet
154Kb / 8P
   Optocoupler, Phototransistor Output, AC Input
01-Jan-2023
SFH620A VISHAY-SFH620A_15 Datasheet
170Kb / 9P
   Optocoupler, Phototransistor Output, AC Input
Rev. 2.3, 31-Aug-15
TCET2600 VISHAY-TCET2600_10 Datasheet
167Kb / 8P
   Optocoupler, Phototransistor Output, AC Input
Rev. 1.6, 10-Dec-10
SFH620A VISHAY-SFH620A_05 Datasheet
400Kb / 9P
   Optocoupler, Phototransistor Output, AC Input
Rev. 1.6, 01-Dec-05
SFH620A VISHAY-SFH620A_V01 Datasheet
167Kb / 9P
   Optocoupler, Phototransistor Output, AC Input
01-Jan-2022
K814P VISHAY-K814P_V02 Datasheet
184Kb / 8P
   Optocoupler, Phototransistor Output, AC Input
01-Jan-2023
TCET1600 VISHAY-TCET1600_05 Datasheet
195Kb / 9P
   Optocoupler, Phototransistor Output, AC Input
Rev. 1.8, 01-Dec-05
K814P VISHAY-K814P_04 Datasheet
262Kb / 9P
   Optocoupler, Phototransistor Output, AC input
Rev. 1.8, 26-Oct-04
TCET1600 VISHAY-TCET1600_10 Datasheet
156Kb / 8P
   Optocoupler, Phototransistor Output, AC Input
Rev. 1.9, 10-Dec-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com