Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

VOL628A Datasheet(HTML) 5 Page - Vishay Siliconix

Part No. VOL628A
Description  Optocoupler, Phototransistor Output, AC Input, Low Input Current
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

VOL628A Datasheet(HTML) 5 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 9 page
background image
VOL628A
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 13-Oct-15
5
Document Number: 82401
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 10 - Normalized Current Transfer Ratio vs.
Ambient Temperature (saturated)
Fig. 11 - Normalized Current Transfer Ratio vs.
Ambient Temperature (non-saturated)
Fig. 12 - Current Transfer Ratio vs. Forward Current (saturated)
Normalized to 1 mA at 25 °C
Fig. 13 - Current Transfer Ratio vs. Forward Current (non-saturated)
Normalized to 1 mA at 25 °C
Fig. 14 - fCTR vs. Phase Angle
Fig. 15 - Frequency (-3 dB) vs. Collector Current
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
- 60 - 40 - 20
0
20
40
60
80 100 120
T
amb - Ambient Temperature (°C)
Normalized to CTR value:
I
F = 1 mA, VCE = 5 V, Tamb = 25 °C
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
- 60 - 40 - 20
0
20
40
60
80 100 120
T
amb - Ambient Temperature (°C)
Normalized to CTR value:
I
F = 1 mA, VCE = 5 V, Tamb = 25 °C
0.0
0.5
1.0
1.5
2.0
2.5
0.1
1
10
100
I
F - Forward Current (mA)
T
amb = 0 °C
T
amb = 110 °C
T
amb = -55 °C
T
amb = 25 °C
Normalized to:
I
F = 1 mA, VCE = 5 V
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.1
1
10
100
I
F - Forward Current (mA)
T
amb = 0 °C
T
amb = -55 °C
T
amb = 25 °C
T
amb = 110 °C
V
CE = 0.4 V
Normalized to:
I
F = 1 mA,
V
CE = 5 V
- 160
- 140
- 120
- 100
- 80
- 60
- 40
- 20
0
1
10
100
1000
f - Cut-off Frequency (kHz)
V
CE = 5 V
R
L = 100 Ω
R
L = 1000 Ω
1
10
100
1000
0.1
1
10
100
I
C (mA)
V
CC = 5 V


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn