Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

VOL628A Datasheet(HTML) 7 Page - Vishay Siliconix

Part No. VOL628A
Description  Optocoupler, Phototransistor Output, AC Input, Low Input Current
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

VOL628A Datasheet(HTML) 7 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 9 page
background image
VOL628A
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 13-Oct-15
7
Document Number: 82401
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGE DIMENSIONS (in millimeters)
PACKAGE MARKING (example of VOL628A-3X001T)
Notes
• Only option 1 is reflected in the package marking with the characters “X1”.
• Tape and reel suffix (T) is not part of the package marking.
TAPE AND REEL DIMENSIONS (in millimeters)
Fig. 20 - Reel Dimensions (3000 units per reel)
Fig. 21 - Tape Dimensions
22533
7.50 ± 0.20
Seating plane
0.70
+ 0.30
- 0.40
technical drawings
according to DIN
specifications
8.20
10.80
Possible footprint
4.10 max.
3.80
2.54 nom.
Pin no. 1 identification
1
2
4
3
0.45 ± 0.1
+ 0.30
- 0.40
10.20
0.10
628A-3X1
V YWW 68
ESD sticker
Tape slot
in core
330
(13")
Regular, special
or bar code label
17999
22662
technical drawings
according to DIN
specification
4.25
8
2.3
2
4
2.7
0.3
Direction of pulling out


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn