Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

VOL628A Datasheet(HTML) 4 Page - Vishay Siliconix

Part No. VOL628A
Description  Optocoupler, Phototransistor Output, AC Input, Low Input Current
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

VOL628A Datasheet(HTML) 4 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 9 page
background image
VOL628A
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 13-Oct-15
4
Document Number: 82401
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 4 - Derating Diagram
Fig. 5 - Test Pulse Diagram for Sample Test according to
DIN EN 60747-5-5
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 6 - Forward Voltage vs. Forward Current
Fig. 7 - Collector Current vs. Collector Emitter Voltage
(non-saturated)
Fig. 8 - Collector Emitter Current vs. Ambient Temperature
Fig. 9 - Collector Current vs. Collector Emitter Voltage (saturated)
0
25
50
75
125
0
50
100
150
200
300
TSI - Safety Temperature (°C)
150
100
250
Phototransistor
PSO (mW)
IR-diode
ISI (mA)
t
13930
t1, t2 = 1 s to 10 s
t3, t4 = 1 s
ttest = 10 s
tstres = 12 s
VIOTM
Vpd
VIOWM
VIORM
0
t1
ttest
tTr = 60 s
tstres
t3
t4
t2
0.1
1
10
100
0.6
0.8
1.0
1.2
1.4
1.6
V
F - Forward Voltage (V)
T
amb = 110 °C
T
amb = 75 °C
T
amb = 25 °C
T
amb = 0 °C
T
amb = - 55 °C
0
10
20
30
40
50
0
1
2
3
4
5
6
7
8
9
10
V
CE - Collector Emitter Voltage (non-sat) (V)
IF = 1 mA
I
F = 10 mA
I
F = 5 mA
I
F = 15 mA
I
F = 20 mA
I
F = 25 mA
0.001
0.01
0.1
1
10
100
1000
10 000
- 60 - 40 - 20
0
20
40
60
80 100 120
T
amb - Ambient Temperature (°C)
I
F = 0 mA
V
CE = 40 V
V
CE = 24 V
V
CE = 12 V
0
5
10
15
20
25
30
35
0.0
0.1
0.2
0.3
0.4
V
CE - Collector Emitter Voltage (V)
I
F = 25 mA
I
F = 10 mA
I
F = 0.5 mA
I
F = 2 mA
I
F = 5 mA
I
F = 1 mA


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn