Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCS210AGHR Datasheet(PDF) 4 Page - Rohm

Part # SCS210AGHR
Description  SiC Schottky Barrier Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SCS210AGHR Datasheet(HTML) 4 Page - Rohm

  SCS210AGHR Datasheet HTML 1Page - Rohm SCS210AGHR Datasheet HTML 2Page - Rohm SCS210AGHR Datasheet HTML 3Page - Rohm SCS210AGHR Datasheet HTML 4Page - Rohm SCS210AGHR Datasheet HTML 5Page - Rohm SCS210AGHR Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
Datasheet
SCS210AGHR
Electrical characteristic curves
0.01
0.1
1
10
0.0001 0.001 0.01
0.1
1
10
100
1000
Ta=25ºC
Single Pulse
0
10
20
30
40
50
60
70
80
0
25
50
75
100
125
150
175
0
10
20
30
40
50
60
0
25
50
75
100
125
150
175
Duty=0.1
Duty=0.2
Duty=0.5
Duty=0.8
D.C.
0
10
20
30
40
50
0
5
10
15
20
Duty=0.1
Duty=0.2
Duty=0.5
Duty=0.8
D.C.
Fig.5 Thermal Resistance vs. Pulse Width
Pulse Width : Pw [s]
Fig.6 Power Dissipation
Case Temperature : Tc [ºC]
Fig.7 Derating Curve Ip-Tc
Case Temperature : Tc [ºC]
Fig.8 Io-Pf Characteristics
Average Rectified Forward Current : Io [A]
4/4
2017.06 - Rev.C


Similar Part No. - SCS210AGHR

ManufacturerPart #DatasheetDescription
logo
Rohm
SCS210AGHR ROHM-SCS210AGHR Datasheet
477Kb / 6P
   SiC Schottky Barrier Diode
More results

Similar Description - SCS210AGHR

ManufacturerPart #DatasheetDescription
logo
Rohm
SCS206AGC ROHM-SCS206AGC Datasheet
363Kb / 6P
   SiC Schottky Barrier Diode
SCS205KGHR ROHM-SCS205KGHR Datasheet
478Kb / 6P
   SiC Schottky Barrier Diode
SCS208AGHR ROHM-SCS208AGHR Datasheet
481Kb / 6P
   SiC Schottky Barrier Diode
SCS215AGHR ROHM-SCS215AGHR Datasheet
541Kb / 6P
   SiC Schottky Barrier Diode
SCS220AJ ROHM-SCS220AJ Datasheet
493Kb / 6P
   SiC Schottky Barrier Diode
SVS212AGHR ROHM-SVS212AGHR Datasheet
478Kb / 6P
   SiC Schottky Barrier Diode
SCS210AG ROHM-SCS210AG_17 Datasheet
901Kb / 6P
   SiC Schottky Barrier Diode
SCS210AJHR ROHM-SCS210AJHR Datasheet
1Mb / 6P
   SiC Schottky Barrier Diode
SCS304AP ROHM-SCS304AP Datasheet
989Kb / 7P
   SiC Schottky Barrier Diode
SCS308AP ROHM-SCS308AP Datasheet
1,022Kb / 7P
   SiC Schottky Barrier Diode
SCS210KE2 ROHM-SCS210KE2 Datasheet
913Kb / 6P
   SiC Schottky Barrier Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com