Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMCRB1A107MTR Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # TMCRB1A107MTR
Description  Low ESR Tantalum Chip Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

TMCRB1A107MTR Datasheet(HTML) 2 Page - Hitachi Semiconductor

  TMCRB1A107MTR Datasheet HTML 1Page - Hitachi Semiconductor TMCRB1A107MTR Datasheet HTML 2Page - Hitachi Semiconductor TMCRB1A107MTR Datasheet HTML 3Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
178
d
e
t
a
R
e
g
a
t
l
o
V
)
C
D
V
W
(
t
r
a
P
r
e
b
m
u
N
e
c
n
a
t
i
c
a
p
a
C
e
c
n
a
t
i
c
a
p
a
C
e
c
n
a
r
e
l
o
T
t
n
e
g
n
a
T
R
S
E
C
°
0
2
@
R
T
K
6
0
1
J
0
B
R
C
M
T0
1%
0
1
±6
0
.
07
.
09
.
1
x
8
.
2
x
5
.
38
.
02
.
20
0
0
20
0
0
8
R
T
M
6
0
1
J
0
B
R
C
M
T
0
1
%
0
2
±
6
0
.
0
7
.
0
9
.
1
x
8
.
2
x
5
.
3
8
.
0
2
.
2
0
0
0
2
0
0
0
8
R
T
K
6
5
1
J
0
B
R
C
M
T5
1%
0
1
±6
0
.
06
.
09
.
1
x
8
.
2
x
5
.
38
.
02
.
20
0
0
20
0
0
8
R
T
M
6
5
1
J
0
B
R
C
M
T
5
1
%
0
2
±
6
0
.
0
6
.
0
9
.
1
x
8
.
2
x
5
.
3
8
.
0
2
.
2
0
0
0
2
0
0
0
8
R
T
K
6
2
2
J
0
B
R
C
M
T2
2%
0
1
±6
0
.
05
.
09
.
1
x
8
.
2
x
5
.
38
.
02
.
20
0
0
20
0
0
8
R
T
M
6
2
2
J
0
B
R
C
M
T
2
2
%
0
2
±
6
0
.
0
5
.
0
9
.
1
x
8
.
2
x
5
.
3
8
.
0
2
.
2
0
0
0
2
0
0
0
8
R
T
K
6
3
3
J
0
C
R
C
M
T3
3%
0
1
±6
0
.
05
3
.
05
.
2
x
2
.
3
x
8
.
53
.
12
.
20
0
50
0
5
2
R
T
M
6
3
3
J
0
C
R
C
M
T
3
3
%
0
2
±
6
0
.
0
5
3
.
0
5
.
2
x
2
.
3
x
8
.
5
3
.
1
2
.
2
0
0
5
0
0
5
2
R
T
K
6
7
4
J
0
C
R
C
M
T7
4%
0
1
±6
0
.
05
3
.
05
.
2
x
2
.
3
x
8
.
53
.
12
.
20
0
50
0
5
2
R
T
M
6
7
4
J
0
C
R
C
M
T
7
4
%
0
2
±
6
0
.
0
5
3
.
0
5
.
2
x
2
.
3
x
8
.
5
3
.
1
2
.
2
0
0
5
0
0
5
2
R
T
K
6
8
6
J
0
E
R
C
M
T8
6%
0
1
±6
0
.
02
.
08
.
2
x
*
3
.
4
x
3
.
73
.
14
.
20
0
50
0
5
2
R
T
M
6
8
6
J
0
E
R
C
M
T
8
6
%
0
2
±
6
0
.
0
2
.
0
8
.
2
x
*
3
.
4
x
3
.
7
3
.
1
4
.
2
0
0
5
0
0
5
2
R
T
K
7
0
1
J
0
E
R
C
M
T0
0
1%
0
1
±8
0
.
01
.
08
.
2
x
*
3
.
4
x
3
.
73
.
14
.
20
0
50
0
5
2
R
T
M
7
0
1
J
0
E
R
C
M
T
0
0
1
%
0
2
±
8
0
.
0
1
.
0
8
.
2
x
*
3
.
4
x
3
.
7
3
.
1
4
.
2
0
0
5
0
0
5
2
R
T
K
7
5
1
J
0
E
R
C
M
T0
5
1%
0
1
±8
0
.
01
.
08
.
2
x
*
3
.
4
x
3
.
73
.
14
.
20
0
50
0
5
2
R
T
M
7
5
1
J
0
E
R
C
M
T
0
5
1
%
0
2
±
8
0
.
0
1
.
0
8
.
2
x
*
3
.
4
x
3
.
7
3
.
1
4
.
2
0
0
5
0
0
5
2
R
T
K
7
2
2
J
0
E
R
C
M
T0
2
2%
0
1
±0
1
.
01
.
08
.
2
x
*
3
.
4
x
3
.
73
.
14
.
20
0
50
0
5
2
R
T
M
7
2
2
J
0
E
R
C
M
T
0
2
2
%
0
2
±
0
1
.
0
1
.
0
8
.
2
x
*
3
.
4
x
3
.
7
3
.
1
4
.
2
0
0
5
0
0
5
2
R
T
K
7
3
3
J
0
E
R
C
M
T0
3
3%
0
1
±5
1
.
01
.
08
.
2
x
*
3
.
4
x
3
.
73
.
14
.
20
0
50
0
5
2
R
T
M
7
3
3
J
0
E
R
C
M
T
0
3
3
%
0
2
±
5
1
.
0
1
.
0
8
.
2
x
*
3
.
4
x
3
.
7
3
.
1
4
.
2
0
0
5
0
0
5
2
R
T
K
6
0
1
A
1
B
R
C
M
T0
1%
0
1
±6
0
.
07
.
09
.
1
x
8
.
2
x
5
.
38
.
02
.
20
0
0
20
0
0
8
R
T
M
6
0
1
A
1
B
R
C
M
T
0
1
%
0
2
±
6
0
.
0
7
.
0
9
.
1
x
8
.
2
x
5
.
3
8
.
0
2
.
2
0
0
0
2
0
0
0
8
R
T
K
6
5
1
A
1
B
R
C
M
T5
1%
0
1
±6
0
.
06
.
09
.
1
x
8
.
2
x
5
.
38
.
02
.
20
0
0
20
0
0
8
R
T
M
6
5
1
A
1
B
R
C
M
T
5
1
%
0
2
±
6
0
.
0
6
.
0
9
.
1
x
8
.
2
x
5
.
3
8
.
0
2
.
2
0
0
0
2
0
0
0
8
R
T
K
6
2
2
A
1
C
R
C
M
T2
2%
0
1
±6
0
.
05
.
05
.
2
x
2
.
3
x
8
.
53
.
12
.
20
0
50
0
5
2
R
T
M
6
2
2
A
1
C
R
C
M
T
2
2
%
0
2
±
6
0
.
0
5
.
0
5
.
2
x
2
.
3
x
8
.
5
3
.
1
2
.
2
0
0
5
0
0
5
2
R
T
K
6
3
3
A
1
C
R
C
M
T3
3%
0
1
±6
0
.
05
3
.
05
.
2
x
2
.
3
x
8
.
53
.
12
.
20
0
50
0
5
2
R
T
M
6
3
3
A
1
C
R
C
M
T
3
3
%
0
2
±
6
0
.
0
5
3
.
0
5
.
2
x
2
.
3
x
8
.
5
3
.
1
2
.
2
0
0
5
0
0
5
2
R
T
K
6
7
4
A
1
C
R
C
M
T7
4%
0
1
±6
0
.
05
2
.
05
.
2
x
2
.
3
x
8
.
53
.
12
.
20
0
50
0
5
2
R
T
M
6
7
4
A
1
C
R
C
M
T
7
4
%
0
2
±
6
0
.
0
5
2
.
0
5
.
2
x
2
.
3
x
8
.
5
3
.
1
2
.
2
0
0
5
0
0
5
2
R
T
K
6
8
6
A
1
E
R
C
M
T8
6%
0
1
±6
0
.
02
.
08
.
2
x
*
3
.
4
x
3
.
73
.
14
.
20
0
50
0
5
2
R
T
M
6
8
6
A
1
E
R
C
M
T
8
6
%
0
2
±
6
0
.
0
2
.
0
8
.
2
x
*
3
.
4
x
3
.
7
3
.
1
4
.
2
0
0
5
0
0
5
2
R
T
K
7
0
1
A
1
E
R
C
M
T0
0
1%
0
1
±8
0
.
01
.
08
.
2
x
*
3
.
4
x
3
.
73
.
14
.
20
0
50
0
5
2
R
T
M
7
0
1
A
1
E
R
C
M
T
0
0
1
%
0
2
±
8
0
.
0
1
.
0
8
.
2
x
*
3
.
4
x
3
.
7
3
.
1
4
.
2
0
0
5
0
0
5
2
R
T
K
7
5
1
A
1
E
R
C
M
T0
5
1%
0
1
±8
0
.
01
.
08
.
2
x
*
3
.
4
x
3
.
73
.
14
.
20
0
50
0
5
2
R
T
M
7
5
1
A
1
E
R
C
M
T
0
5
1
%
0
2
±
8
0
.
0
1
.
0
8
.
2
x
*
3
.
4
x
3
.
7
3
.
1
4
.
2
0
0
5
0
0
5
2
R
T
K
7
2
2
A
1
E
R
C
M
T0
2
2%
0
1
±0
1
.
01
.
08
.
2
x
*
3
.
4
x
3
.
73
.
14
.
20
0
50
0
5
2
R
T
M
7
2
2
A
1
E
R
C
M
T
0
2
2
%
0
2
±
0
1
.
0
1
.
0
8
.
2
x
*
3
.
4
x
3
.
7
3
.
1
4
.
2
0
0
5
0
0
5
2
TANTALUM CAPACITORS
AIC
HITACHI AIC / BOSTON AIC • 69 Milk Street • Westborough, MA 01581 • Phone: 508-366-4092 • Fax: 508-366-9164
TMCR Series
•Low ESR Tantalum Chip Capacitors
6.3 Volts DC
(Code: 0J)
10 Volts DC
(Code: 1A)
Dimensions
L x W* x H
l
a
(
±0.2) (±0.2) (MAX) (±0.3) (±0.2)
Quantity
180mm
Dia. Reel
330mm
Dia. Reel
*Case Code E: Width (W) =
±0.3
2


Similar Part No. - TMCRB1A107MTR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TMCRB1A106TRF VISHAY-TMCRB1A106TRF Datasheet
260Kb / 13P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Low ESR
Revision: 26-Oct-17
More results

Similar Description - TMCRB1A107MTR

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NTCL NIC-NTCL Datasheet
83Kb / 3P
   Low ESR Tantalum Chip Capacitors
NTC-L NIC-NTC-L Datasheet
83Kb / 3P
   Low ESR Tantalum Chip Capacitors
logo
Dubilier
SHJL DUBILIER-SHJL Datasheet
262Kb / 3P
   TANTALUM CHIP - LOW ESR
logo
Vishay Siliconix
TR8 VISHAY-TR8 Datasheet
138Kb / 9P
   Solid Tantalum Chip Capacitors MICROTANTM Low ESR, Leadframeless Molded
Revision: 09-Aug-11
logo
Cornell Dubilier Electr...
T495D686K006AS CDE-T495D686K006AS Datasheet
251Kb / 3P
   Low ESR, High Ripple Current, Solid Tantalum Chip Capacitors
logo
Kemet Corporation
T494T336M004AT KEMET-T494T336M004AT_16 Datasheet
1Mb / 22P
   Tantalum Surface Mount Capacitors ??Low ESR
T495X107M010ATE045 KEMET-T495X107M010ATE045 Datasheet
1Mb / 29P
   Tantalum Surface Mount Capacitors ??Low ESR
T495X107M010ATE045 KEMET-T495X107M010ATE045_17 Datasheet
1Mb / 28P
   Tantalum Surface Mount Capacitors ??Low ESR
logo
Suntan Capacitors
TS20L SUNTAN-TS20L_17 Datasheet
388Kb / 3P
   CHIP TANTALUM CAPACITOR LOW ESR - SMD
logo
Kingtronics Internation...
EKT KINGTRONICS-EKT Datasheet
184Kb / 4P
   Chip Tantalum Capacitor Low ESR. SMD
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com