Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSAHC001 Datasheet(PDF) 3 Page - Red Lion Controls. Inc

Part # LSAHC001
Description  MODELS ZBG AND ZBH STANDARD DUTY ENCODER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

LSAHC001 Datasheet(HTML) 3 Page - Red Lion Controls. Inc

  LSAHC001 Datasheet HTML 1Page - Red Lion Controls. Inc LSAHC001 Datasheet HTML 2Page - Red Lion Controls. Inc LSAHC001 Datasheet HTML 3Page - Red Lion Controls. Inc LSAHC001 Datasheet HTML 4Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
LENGTH SENSOR CONVERSION BRACKET WITH 6-PIN MS CONNECTOR
ADAPTS APPROPRIATE ZBG and ZBH ROTARY PULSE GENERATOR TO LENGTH MEASUREMENT
DESCRIPTION
This conversion bracket allows the customer to assemble a custom length
sensor by purchasing the following items separately.
1. Length Sensor Conversion Bracket (P/N LSCB1000)
2. An encoder with appropriate connector, PPR and output type.
3. One or two measuring wheels. Install OF & OK measuring wheels with set
screw hub facing encoder shaft (as shown). Apply thread locking material to
wheel set screw threads during installation to the encoder shaft.
4. Hinge Clamp Assembly (P/N LSAHC001)
Note: To complete installation, insure guards, shields or other devices are in
place to protect personnel from rotating equipment.
The tubular arm length of this bracket, related to the wheel axis center-line of
the encoder is 6.8" similar to the length sensors. The 10´ long, 4-wire, shielded
cable with 6-pin MS connector (included with conversion bracket) has the same
color coding as described for the encoder cable P/N CCARPG01. Screws for
mounting the conversion bracket are included.
ORDERING INFORMATION
MODEL NO.
DESCRIPTION
PART NUMBER
LSCB
Length Sensor Conversion Bracket, w/10' Cable
LSCB1000
Length Sensor Conversion Bracket, w/25' Cable
LSCB1025
Length Sensor Conversion Bracket, w/50' Cable
LSCB1050
--
Hinge Clamp Assembly for Length Sensors &
Conversion Bracket (Above)
LSAHC001
LENGTH SENSOR MEASUREMENT ACCURACY
Factors which affect measurement accuracy include Measuring Wheel
accuracy and wear, and material conditions. Ideally, materials which are hard,
thin and strong provide good readings, conversely, soft, thick and elastic
materials can present problems in obtaining true readings. The great majority of
these situations, where this effect is consistant, can be compensated for by
applying a multiplier to the quadrature output pulse train so as to obtain a
corrected measurement. Counter or Rate Indicators with “input scaling” can
compensate for Measuring Wheel wear and material elastic and compliance
errors. In addition, English/Metric conversions may also be accomplished (See
RLC catalog for more information).
When the desired output of a length sensor and wheel combination is either in feet or inch units, selection
of the proper combination is relatively straight forward. For example, with a 1-foot wheel circumference, a
1 PPR Rotary Pulse Generator will deliver 1 pulse/ft, 12 PPR would deliver 12 pulses/ft (1 pulse/inch); 100
PPR would yield 100 pulses/ft; and 120 PPR would permit measuring to 1/10th of an inch (1/120th of a foot).
SELECTING APPROPRIATE WHEEL SIZE & PPR (Pulses Per Rev.) OF ROTARY PULSE GENERATOR
LENGTH SENSOR ACCESSORIES
SEPARATE LENGTH MEASURING WHEELS - DIMENSIONS In Inches (mm)
Cast
Alum.
.376"
(9.6)
Bore
+.001"
-.000"
8-32 UNF
Set Screw
3/8"
(9.5)
Round Section Replaceable
Tire .210" Section Dia.
Black Neoprene
Diamond Knurled Aluminum
Tread
10-32 UNF
Set Screw
1"
(25.4)
Alum.
Cast
.376"
-.000"
+.001"
(9.6)
Bore
.376"
(9.6)
Bore
+.001"
-.000"
Tan, Smooth Polyurethane
Tread
10-32 UNF
Set Screw
Alum.
Cast
1"
(25.4)
OF
WHEEL
CODE
OK
WHEEL
CODE
FOR USE ON: Metal, paper,
foil, film and hard plastics.
Line contact on material
being measured,
convenient when available
measuring track is narrow
or for measuring on end of
roller beside passing
material.
Max. Speed: 600 RPM
FOR USE ON: Soft, smooth
materials such as soft
paper, matting, cardboard,
fine weave textiles. Broad
wheel tread minimizes
contact pressure and tan
polyurethane tread
minimizes marking.
Max. Speed: 600 RPM
Balanced version of 1ft.
circumference
available.
Balanced to ANSI S2.19-
1989 Quality Grade 6.3 @
3000 RPM.
FOR USE ON: Rubber,
coarse weave fabrics,
rough wood surfaces,
foam, insulation.
Max. Speed: 600 RPM
Balanced version of 1ft.
circumference available.
Balanced to ANSI S2.19-
1989 Quality Grade 6.3
@ 3000 RPM.
OR
WHEEL
CODE


Similar Part No. - LSAHC001

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
LSA RUBYCON-LSA Datasheet
202Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
logo
DONG IL TECHNOLOGY LTD.
LSA DIT-LSA Datasheet
1Mb / 2P
   COMMON MODE CHOKE COIL
logo
SHINMEI ELECTRIC CO., L...
LSA-1112J5 SHINMEI-LSA-1112J5 Datasheet
87Kb / 1P
   Normally open type leaf switch
LSA-1119E SHINMEI-LSA-1119E Datasheet
74Kb / 2P
   Normally open type leaf switch
LSA-1119F SHINMEI-LSA-1119F Datasheet
74Kb / 2P
   Normally open type leaf switch
More results

Similar Description - LSAHC001

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
ZBH01002 REDLION-ZBH01002 Datasheet
737Kb / 4P
   MODELS ZBG AND ZBH STANDARD DUTY ENCODER
ZBH06002 REDLION-ZBH06002 Datasheet
737Kb / 4P
   MODELS ZBG AND ZBH STANDARD DUTY ENCODER
ZBG10002 REDLION-ZBG10002 Datasheet
737Kb / 4P
   MODELS ZBG AND ZBH STANDARD DUTY ENCODER
ZBH00102 REDLION-ZBH00102 Datasheet
737Kb / 4P
   MODELS ZBG AND ZBH STANDARD DUTY ENCODER
ZBG00602 REDLION-ZBG00602 Datasheet
737Kb / 4P
   MODELS ZBG AND ZBH STANDARD DUTY ENCODER
ZBG12002 REDLION-ZBG12002 Datasheet
737Kb / 4P
   MODELS ZBG AND ZBH STANDARD DUTY ENCODER
ZBH10002 REDLION-ZBH10002 Datasheet
737Kb / 4P
   MODELS ZBG AND ZBH STANDARD DUTY ENCODER
logo
List of Unclassifed Man...
DPL04 ETC2-DPL04 Datasheet
130Kb / 4P
   Standard, piano and right angle models
logo
Bothhand USA, LP.
S5771-LF BOTHHAND-S5771-LF Datasheet
561Kb / 1P
   Extended and standard temperature range models.
logo
IET Labs Inc.
RS-CS-LS IET-RS-CS-LS Datasheet
301Kb / 2P
   RS Series -- Standard Models
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com