Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRF21AR471QB5RA Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # PRF21AR471QB5RA
Description  Thermistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PRF21AR471QB5RA Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  PRF21AR471QB5RA Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. PRF21AR471QB5RA Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. PRF21AR471QB5RA Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product Search Data Sheet
Note: This datasheet may be out of date.
Please download the latest datasheet of PRF21AR471QB5RA from the official website of Murata Manufacturing
Co., Ltd.
http://www.murata.com/en-us/products/productdetail?partno=PRF21AR471QB5RA
PRF21AR471QB5RA
Appearance & Shape
Applications
Limited Usage
Consumer Grade
Packaging Information
Packaging
Specifications
Minimum
Order Quantity
RA
180mm Embossed Tape
4000
Features
1.SMD type is helpful for miniaturizing circuits because of its small
size and light weight.
2.Excellent thermal response due to small size
3.Solid-state construction provides excellent mechanical vibration
and impact resistance.
4.Contactless operation provides noiseless operation.
5.Lead is not contained in the terminations.
1 of 3
Atten ti o n
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
updated 2017/09/07


Similar Part No. - PRF21AR471QB5RA

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PRF21AR471QB5RA MURATA-PRF21AR471QB5RA Datasheet
1Mb / 103P
   PTC Thermistors for Overcurrent Protection / for Inrush Current Suppression / for Overheat Sensing Lead Type
PRF21AR471QB5RA MURATA-PRF21AR471QB5RA Datasheet
1Mb / 104P
   POSISTOR for Circuit Protection
logo
Murata Manufacturing Co...
PRF21AR471QB5RA MURATA1-PRF21AR471QB5RA Datasheet
445Kb / 3P
   PTC for Temperature Sensor
12/06/2022
PRF21AR471QB5RA MURATA1-PRF21AR471QB5RA Datasheet
488Kb / 3P
   Temperature Sensors
01/31/2024
PRF21AR471QB5RA MURATA1-PRF21AR471QB5RA_V01 Datasheet
445Kb / 3P
   PTC for Temperature Sensor
12/06/2022
More results

Similar Description - PRF21AR471QB5RA

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
TSM MERITEK-TSM Datasheet
156Kb / 3P
   NTC Thermistors SMD Thermistors
logo
Murata Manufacturing Co...
PRG18BC3R3MM1RB MURATA-PRG18BC3R3MM1RB_17 Datasheet
222Kb / 3P
   Thermistors
PRG18BB330MB1RB MURATA-PRG18BB330MB1RB Datasheet
227Kb / 3P
   Thermistors
PRG18BB470MB1RB MURATA-PRG18BB470MB1RB Datasheet
226Kb / 3P
   Thermistors
PRG18BC1R0MM1RB MURATA-PRG18BC1R0MM1RB_17 Datasheet
223Kb / 3P
   Thermistors
PRF18BG471RS5RB MURATA-PRF18BG471RS5RB_17 Datasheet
225Kb / 3P
   Thermistors
PRG15BC220MM1RC MURATA-PRG15BC220MM1RC_17 Datasheet
227Kb / 3P
   Thermistors
logo
List of Unclassifed Man...
334-NTC101-RC ETC2-334-NTC101-RC Datasheet
57Kb / 1P
   THERMISTORS
logo
Murata Manufacturing Co...
PRG18BB101MS1RB MURATA-PRG18BB101MS1RB Datasheet
224Kb / 3P
   Thermistors
PRG21BC2R2MS5RA MURATA-PRG21BC2R2MS5RA Datasheet
228Kb / 3P
   Thermistors
PRG21BC3R3MS5RA MURATA-PRG21BC3R3MS5RA Datasheet
230Kb / 3P
   Thermistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com