Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-13A1C14-U5T1U3 Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # S-13A1C14-U5T1U3
Description  HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-13A1C14-U5T1U3 Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button S-13A1C14-U5T1U3 Datasheet HTML 2Page - Seiko Instruments Inc S-13A1C14-U5T1U3 Datasheet HTML 3Page - Seiko Instruments Inc S-13A1C14-U5T1U3 Datasheet HTML 4Page - Seiko Instruments Inc S-13A1C14-U5T1U3 Datasheet HTML 5Page - Seiko Instruments Inc S-13A1C14-U5T1U3 Datasheet HTML 6Page - Seiko Instruments Inc S-13A1C14-U5T1U3 Datasheet HTML 7Page - Seiko Instruments Inc S-13A1C14-U5T1U3 Datasheet HTML 8Page - Seiko Instruments Inc S-13A1C14-U5T1U3 Datasheet HTML 9Page - Seiko Instruments Inc S-13A1C14-U5T1U3 Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 74 page
background image
HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-13A1 Series
Rev.2.1_00
6
Product Name Structure
Users can select the product type, output voltage, and package type for the S-13A1 Series. Refer to "1. Product
name" regarding the contents of product name, "2. Function list of product type" regarding the product type,
"3. Packages" regarding the package drawings, "4. Product name list" regarding details of the product name.
1. Product name
1. 1 HSOP-8A, HSOP-6, SOT-89-5
S-13A1 x xx - xxxx U 3
Product type
*3
A to D
Package abbreviation and IC packing specifications
*1
E8T1:
HSOP-8A, Tape
E6T1:
HSOP-6, Tape
U5T1:
SOT-89-5, Tape
Output voltage
*2
00:
Externally set
10 to 35: Internally set
(e.g., when the output voltage is 1.0 V, it is expressed as 10.)
Environmental code
U:
Lead-free (Sn 100%), halogen-free
*1.
Refer to the tape drawing.
*2.
If you request the product which has 0.05 V step, contact our sales office.
*3.
Refer to "2. Function list of product type".
1. 2 HSNT-6A
S-13A1 x xx - A6T1 U 3
Product type
*4
A to D
Package abbreviation and IC packing specifications
*1
A6T1:
HSNT-6A, Tape
Output voltage
*2
10 to 35:
Internally set
*3
(e.g., when the output voltage is 1.0 V, it is expressed as 10.)
Environmental code
U:
Lead-free (Sn 100%), halogen-free
*1.
Refer to the tape drawing.
*2.
If you request the product which has 0.05 V step, contact our sales office.
*3.
Types in which output voltage is externally set are unavailable.
*4.
Refer to "2. Function list of product type".


Similar Part No. - S-13A1C14-U5T1U3

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-13A1C14-U5T1U3 ABLIC-S-13A1C14-U5T1U3 Datasheet
1Mb / 74P
   5.5 V INPUT, 1000 mA VOLTAGE REGULATOR
Rev.2.2_00
More results

Similar Description - S-13A1C14-U5T1U3

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-1172 SII-S-1172 Datasheet
654Kb / 34P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
Unisonic Technologies
L1136 UTC-L1136_12 Datasheet
290Kb / 9P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
L1136 UTC-L1136 Datasheet
229Kb / 9P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1155 ABLIC-S-1155 Datasheet
515Kb / 28P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.2.1_03
logo
Seiko Instruments Inc
S-1155 SII-S-1155 Datasheet
773Kb / 28P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
Unisonic Technologies
L1136 UTC-L1136_11 Datasheet
214Kb / 9P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1172 ABLIC-S-1172 Datasheet
601Kb / 35P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.2.2_03
logo
Seiko Instruments Inc
S-1132 SII-S-1132 Datasheet
531Kb / 35P
   HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1135 SII-S-1135 Datasheet
2Mb / 48P
   HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1170 SII-S-1170 Datasheet
392Kb / 29P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com