Electronic Components Datasheet Search |
|
PRG18BC4R7MM1RB Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd. |
|
PRG18BC4R7MM1RB Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd. |
2 / 3 page Product Search Data Sheet Note: This datasheet may be out of date. Please download the latest datasheet of PRG18BC4R7MM1RB from the official website of Murata Manufacturing Co., Ltd. http://www.murata.com/en-us/products/productdetail?partno=PRG18BC4R7MM1RB PRG18BC4R7MM1RB Specifications Max. Voltage 20V Hold Current 52mA Measure Condition of Hold Current (at ℃ +85 ) Hold Current (2) 155mA Measure Condition of Hold Current (2) (at ℃ +25 ) Trip Current 330mA Measure Condition of Trip Current (at ℃ +25 ) Trip Current(2) 420mA Measure Condition of Trip Current(2) (at - ℃ 20 ) Max. Current 5000mA Resistance ℃ (25 ) 4.7Ω Resistance Value Tolerance (at ℃ 25 ) ±20% Operating Temperature Range - ℃ 20 to ℃ 85 Size Code (in mm) 1.6x0.8mm Size Code (in inch) 0.6x0.3inch Shape SMD Mass 0.004g 2 of 3 Atten ti o n 1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering. 2.This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering. URL : http://www.murata.com/ Last : updated 2017/09/13 |
Similar Part No. - PRG18BC4R7MM1RB |
|
Similar Description - PRG18BC4R7MM1RB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |