Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRG21BC1R0MM1RA Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # PRG21BC1R0MM1RA
Description  Thermistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PRG21BC1R0MM1RA Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  PRG21BC1R0MM1RA Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. PRG21BC1R0MM1RA Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. PRG21BC1R0MM1RA Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Search Data Sheet
Note: This datasheet may be out of date.
Please download the latest datasheet of PRG21BC1R0MM1RA from the official website of Murata
Manufacturing Co., Ltd.
http://www.murata.com/en-us/products/productdetail?partno=PRG21BC1R0MM1RA
PRG21BC1R0MM1RA
Specifications
Max. Voltage
12V
Hold Current
138mA
Measure Condition of Hold Current
(at
+85
)
Hold Current (2)
330mA
Measure Condition of Hold Current (2) (at
+25
)
Trip Current
740mA
Measure Condition of Trip Current
(at
+25
)
Trip Current(2)
880mA
Measure Condition of Trip Current(2)
(at -
20
)
Max. Current
10000mA
Resistance
(25
)
Resistance Value Tolerance (at
25
)
±20%
Operating Temperature Range
-
20
to
85
Size Code (in mm)
2.0x1.25mm
Size Code (in inch)
0.8x0.5inch
Shape
SMD
Mass
0.009g
2 of 3
Atten ti o n
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
updated 2017/09/13


Similar Part No. - PRG21BC1R0MM1RA

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PRG21BC1R0MM1RA MURATA-PRG21BC1R0MM1RA Datasheet
1,015Kb / 39P
   DESIGN ENGINEERING KITS
logo
Murata Manufacturing Co...
PRG21BC1R0MM1RA MURATA1-PRG21BC1R0MM1RA Datasheet
655Kb / 3P
   PTC Thermistors
02/05/2024
PRG21BC1R0MM1RA MURATA1-PRG21BC1R0MM1RA_V01 Datasheet
655Kb / 3P
   PTC Thermistors
02/05/2024
More results

Similar Description - PRG21BC1R0MM1RA

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
TSM MERITEK-TSM Datasheet
156Kb / 3P
   NTC Thermistors SMD Thermistors
logo
Murata Manufacturing Co...
PRG18BC3R3MM1RB MURATA-PRG18BC3R3MM1RB_17 Datasheet
222Kb / 3P
   Thermistors
PRG18BB330MB1RB MURATA-PRG18BB330MB1RB Datasheet
227Kb / 3P
   Thermistors
PRG18BB470MB1RB MURATA-PRG18BB470MB1RB Datasheet
226Kb / 3P
   Thermistors
PRG18BC1R0MM1RB MURATA-PRG18BC1R0MM1RB_17 Datasheet
223Kb / 3P
   Thermistors
PRF18BG471RS5RB MURATA-PRF18BG471RS5RB_17 Datasheet
225Kb / 3P
   Thermistors
PRG15BC220MM1RC MURATA-PRG15BC220MM1RC_17 Datasheet
227Kb / 3P
   Thermistors
logo
List of Unclassifed Man...
334-NTC101-RC ETC2-334-NTC101-RC Datasheet
57Kb / 1P
   THERMISTORS
logo
Murata Manufacturing Co...
PRG18BB101MS1RB MURATA-PRG18BB101MS1RB Datasheet
224Kb / 3P
   Thermistors
PRG21BC2R2MS5RA MURATA-PRG21BC2R2MS5RA Datasheet
228Kb / 3P
   Thermistors
PRG21BC3R3MS5RA MURATA-PRG21BC3R3MS5RA Datasheet
230Kb / 3P
   Thermistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com