Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X1240S8I Datasheet(PDF) 8 Page - Xicor Inc.

Part # X1240S8I
Description  Real Time Clock/Calendar with EEPROM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X1240S8I Datasheet(HTML) 8 Page - Xicor Inc.

Back Button X1240S8I Datasheet HTML 4Page - Xicor Inc. X1240S8I Datasheet HTML 5Page - Xicor Inc. X1240S8I Datasheet HTML 6Page - Xicor Inc. X1240S8I Datasheet HTML 7Page - Xicor Inc. X1240S8I Datasheet HTML 8Page - Xicor Inc. X1240S8I Datasheet HTML 9Page - Xicor Inc. X1240S8I Datasheet HTML 10Page - Xicor Inc. X1240S8I Datasheet HTML 11Page - Xicor Inc. X1240S8I Datasheet HTML 12Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
X1240
8
Figure 6. Byte Write Sequence
Figure 7. Writing
30 bytes to a 64-byte page starting at adress 40.
Figure 8. Page Write Sequence
S
t
a
r
t
S
t
o
p
Slave
Address
Word
Address 1
Data
A
C
K
A
C
K
A
C
K
SDA Bus
Signals from
the Slave
Signals from
the Master
0
A
C
K
Word
Address 0
1
1
1
1
0000 0
address
address
40
23 bytes
63
7 bytes
address
= 6
address pointer
ends here
Addr = 7
Word
Address 0
S
t
a
r
t
S
t
o
p
Slave
Address
Word
Address 1
Data
(n)
A
C
K
A
C
K
A
C
K
SDA Bus
Signals from
the Slave
Signals from
the Master
0
Data
(1)
A
C
K
(1 < n < 64)
1
1
1
10 0 0 0 0
Page Write
The X1240 has a page write operation. It is initiated in
the same manner as the byte write operation; but instead
of terminating the write cycle after the first data byte is
transferred, the master can transmit up to 63 more bytes
to the memory array and up to 7 more bytes to the
clock/control registers. (Note: Prior to writing to the
CCR, the master must write a 02h, then 06h to the sta-
tus register in two preceding operations to enable the
write operation. See “Writing to the Clock/Control Reg-
isters” on page 5.)
After the receipt of each byte, the X1240 responds
with an acknowledge, and the address is internally
incremented by one. When the counter reaches the
end of the page, it “rolls over” and goes back to the
first address on the same page. This means that the
master can write 64 bytes to a memory array page or 8
bytes to a CCR section starting at any location on that
page. If the master begins writing at location 40 of the
memory and loads 30 bytes, then the first 23 bytes are
written to addresses 40 through 63, and the last 7
bytes are written to columns 0 through 6. Afterwards,


Similar Part No. - X1240S8I

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X1243 XICOR-X1243 Datasheet
90Kb / 18P
   Real Time Clock/Calendar/Alarm with EEPROM
logo
Intersil Corporation
X1243 INTERSIL-X1243 Datasheet
293Kb / 17P
   Real Time Clock/Calendar/Alarm with EEPROM
logo
Renesas Technology Corp
X1243 RENESAS-X1243 Datasheet
713Kb / 17P
   16K (2K x 8), 2-Wire RTC Real Time Clock/Calendar/Alarm with EEPROM
April 28, 2005
logo
Texas Instruments
X1243BIGABL TI1-X1243BIGABL Datasheet
864Kb / 48P
[Old version datasheet]   Single-Chip 77- and 79-GHz FMCW Transceiver
X1243BIGABL TI1-X1243BIGABL Datasheet
864Kb / 49P
[Old version datasheet]   Single-Chip 77- and 79-GHz FMCW Transceiver
More results

Similar Description - X1240S8I

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL12027 INTERSIL-ISL12027_10 Datasheet
390Kb / 28P
   Real Time Clock/Calendar with EEPROM
ISL12027 INTERSIL-ISL12027 Datasheet
414Kb / 28P
   Real Time Clock/Calendar with EEPROM
logo
Renesas Technology Corp
ISL12027 RENESAS-ISL12027 Datasheet
1Mb / 29P
   Real Time Clock/Calendar with EEPROM
logo
Intersil Corporation
ISL12026 INTERSIL-ISL12026 Datasheet
381Kb / 24P
   Real Time Clock/Calendar with EEPROM
ISL12029 INTERSIL-ISL12029 Datasheet
426Kb / 28P
   Real Time Clock/Calendar with EEPROM
logo
Xicor Inc.
X1226 XICOR-X1226 Datasheet
420Kb / 24P
   Real Time Clock/Calendar with EEPROM
logo
Intersil Corporation
ISL12028 INTERSIL-ISL12028 Datasheet
423Kb / 28P
   Real Time Clock/Calendar with EEPROM
X1226 INTERSIL-X1226_06 Datasheet
372Kb / 25P
   Real Time Clock/Calendar with EEPROM
X1226 INTERSIL-X1226 Datasheet
388Kb / 25P
   Real Time Clock/Calendar with EEPROM
X1243 INTERSIL-X1243 Datasheet
293Kb / 17P
   Real Time Clock/Calendar/Alarm with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com