Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9241A Datasheet(PDF) 6 Page - Xicor Inc.

Part # X9241A
Description  Quad Digitally Controlled Potentiometer (XDCP)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9241A Datasheet(HTML) 6 Page - Xicor Inc.

Back Button X9241A Datasheet HTML 2Page - Xicor Inc. X9241A Datasheet HTML 3Page - Xicor Inc. X9241A Datasheet HTML 4Page - Xicor Inc. X9241A Datasheet HTML 5Page - Xicor Inc. X9241A Datasheet HTML 6Page - Xicor Inc. X9241A Datasheet HTML 7Page - Xicor Inc. X9241A Datasheet HTML 8Page - Xicor Inc. X9241A Datasheet HTML 9Page - Xicor Inc. X9241A Datasheet HTML 10Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
X9241A
Characteristics subject to change without notice.
6 of 18
REV 1.1.13 12/09/02
www.xicor.com
Figure 6. Increment/Decrement Timing Limits
Table 1. Instruction Set
Notes: (10) 1/0 = data is one or zero
(11) X = Not applicable or don’t care; that is, a data register is not involved in the operation and need not be addressed (typical)
Instruction
Instruction Format
Operation
I3
I2
I1
I0
P1
P0
R1
R0
Read WCR
1
0
0
1
1/0(10)
1/0
X(11)
X
Read the contents of the Wiper Counter
Register pointed to by P1–P0
Write WCR
1
0
1
0
1/0
1/0
X
X
Write new value to the Wiper Counter
Register pointed to by P1–P0
Read Data
Register
1
0
1
1
1/0
1/0
1/0
1/0
Read the contents of the Register
pointed to by P1–P0 and R1–R0
Write Data
Register
1
1
0
0
1/0
1/0
1/0
1/0
Write new value to the Register pointed
to by P1–P0 and R1–R0
XFR Data
Register to
WCR
1
1
0
1
1/0
1/0
1/0
1/0
Transfer the contents of the Register
pointed to by P1–P0 and R1–R0 to its
associated WCR
XFR WCR to
Data Register
1
1
1
0
1/0
1/0
1/0
1/0
Transfer the contents of the WCR
pointed to by P1–P0 to the Register
pointed to by R1–R0
Global XFR
Data Register to
WCR
0
0
0
1
X
X
1/0
1/0
Transfer the contents of the Data
Registers pointed to by R1–R0 of all four
pots to their respective WCR
Global XFR
WCR to Data
Register
1
0
0
0
X
X
1/0
1/0
Transfer the contents of all WCRs to their
respective data Registers pointed to by
R1–R0 of all four pots
Increment/
Decrement
Wiper
0
0
1
0
1/0
1/0
X
X
Enable Increment/decrement of the
WCR pointed to by P1–P0
SCL
SDA
VW/RW
INC/DEC
CMD
ISSUED
Voltage Out
tCLWV


Similar Part No. - X9241A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9241A INTERSIL-X9241A Datasheet
315Kb / 16P
   Low Powr/2-Wire Serial Bus
X9241A INTERSIL-X9241A Datasheet
262Kb / 16P
   Quad Digital Controlled Potentionmeters (XDCP??
X9241A INTERSIL-X9241A Datasheet
285Kb / 16P
   Quad Digital Controlled Potentionmeters (XDCP??
X9241A INTERSIL-X9241A Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
X9241A RENESAS-X9241A Datasheet
722Kb / 17P
   Quad Digital Controlled Potentionmeters (XDCP?? Non-Volatile/Low Power/2-Wire/64 Taps
More results

Similar Description - X9241A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22444 INTERSIL-ISL22444 Datasheet
724Kb / 19P
   Quad Digitally Controlled Potentiometer XDCP
logo
Xicor Inc.
X9252 XICOR-X9252 Datasheet
126Kb / 21P
   Quad Digitally-Controlled (XDCP) potentiometer
logo
Intersil Corporation
ISL22343 INTERSIL-ISL22343 Datasheet
703Kb / 18P
   Quad Digitally Controlled Potentiometer XDCP
logo
Xicor Inc.
X9251 XICOR-X9251 Datasheet
549Kb / 25P
   Quad Digitally-Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9251 INTERSIL-X9251_07 Datasheet
331Kb / 20P
   Quad Digitally-Controlled (XDCP?? Potentiometer
ISL22446 INTERSIL-ISL22446 Datasheet
564Kb / 15P
   Quad Digitally Controlled Potentiometer XDCP
X9313 INTERSIL-X9313_08 Datasheet
284Kb / 12P
   Digitally Controlled Potentiometer (XDCP??
X9317 INTERSIL-X9317_09 Datasheet
445Kb / 15P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
   Digitally Controlled Potentiometer XDCP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com