Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9252 Datasheet(PDF) 9 Page - Xicor Inc.

Part # X9252
Description  Quad Digitally-Controlled (XDCP) potentiometer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9252 Datasheet(HTML) 9 Page - Xicor Inc.

Back Button X9252 Datasheet HTML 5Page - Xicor Inc. X9252 Datasheet HTML 6Page - Xicor Inc. X9252 Datasheet HTML 7Page - Xicor Inc. X9252 Datasheet HTML 8Page - Xicor Inc. X9252 Datasheet HTML 9Page - Xicor Inc. X9252 Datasheet HTML 10Page - Xicor Inc. X9252 Datasheet HTML 11Page - Xicor Inc. X9252 Datasheet HTML 12Page - Xicor Inc. X9252 Datasheet HTML 13Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
9 of 21
REV 1.4.1 7/29/03
www.xicor.com
X9252
PIN DESCRIPTIONS
Bus Interface Pins
SERIAL DATA INPUT/OUTPUT (SDA)
The SDA is a bidirectional serial data input/output pin for
the 2-wire interface. It receives device address, operation
code, wiper register address and data from a 2-wire
external master device at the rising edge of the serial
clock SCL, and it shifts out data after each falling edge of
the serial clock SCL.
SDA requires an external pull-up resistor, since it’s an
open drain output.
SERIAL CLOCK (SCL)
This input is the serial clock of the 2-wire and Up/Down
interface.
DEVICE ADDRESS (A2–A0)
The Address inputs are used to set the least significant
3 bits of the 8-bit 2-wire interface slave address. A
match in the slave address serial data stream must be
made with the Address input pins in order to initiate
communication with the X9252. A maximum of 8
devices may occupy the 2-wire serial bus.
CHIP SELECT (CS)
When the CS pin is low, increment or decrement
operations are possible using the SCL and U/D pins.
The 2-wire interface is disabled at this time. When CS
is high, the 2-wire interface is enabled.
UP OR DOWN CONTROL (U/D)
The U/D input pin is held HIGH during increment oper-
ations and held LOW during decrement operations.
DCP SELECT (DS1-DS0)
The DS1-DS0 select one of the four DCPs for an Up/
Down interface operation.
HARDWARE WRITE PROTECT INPUT (WP)
When the WP pin is set low, “write” operations to non
volatile DCP Data Registers are disabled. This
includes both 2-wire interface non-volatile “Write”, and
Up/Down interface “Store” operations.
DCP Pins
RH0, RL0, RH1, RL1, RH2, RL2, RH3, AND RL3
These pins are equivalent to the terminal connections
on mechanical potentiometers. Since there are 4
DCPs, there is one set of RH and RL for each DCP.
RW0, RW1, RW2, AND RW3
The wiper pins are equivalent to the wiper terminal of
mechanical potentiometers. Since there are four
DCPs, there are 4 RW pins.


Similar Part No. - X9252

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9252 INTERSIL-X9252 Datasheet
389Kb / 19P
   Low Power Quad 256-Tap 2-Wire Bus Up/Down Interface
X9252 INTERSIL-X9252 Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
X9252 RENESAS-X9252 Datasheet
800Kb / 19P
   Low Power Quad 256-tap 2-Wire Bus Up/Down Interface Quad Digitally-Controlled (XDCP?? Potentiometer
logo
Intersil Corporation
X9252 INTERSIL-X9252 Datasheet
445Kb / 19P
   Quad Digitally-Controlled Potentiometer
July 24, 2014
X9252TS24I-2.7 INTERSIL-X9252TS24I-2.7 Datasheet
389Kb / 19P
   Low Power Quad 256-Tap 2-Wire Bus Up/Down Interface
More results

Similar Description - X9252

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22444 INTERSIL-ISL22444 Datasheet
724Kb / 19P
   Quad Digitally Controlled Potentiometer XDCP
ISL22343 INTERSIL-ISL22343 Datasheet
703Kb / 18P
   Quad Digitally Controlled Potentiometer XDCP
logo
Xicor Inc.
X9241A XICOR-X9241A Datasheet
364Kb / 18P
   Quad Digitally Controlled Potentiometer (XDCP)
X9251 XICOR-X9251 Datasheet
549Kb / 25P
   Quad Digitally-Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9251 INTERSIL-X9251_07 Datasheet
331Kb / 20P
   Quad Digitally-Controlled (XDCP?? Potentiometer
ISL22446 INTERSIL-ISL22446 Datasheet
564Kb / 15P
   Quad Digitally Controlled Potentiometer XDCP
X9313 INTERSIL-X9313_08 Datasheet
284Kb / 12P
   Digitally Controlled Potentiometer (XDCP??
X9317 INTERSIL-X9317_09 Datasheet
445Kb / 15P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
   Digitally Controlled Potentiometer XDCP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com