Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR30100 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # MBR30100
Description  Voltage 100 V 30.0 Amp Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MBR30100 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  MBR30100 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MBR30100 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
MBR30100
Voltage 100 V
30.0 Amp Schottky Barrier Rectifiers
26-Sep-2014 Rev. A
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RATINGS AND CHARACTERISTIC CURVES


Similar Part No. - MBR30100

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR30100 MCC-MBR30100 Datasheet
132Kb / 3P
   30 Amp Rectifier 20 to 100 Volts Schottky Barrier
logo
Shenzhen Ping Sheng Ele...
MBR30100 PFS-MBR30100 Datasheet
305Kb / 3P
   Schottky Barrier Rectifier
logo
Gaomi Xinghe Electronic...
MBR30100 GXELECTRONICS-MBR30100 Datasheet
540Kb / 3P
   30 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
New Jersey Semi-Conduct...
MBR30100 NJSEMI-MBR30100 Datasheet
123Kb / 2P
   Schottky Barrier Rectifier
logo
Guangdong Juxing Electr...
MBR30100 JUXING-MBR30100 Datasheet
2Mb / 2P
   Schottky Barrier Rectifiers
More results

Similar Description - MBR30100

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
MBR30100F SECOS-MBR30100F Datasheet
146Kb / 2P
   Voltage 100 V 30.0 Amp Schottky Barrier Rectifiers
SBR30100 SECOS-SBR30100 Datasheet
159Kb / 2P
   VOLTAGE 100 V 30.0 Amp Schottky Barrier Rectifiers
SBR30100R SECOS-SBR30100R_11 Datasheet
250Kb / 2P
   Voltage 100 V 30.0 Amp Schottky Barrier Rectifiers
SBL30H100R SECOS-SBL30H100R Datasheet
282Kb / 2P
   VOLTAGE 100 V 30.0 Amp Low VF Schottky Barrier Rectifiers
SBR3060R SECOS-SBR3060R_11 Datasheet
249Kb / 2P
   Voltage 60 V 30.0 Amp Schottky Barrier Rectifiers
SBR3045I SECOS-SBR3045I Datasheet
273Kb / 2P
   Voltage 45 V 30.0 Amp Schottky Barrier Rectifiers
SBR3060 SECOS-SBR3060 Datasheet
158Kb / 2P
   VOLTAGE 60 V 30.0 Amp Schottky Barrier Rectifiers
SBR3040R SECOS-SBR3040R_11 Datasheet
249Kb / 2P
   Voltage 40 V 30.0 Amp Schottky Barrier Rectifiers
SBR3045R SECOS-SBR3045R_11 Datasheet
249Kb / 2P
   Voltage 45 V 30.0 Amp Schottky Barrier Rectifiers
SBR30200R SECOS-SBR30200R_11 Datasheet
253Kb / 2P
   Voltage 200 V 30.0 Amp Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com