Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9252UV24I-2.7 Datasheet(PDF) 4 Page - Xicor Inc.

Part # X9252UV24I-2.7
Description  Quad Digitally-Controlled (XDCP) potentiometer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9252UV24I-2.7 Datasheet(HTML) 4 Page - Xicor Inc.

  X9252UV24I-2.7 Datasheet HTML 1Page - Xicor Inc. X9252UV24I-2.7 Datasheet HTML 2Page - Xicor Inc. X9252UV24I-2.7 Datasheet HTML 3Page - Xicor Inc. X9252UV24I-2.7 Datasheet HTML 4Page - Xicor Inc. X9252UV24I-2.7 Datasheet HTML 5Page - Xicor Inc. X9252UV24I-2.7 Datasheet HTML 6Page - Xicor Inc. X9252UV24I-2.7 Datasheet HTML 7Page - Xicor Inc. X9252UV24I-2.7 Datasheet HTML 8Page - Xicor Inc. X9252UV24I-2.7 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4 of 21
REV 1.4.1 7/29/03
www.xicor.com
X9252
ABSOLUTE MAXIMUM RATINGS
Junction Temperature under bias ......–65
°C to +135°C
Storage temperature .........................–65
°C to +150°C
Voltage at any digital interface pin
with respect to VSS..................................–1V to +7V
VCC ............................................................–1V to +7V
Voltage at any DCP pin with
respect to VSS..........................................-1V to VCC
Lead temperature (soldering, 10 seconds).........300
°C
IW (10 seconds) ................................................. ±6mA
COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only; the functional operation of
the device (at these or any other conditions above
those listed in the operational sections of this specifica-
tion) is not implied. Exposure to absolute maximum rat-
ing conditions for extended periods may affect device
reliability.
RECOMMENDED OPERATING CONDITIONS
Temp
Min.
Max.
Commercial
0
°C
+70
°C
Industrial
–40
°C
+85
°C
Device
Supply Voltage (VCC)
(4) Limits
X9252
2.7V to 5.5V
ANALOG CHARACTERISTICS
(Over recommended operating conditions unless otherwise stated.)
Symbol
Parameter
Limits
Test Conditions
Min.
Typ.(4)
Max.
Unit
RTOTAL
End to end resistance
2.8, 10,
50, 100
k
Y, W, U, T versions respectively
End to end resistance tolerance
-20
+20
%
Power rating
50
mW
25°C, each DCP
RTOTAL
Matching
DCP to DCP resistance
matching
0.75
2.0
%
IW
(5)
Wiper current
-3.0
+3.0
mA
See test circuit
RW
Wiper resistance
50
150
Wiper current =
VTERM
Voltage on any DCP pin
Vss
Vcc
V
Noise(5)
-120
dBV
Ref: 1kHz
Resolution
0.4
%
Absolute linearity(1)
–1
+1
MI(3)
V(RH0)=V(RH1)=V(RH2)=V(RH3)=VCC
V(RL0)=V(RL1)=V(RL2)=V(RL3)=VSS
Relative linearity(2)
–0.3
+0.3
MI(3)
Temperature coefficient of
resistance(5)
±300
ppm/
°C
Ratiometric Temperature(5)
Coefficient
–20
+20
ppm/°C
CH/CL/CW Potentiometer Capacitance
(5)
10/10/25
pF
See equivalent circuit
IOL
Leakage on DCP pins
0.1
10
µA
Voltage at pin from VSS to VCC
VCC
RTOTAL


Similar Part No. - X9252UV24I-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9252UV24I-2.7 INTERSIL-X9252UV24I-2.7 Datasheet
389Kb / 19P
   Low Power Quad 256-Tap 2-Wire Bus Up/Down Interface
More results

Similar Description - X9252UV24I-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22444 INTERSIL-ISL22444 Datasheet
724Kb / 19P
   Quad Digitally Controlled Potentiometer XDCP
ISL22343 INTERSIL-ISL22343 Datasheet
703Kb / 18P
   Quad Digitally Controlled Potentiometer XDCP
logo
Xicor Inc.
X9241A XICOR-X9241A Datasheet
364Kb / 18P
   Quad Digitally Controlled Potentiometer (XDCP)
X9251 XICOR-X9251 Datasheet
549Kb / 25P
   Quad Digitally-Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9251 INTERSIL-X9251_07 Datasheet
331Kb / 20P
   Quad Digitally-Controlled (XDCP?? Potentiometer
ISL22446 INTERSIL-ISL22446 Datasheet
564Kb / 15P
   Quad Digitally Controlled Potentiometer XDCP
X9313 INTERSIL-X9313_08 Datasheet
284Kb / 12P
   Digitally Controlled Potentiometer (XDCP??
X9317 INTERSIL-X9317_09 Datasheet
445Kb / 15P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
   Digitally Controlled Potentiometer XDCP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com