Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9252TV24I-2.7 Datasheet(PDF) 6 Page - Xicor Inc.

Part # X9252TV24I-2.7
Description  Quad Digitally-Controlled (XDCP) potentiometer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9252TV24I-2.7 Datasheet(HTML) 6 Page - Xicor Inc.

Back Button X9252TV24I-2.7 Datasheet HTML 2Page - Xicor Inc. X9252TV24I-2.7 Datasheet HTML 3Page - Xicor Inc. X9252TV24I-2.7 Datasheet HTML 4Page - Xicor Inc. X9252TV24I-2.7 Datasheet HTML 5Page - Xicor Inc. X9252TV24I-2.7 Datasheet HTML 6Page - Xicor Inc. X9252TV24I-2.7 Datasheet HTML 7Page - Xicor Inc. X9252TV24I-2.7 Datasheet HTML 8Page - Xicor Inc. X9252TV24I-2.7 Datasheet HTML 9Page - Xicor Inc. X9252TV24I-2.7 Datasheet HTML 10Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
6 of 21
REV 1.4.1 7/29/03
www.xicor.com
X9252
2-WIRE INTERFACE TIMING(S)
SDA vs. SCL Timing
WP, A0, A1, and A2 Pin Timing
Symbol
Parameter
Min.
Max.
Units
fSCL
Clock Frequency
400
kHz
tHIGH
Clock High Time
600
ns
tLOW
Clock Low Time
1300
ns
tSU:STA
Start Condition Setup Time
600
ns
tHD:STA
Start Condition Hold Time
600
ns
tSU:STO
Stop Condition Setup Time
600
ns
tSU:DAT
SDA Data Input Setup Time
100
ns
tHD:DAT
SDA Data Input Hold Time
30
ns
tR
(5)
SCL and SDA Rise Time
300
ns
tF
(5)
SCL and SDA Fall Time
300
ns
tAA
(5)
SCL Low to SDA Data Output Valid Time
0.9
µs
tDH
SDA Data Output Hold Time
0
ns
tIN
(5)
Pulse Width Suppression Time at SCL and SDA inputs
50
ns
tBUF
(5)
Bus Free Time (Prior to Any Transmission)
1200
ns
tSU:WPA
(5)
A0, A1, A2 and WP Setup Time
600
ns
tHD:WPA
(5)
A0, A1, A2 and WP Hold Time
600
ns
tSU:STO
tDH
tHIGH
tSU:STA
tHD:STA
tHD:DAT
tSU:DAT
SCL
SDA
(Input Timing)
SDA
(Output Timing)
tF
tLOW
tBUF
tAA
tR
tHD:WP
SCL
SDA IN
WP, A0, A1, or A2
tSU:WP
Clk 1
START
STOP


Similar Part No. - X9252TV24I-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9252TV24I-2.7 INTERSIL-X9252TV24I-2.7 Datasheet
389Kb / 19P
   Low Power Quad 256-Tap 2-Wire Bus Up/Down Interface
More results

Similar Description - X9252TV24I-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22444 INTERSIL-ISL22444 Datasheet
724Kb / 19P
   Quad Digitally Controlled Potentiometer XDCP
ISL22343 INTERSIL-ISL22343 Datasheet
703Kb / 18P
   Quad Digitally Controlled Potentiometer XDCP
logo
Xicor Inc.
X9241A XICOR-X9241A Datasheet
364Kb / 18P
   Quad Digitally Controlled Potentiometer (XDCP)
X9251 XICOR-X9251 Datasheet
549Kb / 25P
   Quad Digitally-Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9251 INTERSIL-X9251_07 Datasheet
331Kb / 20P
   Quad Digitally-Controlled (XDCP?? Potentiometer
ISL22446 INTERSIL-ISL22446 Datasheet
564Kb / 15P
   Quad Digitally Controlled Potentiometer XDCP
X9313 INTERSIL-X9313_08 Datasheet
284Kb / 12P
   Digitally Controlled Potentiometer (XDCP??
X9317 INTERSIL-X9317_09 Datasheet
445Kb / 15P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
   Digitally Controlled Potentiometer XDCP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com